Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ISO7230CDWRG4 Datasheet(PDF) 4 Page - Texas Instruments

Part # ISO7230CDWRG4
Description  HIGH SPEED, TRIPLE DIGITAL ISOLATORS
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

ISO7230CDWRG4 Datasheet(HTML) 4 Page - Texas Instruments

  ISO7230CDWRG4 Datasheet HTML 1Page - Texas Instruments ISO7230CDWRG4 Datasheet HTML 2Page - Texas Instruments ISO7230CDWRG4 Datasheet HTML 3Page - Texas Instruments ISO7230CDWRG4 Datasheet HTML 4Page - Texas Instruments ISO7230CDWRG4 Datasheet HTML 5Page - Texas Instruments ISO7230CDWRG4 Datasheet HTML 6Page - Texas Instruments ISO7230CDWRG4 Datasheet HTML 7Page - Texas Instruments ISO7230CDWRG4 Datasheet HTML 8Page - Texas Instruments ISO7230CDWRG4 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 25 page
background image
ISO7230C, ISO7230M
ISO7231C, ISO7231M
SLLS867H – SEPTEMBER 2007 – REVISED DECEMBER 2009
www.ti.com
ELECTRICAL CHARACTERISTICS: VCC1 and VCC2 at 5-V
(1) OPERATION
over recommended operating conditions (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
SUPPLY CURRENT
Quiescent
1
3
VI = VCC or 0 V, All channels, no load,
ISO7230C/M
mA
EN2 at 3 V
25 Mbps
7
9.5
ICC1
Quiescent
6.5
11
VI = VCC or 0 V, All channels, no load,
ISO7231C/M
mA
EN1 at 3 V, EN2 at 3 V
25 Mbps
11
17
Quiescent
15
22
VI = VCC or 0 V, All channels, no load,
ISO7230C/M
mA
EN2 at 3 V
25 Mbps
17
24
ICC2
Quiescent
13
20
VI = VCC or 0 V, All channels, no load,
ISO7231C/M
mA
EN1 at 3 V, EN2 at 3 V
25 Mbps
17.5
27
ELECTRICAL CHARACTERISTICS
IOFF
Sleep mode output current
EN at 0 V, Single channel
0
μA
IOH = –4 mA, See Figure 1
VCC – 0.8
VOH
High-level output voltage
V
IOH = –20 μA, See Figure 1
VCC – 0.1
IOL = 4 mA, See Figure 1
0.4
VOL
Low-level output voltage
V
IOL = 20 μA, See Figure 1
0.1
VI(HYS)
Input voltage hysteresis
150
mV
IIH
High-level input current
10
IN from 0 V to VCC
μA
IIL
Low-level input current
–10
CI
Input capacitance to ground
IN at VCC, VI = 0.4 sin (4E6πt)
2
pF
CMTI
Common-mode transient immunity
VI = VCC or 0 V, See Figure 4
25
50
kV/
μs
(1)
For the 5-V operation, VCC1 or VCC2 is specified from 4.5 V to 5.5 V.
For the 3-V operation, VCC1 or VCC2 is specified from 3.15 V to 3.6 V.
4
Submit Documentation Feedback
Copyright © 2007–2009, Texas Instruments Incorporated
Product Folder Link(s): ISO7230C, ISO7230M ISO7231C, ISO7231M


Similar Part No. - ISO7230CDWRG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ISO7230CDWRG4 TI-ISO7230CDWRG4 Datasheet
744Kb / 23P
[Old version datasheet]   HIGH SPEED, TRIPLE DIGITAL ISOLATORS
More results

Similar Description - ISO7230CDWRG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ISO7231C-Q1 TI1-ISO7231C-Q1 Datasheet
804Kb / 23P
[Old version datasheet]   HIGH SPEED, TRIPLE DIGITAL ISOLATORS
ISO7230C-Q1 TI-ISO7230C-Q1_15 Datasheet
968Kb / 24P
[Old version datasheet]   HIGH SPEED, TRIPLE DIGITAL ISOLATORS
ISO7230C TI-ISO7230C Datasheet
744Kb / 23P
[Old version datasheet]   HIGH SPEED, TRIPLE DIGITAL ISOLATORS
logo
AVAGO TECHNOLOGIES LIMI...
HCPL-0931-500E AVAGO-HCPL-0931-500E Datasheet
357Kb / 14P
   High Speed Digital Isolators
logo
Texas Instruments
ISO7730 TI1-ISO7730_16 Datasheet
1Mb / 37P
[Old version datasheet]   High Speed, Robust EMC Reinforced Triple-Channel Digital Isolators
logo
Agilent(Hewlett-Packard...
HCPL9000 HP-HCPL9000 Datasheet
449Kb / 12P
   High Speed Digital Isolators
logo
AVAGO TECHNOLOGIES LIMI...
HCPL-090J-000E AVAGO-HCPL-090J-000E Datasheet
357Kb / 14P
   High Speed Digital Isolators
HCPL-0930-000E AVAGO-HCPL-0930-000E Datasheet
319Kb / 14P
   High Speed Digital Isolators
logo
Texas Instruments
ISO7730 TI1-ISO7730_17 Datasheet
1Mb / 39P
[Old version datasheet]   High-Speed, Robust-EMC Reinforced Triple-Channel Digital Isolators
ISO7730-Q1 TI1-ISO7730-Q1 Datasheet
1Mb / 38P
[Old version datasheet]   High-Speed, Robust-EMC Reinforced Triple-Channel Digital Isolators
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com