Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CC1110FX Datasheet(PDF) 8 Page - Texas Instruments

Part # CC1110FX
Description  Low-Power SoC (System-on-Chip) with MCU, Memory,Sub-1 GHz RF Transceiver, and USB Controller
Download  247 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CC1110FX Datasheet(HTML) 8 Page - Texas Instruments

Back Button CC1110FX Datasheet HTML 4Page - Texas Instruments CC1110FX Datasheet HTML 5Page - Texas Instruments CC1110FX Datasheet HTML 6Page - Texas Instruments CC1110FX Datasheet HTML 7Page - Texas Instruments CC1110FX Datasheet HTML 8Page - Texas Instruments CC1110FX Datasheet HTML 9Page - Texas Instruments CC1110FX Datasheet HTML 10Page - Texas Instruments CC1110FX Datasheet HTML 11Page - Texas Instruments CC1110FX Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 247 page
background image
CC1110Fx / CC1111Fx
SWRS033G
Page 8 of 244
4
Operating Conditions
4.1
CC1110Fx Operating Conditions
The operating conditions for
CC1110Fx are listed in Table 3 below.
Parameter
Min
Max
Unit
Condition
Operating ambient temperature, TA
−40
85
C
Operating supply voltage (VDD)
2.0
3.6
V
All supply pins must have the same voltage
Table 3: Operating Conditions for
CC1110Fx
4.2
CC1111Fx Operating Conditions
The operating conditions for
CC1111Fx are listed in Table 4 below.
Parameter
Min
Max
Unit
Condition
Operating ambient temperature, TA
0
85
C
Operating supply voltage (VDD)
3.0
3.6
V
All supply pins must have the same voltage
Table 4: Operating Conditions for
CC1111Fx
5
General Characteristics
TA = 25C, VDD = 3.0 V if nothing else stated
Parameter
Min
Typ
Max
Unit
Condition/Note
Radio part
300
348
MHz
391
464
MHz
Frequency range
782
928
MHz
Data rate
1.2
1.2
26
500
250
500
kBaud
kBaud
kBaud
2-FSK (500 kBaud only characterized @ 915
MHz on
CC1110Fx)
GFSK, OOK, and ASK
(Shaped) MSK (also known as differential
offset QPSK) 500 kBaud only characterized
@ 915 MHz
Optional Manchester encoding (the data rate
in kbps will be half the baud rate)
Wake-Up Timing
PM1
 Active Mode
4
µs
Digital regulator on. HS RCOSC and high
speed crystal oscillator off. 32.768 kHz
XOSC or low power RCOSC running.
SLEEP.OSC_PD=1
and CLKCON.OSC=1
PM2/3
 Active Mode
100
µs
Digital regulator off. HS RCOSC and high
speed crystal oscillator off. 32.768 kHz
XOSC or low power RCOSC running (PM2).
No crystal oscillators or RC oscillators are
running in PM3
SLEEP.OSC_PD=1
and CLKCON.OSC=1
Table 5: General Characteristics


Similar Part No. - CC1110FX

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CC1110FX TI-CC1110FX Datasheet
2Mb / 243P
[Old version datasheet]   Low-Power SoC (System-on-Chip) with MCU, Memory, Sub-1 GHz RF Transceiver, and USB Controller
CC1110FX TI-CC1110FX Datasheet
3Mb / 245P
[Old version datasheet]   Low-Power SoC (System-on-Chip) with MCU, Memory, Sub-1 GHz RF Transceiver, and USB Controller
logo
TEXAS ADVANCED OPTOELEC...
CC1110FX TAOS-CC1110FX Datasheet
2Mb / 240P
   Low-power sub-1 GHz RF System-on-Chip (SoC) with MCU, memory, transceiver, and USB controller
logo
Texas Instruments
CC1110FX TI-CC1110FX Datasheet
3Mb / 247P
[Old version datasheet]   Low-Power SoC (System-on-Chip) with MCU, Memory, Sub-1 GHz RF Transceiver, and USB Controller
CC1110FX TI1-CC1110FX Datasheet
3Mb / 249P
[Old version datasheet]   Low-Power SoC (System-on-Chip) with MCU, Memory, Sub-1 GHz RF Transceiver, and USB Controller
More results

Similar Description - CC1110FX

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CC1110FX TI-CC1110FX Datasheet
2Mb / 243P
[Old version datasheet]   Low-Power SoC (System-on-Chip) with MCU, Memory, Sub-1 GHz RF Transceiver, and USB Controller
CC1110FX TI-CC1110FX_08 Datasheet
3Mb / 245P
[Old version datasheet]   Low-Power SoC (System-on-Chip) with MCU, Memory, Sub-1 GHz RF Transceiver, and USB Controller
CC1110FX TI-CC1110FX_10 Datasheet
3Mb / 247P
[Old version datasheet]   Low-Power SoC (System-on-Chip) with MCU, Memory, Sub-1 GHz RF Transceiver, and USB Controller
CC1110F32RHHR TI1-CC1110F32RHHR Datasheet
3Mb / 249P
[Old version datasheet]   Low-Power SoC (System-on-Chip) with MCU, Memory, Sub-1 GHz RF Transceiver, and USB Controller
logo
TEXAS ADVANCED OPTOELEC...
CC1110FX TAOS-CC1110FX Datasheet
2Mb / 240P
   Low-power sub-1 GHz RF System-on-Chip (SoC) with MCU, memory, transceiver, and USB controller
logo
Texas Instruments
CC1110F16 TI1-CC1110F16 Datasheet
3Mb / 247P
[Old version datasheet]   Low-Power SoC (System-on-Chip) with MCU, Memory, Sub-1 GHz RF Transceiver, and USB Controller
CC1110F8RHHR TI1-CC1110F8RHHR Datasheet
3Mb / 249P
[Old version datasheet]   Low-Power SoC (System-on-Chip) with MCU, Memory, Sub-1 GHz RF Transceiver, and USB Controller
CC2510FX TI-CC2510FX_10 Datasheet
2Mb / 244P
[Old version datasheet]   Low-Power SoC (System-on-Chip) with MCU, Memory, 2.4 GHz RF Transceiver, and USB Controller
CC2510F8RHHR TI-CC2510F8RHHR Datasheet
3Mb / 244P
[Old version datasheet]   Low-Power SoC (System-on-Chip) with MCU, Memory, 2.4 GHz RF Transceiver, and USB Controller
CC2510F16 TI1-CC2510F16 Datasheet
2Mb / 244P
[Old version datasheet]   Low-Power SoC (System-on-Chip) with MCU, Memory, 2.4 GHz RF Transceiver, and USB Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com