Electronic Components Datasheet Search |
|
BD00IC5EFJ-E2 Datasheet(PDF) 1 Page - Rohm |
|
BD00IC5EFJ-E2 Datasheet(HTML) 1 Page - Rohm |
1 / 12 page www.rohm.com 2010.04 - Rev.A © 2010 ROHM Co., Ltd. All rights reserved. 1/11 Secondary Variable Output LDO Regulator Series for Local Power Supplies 500mA Secondary Variable Output LDO Regulators for Local Power Supplies BD00HA5WEFJ ● Description BD00HA5WEFJ is a LDO regulator with output current 0.5A. The output accuracy is ±1% of output voltage. With external resistance, it is available to set the output voltage at random (from 1.5V to 7.0V) and also provides output voltage fixed type without external resistance. It is used for the wide applications of digital appliances. It has package type: HTSOP-J8. Over current protection (for protecting the IC destruction by output short circuit), circuit current ON/OFF switch (for setting the circuit 0μA at shutdown mode), and thermal shutdown circuit (for protecting IC from heat destruction by over load condition) are all built in. It is usable for ceramic capacitor and enables to improve smaller set and long-life. ● Features 1) Output current 0.5A 2) High accuracy reference voltage circuit 3) Built-in Over Current Protection circuit (OCP) 4) Built-in Thermal Shut Down circuit (TSD) 5) With shut down switch 6) Output voltage variable type (1.5V to 7.0V) 7) Package: HTSOP-J8 ● Output voltage differential Line up Signal Description a Output voltage (V) 00 Variable b Voltage resistance(V) E 24V H 10V F 20V I 7V G 15V c Output current (A) A1 0.1A C0 1.0A A3 0.3A C5 1.5A A5 0.5A D0 2.0A d Shutdown switch “W” Shutdown switch is built in “ ” Shutdown switch is not built in e Package EFJ HTSOP-J8 Product name Variable Package BD00HA5WEFJ ○ HTSOP-J8 No.10026EAT06 Product name : BD00HA5WEFJ a b c d e |
Similar Part No. - BD00IC5EFJ-E2 |
|
Similar Description - BD00IC5EFJ-E2 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |