Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SMDJ43A Datasheet(PDF) 1 Page - Littelfuse

Part # SMDJ43A
Description  Transient Voltage Suppression Diodes
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

SMDJ43A Datasheet(HTML) 1 Page - Littelfuse

  SMDJ43A Datasheet HTML 1Page - Littelfuse SMDJ43A Datasheet HTML 2Page - Littelfuse SMDJ43A Datasheet HTML 3Page - Littelfuse SMDJ43A Datasheet HTML 4Page - Littelfuse SMDJ43A Datasheet HTML 5Page - Littelfuse  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
53
©2009 Littelfuse, Inc.
Specifications are subject to change without notice.
Transient Voltage Suppression Diodes
Revision: January 09, 2009
SMDJ Series
Surface Mount – 3000W > SMDJ series
Please refer to http://www.Littelfuse.com/series/SMDJ.html for current information.
AGENCY
AGENCY FILE NUMBER
E230531
SMDJ Series
The SMDJ series is designed specifically to protect
sensitive electronic equipment from voltage transients
induced by lightning and other transient voltage events.
Description
Maximum Ratings and Thermal Characteristics
(T
A=25
O
C unless otherwise noted)
Agency Approvals
Parameter
Symbol
Value
Unit
Peak Pulse Power Dissipation at
T
A=25ºC by 10x1000μs waveform
(Fig.1)(Note 1), (Note 2)
P
PPM
3000
W
Power Dissipation on infinite heat
sink at T
A=50
O
C
P
M(AV)
6.5
W
Peak Forward Surge Current, 8.3ms
Single Half Sine Wave (Note 3)
I
FSM
300
A
Maximum Instantaneous Forward
Voltage at 100A for Unidirectional
only
V
F
3.5
V
Operating Junction and Storage
Temperature Range
T
J, TSTG
-65 to 150
°C
Typical Thermal Resistance Junction
to Lead
R
uJL
15
°C/W
Typical Thermal Resistance Junction
to Ambient
R
uJA
75
°C/W
Notes:
1. Non-repetitive current pulse , per Fig. 3 and derated above T
A = 25
O
C per Fig. 2.
2. Mounted on copper pad area of 0.31x0.31” (8.0 x 8.0mm) to each terminal.
3. Measured on 8.3ms single half sine wave or equivalent square wave for unidirectional
device only, duty cycle=4 per minute maximum.
TVS devices are ideal for the protection of I/O Interfaces,
V
CC bus and other vulnerable circuits used in Telecom,
Computer, Industrial and Consumer electronic applications.
Applications
Features
applications in order to
optimize board space
temperature coefficient
ΔV
BR = 0.1% x VBR@25°C x ΔT
junction
capability at 10×1000μs
waveform, repetition rate
(duty cycles):0.01%
typically less than 1.0ps
from 0V to BV min
capability
resistance
R less than 2μA
above 12V
soldering guaranteed:
260°C/40 seconds at
terminals
Underwriters Laboratory
Flammability 94V-O
RoHS


Similar Part No. - SMDJ43A

ManufacturerPart #DatasheetDescription
logo
SAMYANG ELECTRONICS CO....
SMDJ43A SAMYANG-SMDJ43A Datasheet
2Mb / 6P
   Transient Voltage Suppressor Diodes
logo
List of Unclassifed Man...
SMDJ43A ETC1-SMDJ43A Datasheet
546Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR VOLTAGE-5.0 TO 170 Volts 3000 Watt Peak Pulse Power
logo
Shanghai Semitech Semic...
SMDJ43A SEMITECH-SMDJ43A Datasheet
492Kb / 5P
   Halogen free and RoHS compliant
logo
Bytesonic Electronics C...
SMDJ43A BYTESONIC-SMDJ43A Datasheet
609Kb / 4P
   3000W Surface Mount Transient Voltage Suppressors
logo
UN Semiconducctor INC
SMDJ43A UNSEMI-SMDJ43A Datasheet
4Mb / 8P
   5.0 To 440V 3000W Surface Mount Transient Voltage Suppressors (TVS)
Revision March 1,2022
More results

Similar Description - SMDJ43A

ManufacturerPart #DatasheetDescription
logo
Littelfuse
15KPA150CA LITTELFUSE-15KPA150CA Datasheet
653Kb / 6P
   Transient Voltage Suppression Diodes
5.0SMDJ60CA LITTELFUSE-5.0SMDJ60CA Datasheet
1Mb / 5P
   Transient Voltage Suppression Diodes
P4KE LITTELFUSE-P4KE Datasheet
145Kb / 5P
   Transient Voltage Suppression Diodes
SACB LITTELFUSE-SACB Datasheet
181Kb / 4P
   Transient Voltage Suppression Diodes
P4SMA LITTELFUSE-P4SMA Datasheet
142Kb / 5P
   Transient Voltage Suppression Diodes
30KPA42A LITTELFUSE-30KPA42A Datasheet
1Mb / 6P
   Transient Voltage Suppression Diodes
TP1.5KE LITTELFUSE-TP1.5KE Datasheet
1Mb / 5P
   Transient Voltage Suppression Diodes
logo
Shanghai Yint Electroni...
SM5S YINT-SM5S Datasheet
385Kb / 3P
   Transient Voltage Suppression Diodes
logo
Littelfuse
AK10 LITTELFUSE-AK10_09 Datasheet
188Kb / 3P
   Transient Voltage Suppression Diodes
SA5.0A LITTELFUSE-SA5.0A_09 Datasheet
142Kb / 5P
   Transient Voltage Suppression Diodes
SMBJ5.0A LITTELFUSE-SMBJ5.0A_09 Datasheet
144Kb / 5P
   Transient Voltage Suppression Diodes
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com