Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SA15A Datasheet(PDF) 2 Page - Littelfuse

Part # SA15A
Description  Transient Voltage Suppression Diodes
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

SA15A Datasheet(HTML) 2 Page - Littelfuse

  SA15A Datasheet HTML 1Page - Littelfuse SA15A Datasheet HTML 2Page - Littelfuse SA15A Datasheet HTML 3Page - Littelfuse SA15A Datasheet HTML 4Page - Littelfuse SA15A Datasheet HTML 5Page - Littelfuse  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
72
Transient Voltage Suppression Diodes
Revision: January 09, 2009
©2009 Littelfuse, Inc.
Specifications are subject to change without notice.
Axial Leaded – 500W > SA series
SA Series
Please refer to http://www.Littelfuse.com/series/SA.html for current information.
Electrical Characteristics
Part
Number
(Uni)
Part
Number
(Bi)
Reverse
Stand off
Voltage
V
R (V)
Breakdown Voltage
V
BR (Volts) @ IT
Test
Current
I
T
(mA)
Maximum
Clamping
Voltage
V
C@ IPP
(V)
Maximum
Peak Pulse
Current I
pp
(A)
Maximum
Reverse
Leakage I
R
@ V
R
(μA)
Agency
Approval
MIN
MAX
SA5.0A
SA5.0CA
5.0
6.40
7.00
10
9.2
55.4
600
X
SA6.0A
SA6.0CA
6.0
6.67
7.37
10
10.3
49.5
600
X
SA6.5A
SA6.5CA
6.5
7.22
7.98
10
11.2
45.5
400
X
SA7.0A
SA7.0CA
7.0
7.78
8.60
10
12.0
42.5
150
X
SA7.5A
SA7.5CA
7.5
8.33
9.21
1
12.9
39.5
50
X
SA8.0A
SA8.0CA
8.0
8.89
9.83
1
13.6
37.5
25
X
SA8.5A
SA8.5CA
8.5
9.44
10.40
1
14.4
35.4
10
X
SA9.0A
SA9.0CA
9.0
10.00
11.10
1
15.4
33.1
5
X
SA10A
SA10CA
10.0
11.10
12.30
1
17.0
30.0
3
X
SA11A
SA11CA
11.0
12.20
13.50
1
18.2
28.0
1
X
SA12A
SA12CA
12.0
13.30
14.70
1
19.9
25.6
1
X
SA13A
SA13CA
13.0
14.40
15.90
1
21.5
23.7
1
X
SA14A
SA14CA
14.0
15.60
17.20
1
23.2
22.0
1
X
SA15A
SA15CA
15.0
16.70
18.50
1
24.4
20.9
1
X
SA16A
SA16CA
16.0
17.80
19.70
1
26.0
19.6
1
X
SA17A
SA17CA
17.0
18.90
20.90
1
27.6
18.5
1
X
SA18A
SA18CA
18.0
20.00
22.10
1
29.2
17.5
1
X
SA20A
SA20CA
20.0
22.20
24.50
1
32.4
15.7
1
X
SA22A
SA22CA
22.0
24.40
26.90
1
35.5
14.4
1
X
SA24A
SA24CA
24.0
26.70
29.50
1
38.9
13.1
1
X
SA26A
SA26CA
26.0
28.90
31.90
1
42.1
12.1
1
X
SA28A
SA28CA
28.0
31.10
34.40
1
45.4
11.2
1
X
SA30A
SA30CA
30.0
33.30
36.80
1
48.4
10.5
1
X
SA33A
SA33CA
33.0
36.70
40.60
1
53.3
9.6
1
X
SA36A
SA36CA
36.0
40.00
44.20
1
58.1
8.8
1
X
SA40A
SA40CA
40.0
44.40
49.10
1
64.5
7.9
1
X
SA43A
SA43CA
43.0
47.80
52.80
1
69.4
7.3
1
X
SA45A
SA45CA
45.0
50.00
55.30
1
72.7
7.0
1
X
SA48A
SA48CA
48.0
53.30
58.90
1
77.4
6.6
1
X
SA51A
SA51CA
51.0
56.70
62.70
1
82.4
6.2
1
X
SA54A
SA54CA
54.0
60.00
66.30
1
87.1
5.9
1
X
SA58A
SA58CA
58.0
64.40
71.20
1
93.6
5.4
1
X
SA60A
SA60CA
60.0
66.70
73.70
1
96.8
5.3
1
X
SA64A
SA64CA
64.0
71.10
78.60
1
103.0
5.0
1
X
SA70A
SA70CA
70.0
77.80
86.00
1
113.0
4.5
1
X
SA75A
SA75CA
75.0
83.30
92.10
1
121.0
4.2
1
X
SA78A
SA78CA
78.0
86.70
95.80
1
126.0
4.0
1
X
SA85A
SA85CA
85.0
94.40
104.00
1
137.0
3.7
1
X
SA90A
SA90CA
90.0
100.00
111.00
1
146.0
3.5
1
X
SA100A
SA100CA
100.0
111.00
123.00
1
162.0
3.1
1X
SA110A
SA110CA
110.0
122.00
135.00
1
177.0
2.9
1
X
SA120A
SA120CA
120.0
133.00
147.00
1
193.0
2.6
1
X
SA130A
SA130CA
130.0
144.00
159.00
1
209.0
2.4
1
X
SA150A
SA150CA
150.0
167.00
185.00
1
243.0
2.1
1
X
SA160A
SA160CA
160.0
178.00
197.00
1
259.0
2.0
1
X
SA170A
SA170CA
170.0
189.00
209.00
1
275.0
1.9
1
X
SA180A
SA180CA
180.0
200.00
233.00
1
289.0
1.7
1
X
For bidirectional type having V
R of 10 volts and less, the IR limit is double.
For parts without A, the V
BR is ± 10%.


Similar Part No. - SA15A

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
SA15A MOTOROLA-SA15A Datasheet
50Kb / 3P
   MOSORB ZENER OVERVOLTAGE TRANSIENT SUPPRESSORS
logo
Microdiode Electronics ...
SA15A CHENDA-SA15A Datasheet
479Kb / 3P
   GLASS PASSIVAED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR
logo
Taiwan Semiconductor Co...
SA15A TSC-SA15A Datasheet
667Kb / 5P
   500 Watts Transient Voltage Suppressor
logo
Littelfuse
SA15A LITTELFUSE-SA15A Datasheet
126Kb / 4P
   Silicon Avalanche Diodes - 500 Watt Axial Leaded Transient Voltage Suppressors
logo
Socay Electornics Co., ...
SA15A SOCAY-SA15A Datasheet
3Mb / 56P
   Surface Mount Transient Voltage Suppressors (TVS)
More results

Similar Description - SA15A

ManufacturerPart #DatasheetDescription
logo
Littelfuse
15KPA150CA LITTELFUSE-15KPA150CA Datasheet
653Kb / 6P
   Transient Voltage Suppression Diodes
5.0SMDJ60CA LITTELFUSE-5.0SMDJ60CA Datasheet
1Mb / 5P
   Transient Voltage Suppression Diodes
P4KE LITTELFUSE-P4KE Datasheet
145Kb / 5P
   Transient Voltage Suppression Diodes
SACB LITTELFUSE-SACB Datasheet
181Kb / 4P
   Transient Voltage Suppression Diodes
P4SMA LITTELFUSE-P4SMA Datasheet
142Kb / 5P
   Transient Voltage Suppression Diodes
30KPA42A LITTELFUSE-30KPA42A Datasheet
1Mb / 6P
   Transient Voltage Suppression Diodes
TP1.5KE LITTELFUSE-TP1.5KE Datasheet
1Mb / 5P
   Transient Voltage Suppression Diodes
logo
Shanghai Yint Electroni...
SM5S YINT-SM5S Datasheet
385Kb / 3P
   Transient Voltage Suppression Diodes
logo
Littelfuse
AK10 LITTELFUSE-AK10_09 Datasheet
188Kb / 3P
   Transient Voltage Suppression Diodes
SMBJ5.0A LITTELFUSE-SMBJ5.0A_09 Datasheet
144Kb / 5P
   Transient Voltage Suppression Diodes
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com