Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

ZLNB2001 Datasheet(PDF) 5 Page - Zetex Semiconductors

Part No. ZLNB2001
Description  DUAL TONE and POLARITY SWITCH LNB MULTIPLEX CONTROLLER
Download  12 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  ZETEX [Zetex Semiconductors]
Homepage  http://www.diodes.com/
Logo 

ZLNB2001 Datasheet(HTML) 5 Page - Zetex Semiconductors

 
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
Filter Response
100
1k
10k
100k
1M
0
0.2
0.4
0.6
0.8
1.0
Frequency (Hz)
1.2
1.4
Open Loop Phase v Frequency
100
1k
10k
100k
1M
0
30
60
90
120
Frequency (Hz)
150
180
10M
HV/Tout Voltage High v Load Current
02
4
6
8
4.2
4.4
4.6
Load Current (mA)
4.8
10
4.0
5.0
HV/Tout Voltage Low v Load Current
02
4
6
8
0
0.1
0.2
Load Current (mA)
0.3
10
0.4
Open Loop Gain v Frequency
100
1k
10k
100k
1M
0
10
20
30
40
Frequency (Hz)
50
60
70
10M
Vcc = 5V
Vin=0.1Vp/p
Test Circ. 1
Vcc = 5V
Vcc = 5V
Tamb = -40°C
Tamb = 25°C
Tamb = 70°C
Vcc = 5V
Tamb = -40°C
Tamb = 25°C
Tamb = 70°C
Vcc = 5V
TYPICAL CHARACTERISTICS
ZLNB2001 ZLNB2002
ZLNB2003 ZLNB2004
85


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn