Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BC856BT Datasheet(PDF) 7 Page - NXP Semiconductors

Part # BC856BT
Description  PNP general purpose transistors
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

BC856BT Datasheet(HTML) 7 Page - NXP Semiconductors

  BC856BT Datasheet HTML 1Page - NXP Semiconductors BC856BT Datasheet HTML 2Page - NXP Semiconductors BC856BT Datasheet HTML 3Page - NXP Semiconductors BC856BT Datasheet HTML 4Page - NXP Semiconductors BC856BT Datasheet HTML 5Page - NXP Semiconductors BC856BT Datasheet HTML 6Page - NXP Semiconductors BC856BT Datasheet HTML 7Page - NXP Semiconductors BC856BT Datasheet HTML 8Page - NXP Semiconductors BC856BT Datasheet HTML 9Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
2000 Nov 15
7
NXP Semiconductors
Product data sheet
PNP general purpose transistors
BC856T; BC857T series
PACKAGE OUTLINE
UNIT
A1
max
bp
cD
E
e1
HE
Lp
Qw
REFERENCES
OUTLINE
VERSION
EUROPEAN
PROJECTION
ISSUE DATE
IEC
JEDEC
EIAJ
mm
0.1
0.30
0.15
0.25
0.10
1.8
1.4
0.9
0.7
0.5
e
1
1.75
1.45
0.2
v
0.2
DIMENSIONS (mm are the original dimensions)
0.45
0.15
0.23
0.13
SOT416
SC-75
w M
bp
D
e1
e
A
A1
Lp
Q
detail X
HE
E
A
B
B
v M A
0
0.5
1 mm
scale
A
0.95
0.60
c
X
12
3
Plastic surface mounted package; 3 leads
SOT416
97-02-28


Similar Part No. - BC856BT

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BC856BT PHILIPS-BC856BT Datasheet
46Kb / 8P
   PNP general purpose transistors
1999 Apr 26
logo
Infineon Technologies A...
BC856BT INFINEON-BC856BT Datasheet
145Kb / 6P
   PNP Silicon AF Transistor
Jan-08-2002
logo
Central Semiconductor C...
BC856BT CENTRAL-BC856BT Datasheet
350Kb / 2P
   SURFACE MOUNT PNP SILICON TRANSISTOR
logo
Galaxy Semi-Conductor H...
BC856BT BILIN-BC856BT Datasheet
168Kb / 4P
   PNP General Purpose Transistor
logo
Nexperia B.V. All right...
BC856BT NEXPERIA-BC856BT Datasheet
352Kb / 10P
   PNP general purpose transistors
2000 Nov 15
More results

Similar Description - BC856BT

ManufacturerPart #DatasheetDescription
logo
Weitron Technology
SS8550LT1 WEITRON-SS8550LT1 Datasheet
404Kb / 4P
   PNP General Purpose Transistors
S9012 WEITRON-S9012 Datasheet
1Mb / 4P
   PNP General Purpose Transistors
logo
NXP Semiconductors
BCX71 PHILIPS-BCX71 Datasheet
43Kb / 8P
   PNP general purpose transistors
1999 Apr 20
BC859 PHILIPS-BC859 Datasheet
46Kb / 8P
   PNP general purpose transistors
1999 May 28
BCX17 PHILIPS-BCX17 Datasheet
42Kb / 8P
   PNP general purpose transistors
1999 May 31
logo
Weitron Technology
A1015 WEITRON-A1015 Datasheet
720Kb / 4P
   PNP General Purpose Transistors
2SA1036K WEITRON-2SA1036K Datasheet
209Kb / 4P
   PNP General Purpose Transistors
logo
NXP Semiconductors
BC857BW115 NXP-BC857BW115 Datasheet
163Kb / 10P
   PNP general purpose transistors
2002 Feb 04
BCW69 PHILIPS-BCW69_15 Datasheet
119Kb / 6P
   PNP general purpose transistors
2004 Feb 06
logo
First Components Intern...
2N3905 FCI-2N3905_6 Datasheet
77Kb / 2P
   PNP General Purpose Transistors
logo
Weitron Technology
KTA1505 WEITRON-KTA1505 Datasheet
411Kb / 3P
   PNP General Purpose Transistors
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com