Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

5KP14A Datasheet(PDF) 1 Page - Littelfuse

Part # 5KP14A
Description  Transient Voltage Suppression Diodes
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

5KP14A Datasheet(HTML) 1 Page - Littelfuse

  5KP14A Datasheet HTML 1Page - Littelfuse 5KP14A Datasheet HTML 2Page - Littelfuse 5KP14A Datasheet HTML 3Page - Littelfuse 5KP14A Datasheet HTML 4Page - Littelfuse 5KP14A Datasheet HTML 5Page - Littelfuse  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
105
©2009 Littelfuse, Inc.
Specifications are subject to change without notice.
Transient Voltage Suppression Diodes
Revision: January 09, 2009
Axial Leaded – 5000W > 5KP series
5KP Series
Please refer to http://www.Littelfuse.com/series/5KP.html for current information.
AGENCY
AGENCY FILE NUMBER
E128662/E230531
5KP Series
TVS devices are ideal for the protection of I/O interfaces,
V
CC bus and other vulnerable circuits used in telecom,
computer, industrial and consumer electronic applications.
Applications
Features
The 5KP Series is designed specifically to protect sensitive
electronic equipment from voltage transients induced by
lightning and other transient voltage events.
Description
Parameter
Symbol
Value
Unit
Peak Pulse Power Dissipation by
10x1000μs test waveform (Fig.1)
(Note 1)
P
PPM
5000
W
Steady State Power Dissipation on
inifinite heat sink at T
L=75ºC (Fig. 5)
P
D
8.0
W
Peak Forward Surge Current, 8.3ms
Single Half Sine Wave Unidirectional
only (Note 2)
I
FSM
400
A
Maximum Instantaneous Forward
Voltage at 100A for Unidirectional
only (Note 3)
V
F
3.5/5.0
V
Operating Junction and Storage
Temperature Range
T
J, TSTG
-55 to 175
°C
Typical Thermal Resistance Junction
to Lead
R
uJL
8.0
°C/W
Typical Thermal Resistance Junction
to Ambient
R
uJA
40
°C/W
Notes:
1. Non-repetitive current pulse , per Fig. 3 and derated above T
A = 25
O
C per Fig. 2.
2. Measured on 8.3ms single half sine wave or equivalent square wave, duty cycle=4 per
minute maximum.
3. V
F<3.5V for devices of VBR _
<
200V and V
F<5.0V for devices of VBR _
>
201V.
Maximum Ratings and Thermal Characteristics
(T
A=25
O
C unless otherwise noted)
Agency Approvals
temperature coefficient
ΔV
BR = 0.1% x VBR@25°C x ΔT
junction in P600 package
capability at 10×1000μs
waveform, repetition rate
(duty cycles):0.01%
typically less than 1.0ps
from 0 Volts to BV min
capability
resistance
R less than 2μA
above 12V
soldering guaranteed:
260°C/40 seconds / 0.375”,
(9.5mm) lead length, 5
lbs., (2.3kg) tension
Underwriters Laboratory
Flammability classification
94V-O
RoHS


Similar Part No. - 5KP14A

ManufacturerPart #DatasheetDescription
logo
Surge Components
5KP14A SURGE-5KP14A Datasheet
199Kb / 4P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR VOLTAGE-5.0 to 110 Volts???
logo
DONGGUAN YOU FENG WEI E...
5KP14A YFWDIODE-5KP14A Datasheet
79Kb / 4P
   5000W Transient Voltage Suppressors
logo
Formosa MS
5KP14A FORMOSA-5KP14A Datasheet
148Kb / 4P
   Transient Voltage Suppressor
logo
Won-Top Electronics
5KP14A WTE-5KP14A Datasheet
71Kb / 6P
   5000W TRANSIENT VOLTAGE SUPPRESSOR
logo
SeCoS Halbleitertechnol...
5KP14A SECOS-5KP14A Datasheet
357Kb / 4P
   5000W Peak Power TVS
More results

Similar Description - 5KP14A

ManufacturerPart #DatasheetDescription
logo
Littelfuse
15KPA150CA LITTELFUSE-15KPA150CA Datasheet
653Kb / 6P
   Transient Voltage Suppression Diodes
5.0SMDJ60CA LITTELFUSE-5.0SMDJ60CA Datasheet
1Mb / 5P
   Transient Voltage Suppression Diodes
P4KE LITTELFUSE-P4KE Datasheet
145Kb / 5P
   Transient Voltage Suppression Diodes
SACB LITTELFUSE-SACB Datasheet
181Kb / 4P
   Transient Voltage Suppression Diodes
P4SMA LITTELFUSE-P4SMA Datasheet
142Kb / 5P
   Transient Voltage Suppression Diodes
30KPA42A LITTELFUSE-30KPA42A Datasheet
1Mb / 6P
   Transient Voltage Suppression Diodes
TP1.5KE LITTELFUSE-TP1.5KE Datasheet
1Mb / 5P
   Transient Voltage Suppression Diodes
logo
Shanghai Yint Electroni...
SM5S YINT-SM5S Datasheet
385Kb / 3P
   Transient Voltage Suppression Diodes
logo
Littelfuse
AK10 LITTELFUSE-AK10_09 Datasheet
188Kb / 3P
   Transient Voltage Suppression Diodes
SA5.0A LITTELFUSE-SA5.0A_09 Datasheet
142Kb / 5P
   Transient Voltage Suppression Diodes
SMBJ5.0A LITTELFUSE-SMBJ5.0A_09 Datasheet
144Kb / 5P
   Transient Voltage Suppression Diodes
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com