Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BC856A Datasheet(PDF) 4 Page - NXP Semiconductors

Part # BC856A
Description  PNP general purpose transistors
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

BC856A Datasheet(HTML) 4 Page - NXP Semiconductors

  BC856A Datasheet HTML 1Page - NXP Semiconductors BC856A Datasheet HTML 2Page - NXP Semiconductors BC856A Datasheet HTML 3Page - NXP Semiconductors BC856A Datasheet HTML 4Page - NXP Semiconductors BC856A Datasheet HTML 5Page - NXP Semiconductors BC856A Datasheet HTML 6Page - NXP Semiconductors BC856A Datasheet HTML 7Page - NXP Semiconductors BC856A Datasheet HTML 8Page - NXP Semiconductors BC856A Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
2004 Jan 16
4
NXP Semiconductors
Product data sheet
PNP general purpose transistors
BC856; BC857; BC858
CHARACTERISTICS
Tamb = 25 °C unless otherwise specified.
Note
1.
Pulse test: tp ≤ 300 μs; δ ≤ 0.02.
SYMBOL
PARAMETER
CONDITIONS
MIN.
TYP.
MAX.
UNIT
ICBO
collector-base cut-off current
VCB = −30 V; IE = 0
−1
−15
nA
VCB = −30 V; IE = 0;
Tj = 150 °C
−4
μA
IEBO
emitter-base cut-off current
VEB = −5 V; IC = 0
−100
nA
hFE
DC current gain
IC = −2 mA; VCE = −5 V
BC856
125
475
BC857
125
800
BC856A; BC857A
125
250
BC856B; BC857B; BC858B
220
475
BC857C
420
800
VCEsat
collector-emitter saturation voltage
IC = −10 mA; IB = −0.5 mA −
−75
−300
mV
IC = −100 mA; IB = −5 mA;
note 1
−250
−650
mV
VBEsat
base-emitter saturation voltage
IC = −10 mA; IB = −0.5 mA −
−700
mV
IC = −100 mA; IB = −5 mA;
note 1
−850
mV
VBE
base-emitter voltage
IC = −2 mA; VCE = −5 V
−600
−650
−750
mV
IC = −10 mA; VCE = −5 V
−820
mV
Cc
collector capacitance
VCB = −10 V; IE = Ie = 0;
f = 1 MHz
4.5
pF
fT
transition frequency
VCE = −5 V; IC = −10 mA;
f = 100 MHz
100
MHz
F
noise figure
IC = −200 μA; VCE = −5 V;
RS = 2 kΩ; f = 1 kHz;
B = 200 Hz
2
10
dB


Similar Part No. - BC856A

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
BC856A MCC-BC856A Datasheet
521Kb / 5P
   PNP Small Signal Transistor 200mW
logo
NXP Semiconductors
BC856A PHILIPS-BC856A Datasheet
47Kb / 8P
   PNP general purpose transistors
1999 Apr 12
logo
Nexperia B.V. All right...
BC856A NEXPERIA-BC856A Datasheet
221Kb / 11P
   65 V, 100 mA NPN general-purpose transistors
Rev. 12 - 1 July 2022
logo
Taiwan Semiconductor Co...
BC856A TSC-BC856A Datasheet
88Kb / 3P
   0.2 Watts PNP Plastic-Encapsulate Transistors
logo
Micro Commercial Compon...
BC856A MCC-BC856A Datasheet
201Kb / 3P
   PNP Small Signal Transistor 310mW
More results

Similar Description - BC856A

ManufacturerPart #DatasheetDescription
logo
Weitron Technology
SS8550LT1 WEITRON-SS8550LT1 Datasheet
404Kb / 4P
   PNP General Purpose Transistors
S9012 WEITRON-S9012 Datasheet
1Mb / 4P
   PNP General Purpose Transistors
logo
NXP Semiconductors
BCX71 PHILIPS-BCX71 Datasheet
43Kb / 8P
   PNP general purpose transistors
1999 Apr 20
BC859 PHILIPS-BC859 Datasheet
46Kb / 8P
   PNP general purpose transistors
1999 May 28
BCX17 PHILIPS-BCX17 Datasheet
42Kb / 8P
   PNP general purpose transistors
1999 May 31
logo
Weitron Technology
A1015 WEITRON-A1015 Datasheet
720Kb / 4P
   PNP General Purpose Transistors
2SA1036K WEITRON-2SA1036K Datasheet
209Kb / 4P
   PNP General Purpose Transistors
logo
NXP Semiconductors
BC857BW115 NXP-BC857BW115 Datasheet
163Kb / 10P
   PNP general purpose transistors
2002 Feb 04
BCW69 PHILIPS-BCW69_15 Datasheet
119Kb / 6P
   PNP general purpose transistors
2004 Feb 06
logo
First Components Intern...
2N3905 FCI-2N3905_6 Datasheet
77Kb / 2P
   PNP General Purpose Transistors
logo
Weitron Technology
KTA1505 WEITRON-KTA1505 Datasheet
411Kb / 3P
   PNP General Purpose Transistors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com