Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CS5372-BS Datasheet(PDF) 4 Page - Cirrus Logic

Part # CS5372-BS
Description  Low-power, High-performance ?誇 Modulators
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS5372-BS Datasheet(HTML) 4 Page - Cirrus Logic

  CS5372-BS Datasheet HTML 1Page - Cirrus Logic CS5372-BS Datasheet HTML 2Page - Cirrus Logic CS5372-BS Datasheet HTML 3Page - Cirrus Logic CS5372-BS Datasheet HTML 4Page - Cirrus Logic CS5372-BS Datasheet HTML 5Page - Cirrus Logic CS5372-BS Datasheet HTML 6Page - Cirrus Logic CS5372-BS Datasheet HTML 7Page - Cirrus Logic CS5372-BS Datasheet HTML 8Page - Cirrus Logic CS5372-BS Datasheet HTML 9Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 22 page
background image
CS5371 CS5372
4
DS255F3
ANALOG CHARACTERISTICS (Continued)
Notes: 7. The upper bandwidth limit is determined by the digital filter. A simple single pole anti-alias filter with a -
3 dB frequency at (MCLK / 256) should be placed in front of each channel.
8. The input voltage range is for the configuration depicted in Figure 3, the System Connection Diagram,
and applies to signal frequencies from DC to the stop-band frequency selected in the digital filter.
9. Per channel. All outputs unloaded. All digital inputs forced to VD or GND respectively.
10. In Low Power Mode LPWR = 1, the Master Clock MCLK is reduced to 1.024 MHz. This reduces the
oversampled signal bandwidth by a factor of 2.
11. Tested with a 50 Hz 100 mVpp sine wave applied separately to each supply.
Parameter
Symbol
Min
Typ
Max
Unit
Specified Temperature Range
TA
-40
-
+85
C
Input Characteristics
Input Signal Frequencies
(Note 7)
BW
DC
-
1720
Hz
Input Voltage Range
(Note 8)
VIN
-
-
5
Vp-p
Input Over-range Voltage Tolerance
(Note 8)
IOVR
5-
-
%F.S.
Input Signal plus Common Mode
(VA-)
+ 0.7V
-(VA+)
- 1.7V
V
Common Mode Rejection Ratio
CMRR
-
90
-
dB
Channel Crosstalk (CS5372 only)
CXT
-
-120
-
dB
Voltage Reference Input
VREF
(VREF+) - (VREF-)
-
2.5
-
V
VREF Current
-
-
120
µA
Power Supplies
DC Power Supply Currents
(Note 9 and 10)
LPWR = 0; MCLK = 2.048 MHz
Analog
Digital
LPWR = 1; MCLK = 1.024 MHz
Analog
Digital
VA
VD
VA
VD
-
-
-
-
5.0
0.2
3.0
0.2
7.0
0.3
4.5
0.3
mA
mA
mA
mA
Power Down Modes
CS5371
PWDN = 1
PWDN = 1, MCLK = 0
CS5372
PWDN1 or PWDN2 = 1
PWDN1 = PWDN2 = 1
PWDN1 = PWDN2 = 1, MCLK = 0
PD
-
-
-
-
-
1
10
25
1
10
-
-
-
-
-
mW
µW
mW
mW
µW
Power Supply Rejection
(Note 11)
PSRR
-
90
-
dB


Similar Part No. - CS5372-BS

ManufacturerPart #DatasheetDescription
logo
Cirrus Logic
CS5372-BS CIRRUS-CS5372-BS Datasheet
366Kb / 22P
   LOW POWER HIGH PERFORMANCE MODULATORS
More results

Similar Description - CS5372-BS

ManufacturerPart #DatasheetDescription
logo
Cirrus Logic
CS5371A CIRRUS-CS5371A_09 Datasheet
302Kb / 32P
   Low-power, High-performance ?誇 Modulators
CS5371 CIRRUS-CS5371 Datasheet
366Kb / 22P
   LOW POWER HIGH PERFORMANCE MODULATORS
CS5371A CIRRUS-CS5371A Datasheet
534Kb / 32P
   Low-power, High-performance Modulators
CS5374_0910 CIRRUS-CS5374_0910 Datasheet
462Kb / 44P
   Dual High-performance Amplifier & ?誇 Modulator
CS5374 CIRRUS-CS5374 Datasheet
462Kb / 44P
   Dual High-performance Amplifier & ?誇 Modulator
logo
Holtek Semiconductor In...
BC9824 HOLTEK-BC9824 Datasheet
1Mb / 22P
   Low Power High Performance Low Power High Performance
logo
Asahi Kasei Microsystem...
AK5355 AKM-AK5355_05 Datasheet
161Kb / 20P
   Low Power 16bit ?誇 ADC
AK5355VT AKM-AK5355VT Datasheet
167Kb / 20P
   Low Power 16bit ?誇 ADC
AK5394A AKM-AK5394A_05 Datasheet
191Kb / 25P
   Super High Performance 192kHz 24-Bit ?誇 ADC
AK4554 AKM-AK4554 Datasheet
197Kb / 17P
   Low Power & Small Package 16bit ?誇 CODEC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com