Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CS4222 Datasheet(PDF) 11 Page - Cirrus Logic

Part # CS4222
Description  20-Bit Stereo Audio Codec with Volume Control
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS4222 Datasheet(HTML) 11 Page - Cirrus Logic

Back Button CS4222_02 Datasheet HTML 7Page - Cirrus Logic CS4222_02 Datasheet HTML 8Page - Cirrus Logic CS4222_02 Datasheet HTML 9Page - Cirrus Logic CS4222_02 Datasheet HTML 10Page - Cirrus Logic CS4222_02 Datasheet HTML 11Page - Cirrus Logic CS4222_02 Datasheet HTML 12Page - Cirrus Logic CS4222_02 Datasheet HTML 13Page - Cirrus Logic CS4222_02 Datasheet HTML 14Page - Cirrus Logic CS4222_02 Datasheet HTML 15Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 29 page
background image
CS4222
DS236F1
11
SWITCHING SPECIFICATIONS - CONTROL PORT INTERFACE (I2C) (Continued)
Notes: 11. Data must be held for sufficient time to bridge the transition time, tfc,of SCL.
Parameter
Symbol
Min
Max
Unit
I2C Mode
SCL Clock Frequency
fscl
-
100
kHz
RST Rising Edge to Start
tirs
500
-
ns
Bus Free Time Between Transmissions
tbuf
4.7
-
µs
Start Condition Hold Time (prior to first clock pulse)
thdst
4.0
-
µs
Clock Low time
tlow
4.7
-
µs
Clock High Time
thigh
4.0
-
µs
Setup Time for Repeated Start Condition
tsust
4.7
-
µs
SDA Hold Time from SCL Falling
(Note 11)
thdd
0-
µs
SDA Setup time to SCL Rising
tsud
250
-
ns
Rise Time of SCL and SDA
tr
-1
µs
Fall Time SCL and SDA
tf
-
300
ns
Setup Time for Stop Condition
tsusp
4.7
-
µs
t
buf
t
hds t
t
lo w
t
hd d
t
high
t
su d
Sto p
S t a r t
SD A
SC L
t
irs
RS T
t
hdst
t
rc
t
fc
t sust
t susp
St a r t
Sto p
Re p e a t e d
t
rd
t
fd
t
ac k
Figure 3. Control Port Timing - I2CMode


Similar Part No. - CS4222_02

ManufacturerPart #DatasheetDescription
logo
Cirrus Logic
CS4222-KS CIRRUS-CS4222-KS Datasheet
580Kb / 26P
   20-Bit Stereo Audio Codec with Volume Control
More results

Similar Description - CS4222_02

ManufacturerPart #DatasheetDescription
logo
Cirrus Logic
CS4222 CIRRUS-CS4222 Datasheet
580Kb / 26P
   20-Bit Stereo Audio Codec with Volume Control
logo
Wolfson Microelectronic...
WM8569 WOLFSON-WM8569_06 Datasheet
449Kb / 36P
   24-bit, 192kHz Stereo CODEC with Volume Control
WM8569 WOLFSON-WM8569 Datasheet
417Kb / 36P
   24-bit, 192kHz Stereo CODEC with Volume Control
logo
Burr-Brown (TI)
PGA2310 BURR-BROWN-PGA2310 Datasheet
322Kb / 16P
   Stereo Audio Volume Control
logo
Texas Instruments
PGA2310 TI1-PGA2310 Datasheet
961Kb / 24P
[Old version datasheet]   Stereo Audio Volume Control
PGA2311 TI1-PGA2311 Datasheet
924Kb / 21P
[Old version datasheet]   Stereo Audio Volume Control
logo
Burr-Brown (TI)
PGA2310 BURR-BROWN-PGA2310_06 Datasheet
315Kb / 16P
   Stereo Audio Volume Control
PGA2310 BURR-BROWN-PGA2310_08 Datasheet
381Kb / 17P
   Stereo Audio Volume Control
logo
Cirrus Logic
CS4223 CIRRUS-CS4223 Datasheet
778Kb / 32P
   24-Bit 105 dB Audio Codec with Volume Control
CS4223 CIRRUS-CS4223_03 Datasheet
790Kb / 34P
   24-Bit 105 dB Audio Codec with Volume Control
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com