Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BC369-16 Datasheet(PDF) 9 Page - NXP Semiconductors

Part # BC369-16
Description  PNP medium power transistor;
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

BC369-16 Datasheet(HTML) 9 Page - NXP Semiconductors

Back Button BC369-16 Datasheet HTML 4Page - NXP Semiconductors BC369-16 Datasheet HTML 5Page - NXP Semiconductors BC369-16 Datasheet HTML 6Page - NXP Semiconductors BC369-16 Datasheet HTML 7Page - NXP Semiconductors BC369-16 Datasheet HTML 8Page - NXP Semiconductors BC369-16 Datasheet HTML 9Page - NXP Semiconductors BC369-16 Datasheet HTML 10Page - NXP Semiconductors BC369-16 Datasheet HTML 11Page - NXP Semiconductors BC369-16 Datasheet HTML 12Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
2004 Nov 05
9
NXP Semiconductors
Product data sheet
PNP medium power transistor;
20 V, 1 A
BC369
handbook, halfpage
102
103
MLE295
−10−1
−1
−10
−102
−103
−104
IC (mA)
hFE
Fig.9
DC current gain as a function of collector
current; typical values.
VCE = −1 V.
BC369-25.
handbook, halfpage
MLE296
−102
−103
−10
−1
−10−1
IC (mA)
VCEsat
(mV)
−102
−103
−104
−10
−1
Fig.10 Collector-emitter saturation voltage as a
function of collector current; typical values.
IC/IB = 10.
BC369-25.


Similar Part No. - BC369-16

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BC369-16 PHILIPS-BC369-16 Datasheet
44Kb / 8P
   PNP medium power transistor
1999 Apr 26
More results

Similar Description - BC369-16

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PBSS5540Z PHILIPS-PBSS5540Z Datasheet
44Kb / 8P
   PNP medium power transistor
1999 Aug 04
logo
Guangdong Kexin Industr...
BC869 KEXIN-BC869 Datasheet
53Kb / 2P
   PNP Medium Power Transistor
logo
Chenmko Enterprise Co. ...
2SA1036KPT CHENMKO-2SA1036KPT Datasheet
102Kb / 3P
   Medium Power PNP Transistor
logo
Galaxy Semi-Conductor H...
BC869 BILIN-BC869 Datasheet
142Kb / 3P
   PNP medium power Transistor
logo
Chenmko Enterprise Co. ...
2SB1188PT CHENMKO-2SB1188PT Datasheet
242Kb / 3P
   PNP Medium Power Transistor
logo
Guangdong Kexin Industr...
KCP69 KEXIN-KCP69 Datasheet
79Kb / 2P
   PNP medium power transistor
logo
STMicroelectronics
2SB772 STMICROELECTRONICS-2SB772_07 Datasheet
109Kb / 8P
   PNP medium power transistor
logo
SHIKUES Electronics
BC869 SKTECHNOLGY-BC869 Datasheet
414Kb / 2P
   PNP Medium Power Transistor
logo
Rohm
UMT4403U3HZG ROHM-UMT4403U3HZG Datasheet
1Mb / 10P
   PNP Medium Power Transistor
logo
NXP Semiconductors
BC369 PHILIPS-BC369 Datasheet
44Kb / 8P
   PNP medium power transistor
1999 Apr 26
logo
STMicroelectronics
STF826 STMICROELECTRONICS-STF826 Datasheet
448Kb / 12P
   PNP medium power transistor
March 2013 Rev 2
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com