Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BC369 Datasheet(PDF) 4 Page - NXP Semiconductors

Part # BC369
Description  PNP medium power transistor;
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

BC369 Datasheet(HTML) 4 Page - NXP Semiconductors

  BC369 Datasheet HTML 1Page - NXP Semiconductors BC369 Datasheet HTML 2Page - NXP Semiconductors BC369 Datasheet HTML 3Page - NXP Semiconductors BC369 Datasheet HTML 4Page - NXP Semiconductors BC369 Datasheet HTML 5Page - NXP Semiconductors BC369 Datasheet HTML 6Page - NXP Semiconductors BC369 Datasheet HTML 7Page - NXP Semiconductors BC369 Datasheet HTML 8Page - NXP Semiconductors BC369 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
2004 Nov 05
4
NXP Semiconductors
Product data sheet
PNP medium power transistor;
20 V, 1 A
BC369
THERMAL CHARACTERISTICS
Notes
1.
Refer to SOT54 (SC-43A) standard mounting conditions.
2.
Device mounted on a FR4 printed-circuit board; single-sided copper; tin-plated; standard footprint for SOT54.
SYMBOL
PARAMETER
CONDITIONS
VALUE
UNIT
Rth(j-a)
thermal resistance from junction to ambient
Tamb ≤ 25 °C; notes 1 and 2
150
K/W
handbook, full pagewidth
103
102
10
10−1
1
10−5
10−4
10−3
10−2
10−1
1
Rth(j-a)
(K/W)
tp (s)
10
102
103
MLE302
tp
tp
T
P
t
T
δ =
(2)
(1)
(10)
(9)
(8)
(7)
(6)
(5)
(4)
(3)
Fig.2
Transient thermal resistance from junction to ambient as a function of pulse time for standard PCB
footprint.
(1)
δ = 1.0.
(2)
δ = 0.75.
(3)
δ = 0.5.
(4)
δ = 0.03.
(5)
δ = 0.2.
(6)
δ = 0.1.
(7)
δ = 0.05.
(8)
δ = 0.02.
(9)
δ = 0.01.
(10)
δ = 0.0.


Similar Part No. - BC369

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
BC369 MOTOROLA-BC369 Datasheet
129Kb / 4P
   Amplifier Transistors
logo
Zetex Semiconductors
BC369 ZETEX-BC369 Datasheet
27Kb / 1P
   PNP SILICON PLANAR MEDIUM POWER TRANSISTOR
logo
ON Semiconductor
BC369 ONSEMI-BC369 Datasheet
63Kb / 4P
   Amplifier Transistors
May, 2004 ??Rev. 4
logo
Jiangsu Changjiang Elec...
BC369 JIANGSU-BC369 Datasheet
403Kb / 3P
   TO-92 Plastic-Encapsulate Transistors
logo
NXP Semiconductors
BC369 PHILIPS-BC369 Datasheet
44Kb / 8P
   PNP medium power transistor
1999 Apr 26
More results

Similar Description - BC369

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PBSS5540Z PHILIPS-PBSS5540Z Datasheet
44Kb / 8P
   PNP medium power transistor
1999 Aug 04
logo
Guangdong Kexin Industr...
BC869 KEXIN-BC869 Datasheet
53Kb / 2P
   PNP Medium Power Transistor
logo
Chenmko Enterprise Co. ...
2SA1036KPT CHENMKO-2SA1036KPT Datasheet
102Kb / 3P
   Medium Power PNP Transistor
logo
Galaxy Semi-Conductor H...
BC869 BILIN-BC869 Datasheet
142Kb / 3P
   PNP medium power Transistor
logo
Chenmko Enterprise Co. ...
2SB1188PT CHENMKO-2SB1188PT Datasheet
242Kb / 3P
   PNP Medium Power Transistor
logo
Guangdong Kexin Industr...
KCP69 KEXIN-KCP69 Datasheet
79Kb / 2P
   PNP medium power transistor
logo
STMicroelectronics
2SB772 STMICROELECTRONICS-2SB772_07 Datasheet
109Kb / 8P
   PNP medium power transistor
logo
SHIKUES Electronics
BC869 SKTECHNOLGY-BC869 Datasheet
414Kb / 2P
   PNP Medium Power Transistor
logo
Rohm
UMT4403U3HZG ROHM-UMT4403U3HZG Datasheet
1Mb / 10P
   PNP Medium Power Transistor
logo
NXP Semiconductors
BC369 PHILIPS-BC369 Datasheet
44Kb / 8P
   PNP medium power transistor
1999 Apr 26
logo
STMicroelectronics
STF826 STMICROELECTRONICS-STF826 Datasheet
448Kb / 12P
   PNP medium power transistor
March 2013 Rev 2
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com