Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PA241DW Datasheet(PDF) 2 Page - Cirrus Logic

Part # PA241DW
Description  High Voltage Power Operational Amplifier
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

PA241DW Datasheet(HTML) 2 Page - Cirrus Logic

  PA241DW Datasheet HTML 1Page - Cirrus Logic PA241DW Datasheet HTML 2Page - Cirrus Logic PA241DW Datasheet HTML 3Page - Cirrus Logic PA241DW Datasheet HTML 4Page - Cirrus Logic PA241DW Datasheet HTML 5Page - Cirrus Logic PA241DW Datasheet HTML 6Page - Cirrus Logic PA241DW Datasheet HTML 7Page - Cirrus Logic  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
PA241
2
PA241U
P r o d u c t I n n o v a t i o n F r o m
ABSOLUTEMAXIMUMRATINGS
PA241CE
PA241DF
PA241CEA
PA241DFA
SUPPLY VOLTAGE, +V
S to –VS
350V
350V
OUTPUT CURRENT, continuous within SOA
60 mA
60 mA
OUTPUT CURRENT, peak
120 mA
120 mA
POWER DISSIPATION, continuous @ T
C = 25°C
12W
12W
INPUT VOLTAGE, differential
±16 V
±16 V
INPUT VOLTAGE, common mode
±V
S
±V
S
TEMPERATURE, pin solder – 10 sec
300°C
220°C
TEMPERATURE, junction2
150°C
150°C
TEMPERATURE, storage
–65 to +150°C
–65 to +150°C
TEMPERATURE RANGE, powered (case)
–40 to +125°C
–40 to +125°C
CAUTION
The PA241 is constructed from MOSFET transistors. ESD handling procedures must be observed.
PA241CE, PA241DF
PA241CEA
PARAMETER
TEST CONDITIONS1
MIN
TYP
MAX
MIN
TYP
MAX
UNITS
INPUT
OFFSET VOLTAGE, initial
25
40
15
30
mV
OFFSET VOLTAGE, vs. temperature3
25° to 85°C
100
250
*
*
µV/°C
OFFSET VOLTAGE, vs. temperature3
-25° to 25°C
270
500
*
*
µV/°C
OFFSET VOLTAGE, vs supply
3
*
µV/V
OFFSET VOLTAGE, vs time
70
130
*
*
µV/kh
BIAS CURRENT, initial6
5/50
50/200
*
*
pA
BIAS CURRENT, vs supply
0.2/2
*
pA/V
OFFSET CURRENT, initial6
2.5/50
50/200
*
*
pA
INPUT IMPEDANCE, DC
1011
*
INPUT CAPACITANCE
6
*
pF
COMMON MODE, voltage range
+V
S–14
*
V
COMMON MODE, voltage range
-V
S+12
*
V
COMMON MODE REJECTION, DC
V
CM = ±90V DC
84
94
*
*
dB
NOISE, broad band
10kHz BW, R
S = 1K
50
*
µV RMS
NOISE, low frequency
1-10 Hz
125
*
µV p-p
GAIN
OPEN LOOP at 15Hz
R
L = 5K
90
96
*
*
dB
BANDWIDTH, gain bandwidth product
3
*
MHz
POWER BANDWIDTH
280V p-p
30
*
kHz
OUTPUT
VOLTAGE SWING
I
O = 40mA
±V
S–12
±V
S–10
±V
S–10
±V
S–8.5
V
CURRENT, peak4
120
*
mA
CURRENT, continuous
60
*
mA
SETTLING TIME to .1%
10V step, A
V = –10
2
*
µs
SLEW RATE
C
C = 3.3pF
30
*
V/µs
RESISTANCE5, 1mA
R
CL = 0
150
*
RESISTANCE5, 40 mA
R
CL = 0
5
*
POWER SUPPLY
VOLTAGE
±50
±150
±175
*
*
*
V
CURRENT, quiescent
2.2
2.5
*
2.3
mA
THERMAL
PA241CE RESISTANCE, AC junction to case F > 60Hz
5.4
6.5
*
*
°C/W
PA241DF RESISTANCE, AC junction to case
F > 60Hz
6
7
*
*
°C/W
PA241CE RESISTANCE, DC junction to case F < 60Hz
9
10.4
*
*
°C/W
PA241DF RESISTANCE, DC junction to case F < 60Hz
9
11
*
*
°C/W
PA241CE RESISTANCE, junction to air
Full temperature range
30
*
°C/W
PA241DF RESISTANCE, junction to air7
Full temperature range
25
*
°C/W
TEMPERATURE RANGE, case
Meets full range spec's
–25
+85
*
*
°C
SPECIFICATIONS
NOTES:
*
"A" specification is the same as the non "A" specification.
1.
Unless otherwise noted T
C = 25°C, CC = 6.8pF. DC input specifications are ± value given. Power supply voltage is typical
rating.
2.
Long term operation at the maximum junction temperature will result in reduced product life. Derate internal power dissipation
to achieve high MTTF. For guidance, refer to heatsink data sheet.
3.
Sample tested by wafer to 95%.
4.
Guaranteed but not tested.
5.
The selected value of R
CL must be added to the values given for total output resistance.
6.
Specifications separated by / indicate values for the PA241CE and PA241DF respectively.
7.
Rating applies with solder connection of heatslug to a minimum 1 square inch foil area of the printed circuit board.


Similar Part No. - PA241DW

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
PA241DW ETC1-PA241DW Datasheet
389Kb / 6P
   High Voltage Power Operational Amplifiers
PA241DWA ETC1-PA241DWA Datasheet
389Kb / 6P
   High Voltage Power Operational Amplifiers
More results

Similar Description - PA241DW

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
PA40 ETC1-PA40 Datasheet
64Kb / 4P
   HIGH VOLTAGE POWER OPERATIONAL AMPLIFIER
PA44 ETC-PA44 Datasheet
66Kb / 4P
   HIGH VOLTAGE POWER OPERATIONAL AMPLIFIER
logo
Cirrus Logic
PA140 APEX-PA140 Datasheet
76Kb / 4P
   HIGH VOLTAGE POWER OPERATIONAL AMPLIFIER
PA241 CIRRUS-PA241 Datasheet
269Kb / 7P
   High Voltage Power Operational Amplifier
PA243 CIRRUS-PA243 Datasheet
254Kb / 6P
   High Voltage Power Operational Amplifier
PA243 APEX-PA243 Datasheet
461Kb / 5P
   HIGH VOLTAGE POWER OPERATIONAL AMPLIFIER
PA240 CIRRUS-PA240 Datasheet
220Kb / 5P
   High Voltage Power Operational Amplifier
PA46 APEX-PA46 Datasheet
68Kb / 4P
   HIGH VOLTAGE POWER OPERATIONAL AMPLIFIER
PA95 APEX-PA95 Datasheet
62Kb / 4P
   HIGH VOLTAGE POWER OPERATIONAL AMPLIFIER
PA240 APEX-PA240 Datasheet
384Kb / 5P
   HIGH VOLTAGE POWER OPERATIONAL AMPLIFIER
logo
List of Unclassifed Man...
PA45 ETC-PA45 Datasheet
58Kb / 4P
   HIGH VOLTAGE POWER OPERATIONAL AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com