Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PA95 Datasheet(PDF) 4 Page - Cirrus Logic

Part # PA95
Description  High Voltage Power Operational Amplifiers
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

PA95 Datasheet(HTML) 4 Page - Cirrus Logic

  PA95_10 Datasheet HTML 1Page - Cirrus Logic PA95_10 Datasheet HTML 2Page - Cirrus Logic PA95_10 Datasheet HTML 3Page - Cirrus Logic PA95_10 Datasheet HTML 4Page - Cirrus Logic PA95_10 Datasheet HTML 5Page - Cirrus Logic PA95_10 Datasheet HTML 6Page - Cirrus Logic  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
PA95
4
PA95U
P r o d u c t I n n o v a t i o n F r o m
®
TYPICAL APPLICATION
Piezopositioningmaybeappliedtothefocusingofseg-
mented mirror systems. The composite mirror may be
composedofhundredsofelements,eachrequiringfocus-
ingundercomputercontrol.Insuchcomplexsystemsthe
PA95 reduces the costs of power supplies and cooling
withitsadvantagesoflowcostandlowquiescentpower
consumptionwhileincreasingcircuitdensitywiththeSIP
package.
PHASE COMPENSATION
C
Cratedforfullsupplyvoltage.
GAIN
C
C
≥100 4.7pF
GENERAL
PleasereadApplicationNote1"GeneralOperatingConsiderations"whichcoversstability,supplies,heatsinking,
mounting,currentlimit,SOAinterpretation,andspecificationinterpretation.Visitwww.cirrus.comfordesigntools
thathelpautomatetaskssuchascalculationsforstability,internalpowerdissipation,currentlimit;heatsinkselec-
tion;ApexPrecisionPower’scompleteApplicationNoteslibrary;TechnicalSeminarWorkbook;andEvaluationKits.
CURRENT LIMIT
Forproperoperation,thecurrentlimitresistor(R
LIM)mustbeconnectedasshownintheexternalconnectiondia-
gram.Theminimumvalueis3.5ohm,howeverforoptimumreliabilitytheresistorvalueshouldbesetashighas
possible.Thevalueiscalculatedasfollows;withthemaximumpracticalvalueof150ohms.
.7
R
LIM=
I
LIM
COMMON MODE INPUT RANGE
Operationalamplifiersareusuallydesignedtohaveacommonmodeinputvoltagerangethatapproximatesthe
powersupplyvoltagerange.However,tokeepthecostaslowaspossibleandstillmeettherequirementsofmost
applicationsthecommonmodeinputvoltagerangeofthePA95isrestricted.Theinputpinsmustalwaysbealeast
30Vfromeithersupplyvoltagebutnevermorethan500V.ThismeansthatthePA95cannotbeusedinapplications
wherethesupplyvoltagesareextremelyunbalanced.Forexample,supplyvoltagesof+800Vand–100Vwouldnot
beallowedinanapplicationwherethenon-invertingpinisgroundedbecauseinnormaloperationbothinputpins
wouldbeat0Vandthedifferencevoltagebetweenthepositivesupplyandtheinputpinswouldbe800V.Inthis
kindofapplication,however,supplyvoltages+500Vand-100Vdoesmeettheinputcommonmodevoltagerange
0
25
50
75 100 125 150
TEMPERATURE, T (°C)
0
5
15
20
POWER DERATING
10
100
10K
1M
FREQUENCY, F (Hz)
OUTPUT CURRENT, I
O (mA)
OUTPUT VOLTAGE SWING
3
10
20
100
CURRENT LIMIT RESISTOR, R
CL (Ω)
10
30
200
CURRENT LIMIT
50
70
5
50
20
INPUT NOISE
1K
2
7
10
20
3
5
15
10
30
25
120
100
150
T = T
C
T = T
A
SAFE OPERATING AREA
SUPPLY TO OUTPUT DIFFERENTIAL, V
S –VO (V)
50
50
5
10
15
25
DC,
T
C
= 125°C
DC,
T
C
= 85°C
200mS
PULSE CURVES @
10% DUTY CYCLE MAX
DC,
T
C
= 25°C
100mS
100
100
150
200
250
500
1K
1M
2M
3M
4M 5M
FREQUENCY, F (Hz)
-90
-135
-180
-225
-270
-315
-360
PHASE RESPONSE
C
C = 4.7pF
100K
300K
FREQUENCY, F (Hz)
50
1K
500
POWER RESPONSE
100
10K
C
C = 4.7pF
200
0
200
600
800 1000
TOTAL SUPPLY VOLTAGE, V
S (V)
1.08
1.04
1.00
.96
.92
.88
QUIESCENT CURRENT
400
FREQUENCY, F (Hz)
SMALL SIGNAL RESPONSE
0
60
120
20
40
80
100
100
1K 10K 100K 1M 10M
10
C
C = 4.7pF
0
100
4
8
24
40
16
32
20
60
40
T C=
25°C
TC = –55°C
T C
= 85°C
80
F
R
PA95
IN
R
PIEZO DRIVE
S
–V
S
+V
OUT
V
COMPUTER
FOCUS
COMMAND
VOLTAGE
CL
R
1
2
10
8
7
12


Similar Part No. - PA95_10

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
PA95 ETC2-PA95_17 Datasheet
621Kb / 6P
   High Voltage Power Operational Amplifiers
More results

Similar Description - PA95_10

ManufacturerPart #DatasheetDescription
logo
Cirrus Logic
PA81J APEX-PA81J Datasheet
260Kb / 4P
   HIGH VOLTAGE POWER OPERATIONAL AMPLIFIERS
logo
List of Unclassifed Man...
PA92 ETC2-PA92_17 Datasheet
554Kb / 1P
   High Voltage Power Operational Amplifiers
PA95 ETC2-PA95_17 Datasheet
621Kb / 6P
   High Voltage Power Operational Amplifiers
logo
Cirrus Logic
PA93 CIRRUS-PA93 Datasheet
482Kb / 6P
   High Voltage Power Operational Amplifiers
PA15FL CIRRUS-PA15FL Datasheet
197Kb / 5P
   High Voltage Power Operational Amplifiers
PA60 CIRRUS-PA60 Datasheet
159Kb / 4P
   High Voltage Power Operational Amplifiers
PA94 APEX-PA94 Datasheet
224Kb / 4P
   HIGH VOLTAGE POWER OPERATIONAL AMPLIFIERS
PA94 CIRRUS-PA94_09 Datasheet
208Kb / 6P
   High Voltage Power Operational Amplifiers
PA83 CIRRUS-PA83 Datasheet
205Kb / 5P
   High Voltage Power Operational Amplifiers
PA15FL CIRRUS-PA15FL_10 Datasheet
611Kb / 5P
   High Voltage Power Operational Amplifiers
PA91 CIRRUS-PA91_10 Datasheet
677Kb / 6P
   High Voltage Power Operational Amplifiers
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com