Electronic Components Datasheet Search |
|
TMP320C6726BRFP225 Datasheet(PDF) 1 Page - Texas Instruments |
|
TMP320C6726BRFP225 Datasheet(HTML) 1 Page - Texas Instruments |
1 / 118 page 1 TMS320C6727B, TMS320C6726B, TMS320C6722B, TMS320C6720 DSPs 1.1 Features TMS320C6727B, TMS320C6726B, TMS320C6722B, TMS320C6720 Floating-Point Digital Signal Processors www.ti.com SPRS370E – SEPTEMBER 2006 – REVISED JULY 2008 • C672x: 32-/64-Bit 350-MHz Floating-Point DSPs • Three Multichannel Audio Serial Ports – Transmit/Receive Clocks up to 50 MHz • Upgrades to C67x+ CPU From C67x™ DSP – Six Clock Zones and 16 Serial Data Pins Generation: – Supports TDM, I2S, and Similar Formats – 2X CPU Registers [64 General-Purpose] – DIT-Capable (McASP2) – New Audio-Specific Instructions – Compatible With the C67x CPU • Universal Host-Port Interface (UHPI) – 32-Bit-Wide Data Bus for High Bandwidth • Enhanced Memory System – Muxed and Non-Muxed Address and Data – 256K-Byte Unified Program/Data RAM – 384K-Byte Unified Program/Data ROM • Two 10-MHz SPI Ports With 3-, 4-, and 5-Pin – Single-Cycle Data Access From CPU Options – Large Program Cache (32K Byte) Supports • Two Inter-Integrated Circuit (I2C) Ports RAM, ROM, and External Memory • Real-Time Interrupt Counter/Watchdog • External Memory Interface (EMIF) Supports • Oscillator- and Software-Controlled PLL – 133-MHz SDRAM (16- or 32-Bit) • Applications: – Asynchronous NOR Flash, SRAM (8-,16-, or – Professional Audio 32-Bit) • Mixers – NAND Flash (8- or 16-Bit) • Effects Boxes • Enhanced I/O System • Audio Synthesis – High-Performance Crossbar Switch • Instrument/Amp Modeling – Dedicated McASP DMA Bus • Audio Conferencing – Deterministic I/O Performance • Audio Broadcast • dMAX (Dual Data Movement Accelerator) • Audio Encoder Supports: – Emerging Audio Applications – 16 Independent Channels – Biometrics – Concurrent Processing of Two Transfer – Medical Requests – Industrial – 1-, 2-, and 3-Dimensional • Commercial or Extended Temperature Memory-to-Memory and Memory-to-Peripheral Data Transfers • 144-Pin, 0.5-mm, PowerPAD™ Thin Quad – Circular Addressing Where the Size of a Flatpack (TQFP) [RFP Suffix] Circular Buffer (FIFO) is not Limited to 2n • 256-Terminal, 1.0-mm, 16x16 Array Plastic Ball – Table-Based Multi-Tap Delay Read and Grid Array (PBGA) [GDH and ZDH Suffixes] Write Transfers From/To a Circular Buffer Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas Instruments semiconductor products and disclaimers thereto appears at the end of this document. C67x, PowerPAD, TMS320C6000, C6000, DSP/BIOS, XDS, TMS320 are trademarks of Texas Instruments. Philips is a registered trademark of Koninklijki Philips Electronics N.V. All other trademarks are the property of their respective owners. PRODUCTION DATA information is current as of publication date. Copyright © 2006–2008, Texas Instruments Incorporated Products conform to specifications per the terms of the Texas Instruments standard warranty. Production processing does not necessarily include testing of all parameters. |
Similar Part No. - TMP320C6726BRFP225 |
|
Similar Description - TMP320C6726BRFP225 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |