Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SMCJ64CA Datasheet(PDF) 4 Page - Littelfuse

Part # SMCJ64CA
Description  Transient Voltage Suppression Diodes
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

SMCJ64CA Datasheet(HTML) 4 Page - Littelfuse

  SMCJ64CA Datasheet HTML 1Page - Littelfuse SMCJ64CA Datasheet HTML 2Page - Littelfuse SMCJ64CA Datasheet HTML 3Page - Littelfuse SMCJ64CA Datasheet HTML 4Page - Littelfuse SMCJ64CA Datasheet HTML 5Page - Littelfuse  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
Transient Voltage Suppression Diodes
Revision: November 13, 2009
©2009 Littelfuse, Inc.
Specifications are subject to change without notice.
Surface Mount – 1500W > SMCJ series
SMCJ Series
Please refer to http://www.Littelfuse.com/series/SMCJ.html for current information.
Physical Specifications
Weight
Case
Polarity
Color band denotes positive end
Terminal
Dimensions
Environmental Specifications
Temperature Cycle
Pressure Cooker
High Temp. Storage
HTRB
Thermal Shock
Soldering Parameters
Time (t)
T
s(min)
T
s(max)
T
L
T
P
t
s
Preheat
t
L
t
p
Ramp-up
Critical Zone
T
L
to T
P
Ramp-down
t 25˚C to Peak
25˚C
Reflow Condition
Pre Heat
-Temperature Min (T
s(min))
150°C
-Temperature Max (T
s(max))
200°C
-Time (min to max) (t
s)
Average ramp up rate (LiquidusTemp
(T
L) to peak
T
S(max) to TL - Ramp-up Rate
Reflow
-Temperature (T
L) (Liquidus)
217°C
-Time (min to max) (t
s)
PeakTemperature (T
P)
260
°C
Time within 5°C of actual peak
Temperature (t
p)
Ramp-down Rate
Time 25°C to peakTemperature (T
P)
Do not exceed
Dimensions
Inches
Millimeters
Min
Max
Min
Max
A
0.114
0.126
0.260
6.600
7.110
C
0.220
0.245
6.220
2.060
2.620
0.060
0.760
1.520
7.750
0.006
0.012
0.152
I
2.400
0.165
4.200
2.400
DO-214AB (SMC J-Bend)
Cathode Band
B
F
G
H
E
C
D
A
I
L
K
J


Similar Part No. - SMCJ64CA

ManufacturerPart #DatasheetDescription
logo
GUANGDONG HOTTECH INDUS...
SMCJ64CA HOTTECH-SMCJ64CA Datasheet
541Kb / 3P
   Transient Voltage Suppressors
logo
Fairchild Semiconductor
SMCJ64CA FAIRCHILD-SMCJ64CA Datasheet
127Kb / 5P
   DEVICES FOR BIPOLAR APPLICATIONS
logo
SHIKUES Electronics
SMCJ64CA SKTECHNOLGY-SMCJ64CA Datasheet
1Mb / 4P
   Rating to 200C VBR
logo
MDE Semiconductor, Inc.
SMCJ64CA MDE-SMCJ64CA Datasheet
86Kb / 3P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
Ruilongyuan Electronics...
SMCJ64CA RUILON-SMCJ64CA Datasheet
933Kb / 7P
   Transient Voltage Suppressors
More results

Similar Description - SMCJ64CA

ManufacturerPart #DatasheetDescription
logo
Littelfuse
15KPA150CA LITTELFUSE-15KPA150CA Datasheet
653Kb / 6P
   Transient Voltage Suppression Diodes
5.0SMDJ60CA LITTELFUSE-5.0SMDJ60CA Datasheet
1Mb / 5P
   Transient Voltage Suppression Diodes
P4KE LITTELFUSE-P4KE Datasheet
145Kb / 5P
   Transient Voltage Suppression Diodes
SACB LITTELFUSE-SACB Datasheet
181Kb / 4P
   Transient Voltage Suppression Diodes
P4SMA LITTELFUSE-P4SMA Datasheet
142Kb / 5P
   Transient Voltage Suppression Diodes
30KPA42A LITTELFUSE-30KPA42A Datasheet
1Mb / 6P
   Transient Voltage Suppression Diodes
TP1.5KE LITTELFUSE-TP1.5KE Datasheet
1Mb / 5P
   Transient Voltage Suppression Diodes
logo
Shanghai Yint Electroni...
SM5S YINT-SM5S Datasheet
385Kb / 3P
   Transient Voltage Suppression Diodes
logo
Littelfuse
AK10 LITTELFUSE-AK10_09 Datasheet
188Kb / 3P
   Transient Voltage Suppression Diodes
SA5.0A LITTELFUSE-SA5.0A_09 Datasheet
142Kb / 5P
   Transient Voltage Suppression Diodes
SMBJ5.0A LITTELFUSE-SMBJ5.0A_09 Datasheet
144Kb / 5P
   Transient Voltage Suppression Diodes
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com