Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TMP320C6727BZDH225 Datasheet(PDF) 9 Page - Texas Instruments

Part # TMP320C6727BZDH225
Description  Floating-Point Digital Signal Processors
Download  118 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMP320C6727BZDH225 Datasheet(HTML) 9 Page - Texas Instruments

Back Button TMP320C6727BZDH225 Datasheet HTML 5Page - Texas Instruments TMP320C6727BZDH225 Datasheet HTML 6Page - Texas Instruments TMP320C6727BZDH225 Datasheet HTML 7Page - Texas Instruments TMP320C6727BZDH225 Datasheet HTML 8Page - Texas Instruments TMP320C6727BZDH225 Datasheet HTML 9Page - Texas Instruments TMP320C6727BZDH225 Datasheet HTML 10Page - Texas Instruments TMP320C6727BZDH225 Datasheet HTML 11Page - Texas Instruments TMP320C6727BZDH225 Datasheet HTML 12Page - Texas Instruments TMP320C6727BZDH225 Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 118 page
background image
2.3 CPU Interrupt Assignments
TMS320C6727B, TMS320C6726B, TMS320C6722B, TMS320C6720
Floating-Point Digital Signal Processors
www.ti.com
SPRS370E – SEPTEMBER 2006 – REVISED JULY 2008
Table 2-2. New Floating-Point Instructions for C67x+ CPU
FLOATING-POINT
INSTRUCTION
IMPROVES
OPERATION(1)
MPYSPDP
SP x DP
→ DP
Faster than MPYDP.
Improves high Q biquads (bass management) and FFT.
MPYSP2DP
SP x SP
→ DP
Faster than MPYDP.
Improves Long FIRs (EQ).
ADDSP (new to CPU “S” Unit)
SP + SP
→ SP
ADDDP (new to CPU “S” Unit)
DP + DP
→ DP
Now up to four floating-point add and subtract operations in parallel.
Improves FFT performance and symmetric FIR.
SUBSP (new to CPU “S” Unit)
SP – SP
→ SP
SUBDP (new to CPU “S” Unit)
DP – DP
→ DP
(1)
SP means IEEE Single-Precision (32-bit) operations and DP means IEEE Double-Precision (64-bit) operations.
Finally, two new registers, which are dedicated to communication with the dMAX unit, have been added to
the C67x+ CPU. These registers are the dMAX Event Trigger Register (DETR) and the dMAX Event
Status Register (DESR). They allow the CPU and dMAX to communicate without requiring any accesses
to the memory system.
Table 2-3 lists the interrupt channel assignments on the C672x device. If more than one source is listed,
the interrupt channel is shared and an interrupt on this channel could have come from any of the enabled
peripherals on that channel.
The dMAX peripheral has two CPU interrupts dedicated to reporting FIFO status (INT7) and transfer
completion (INT8). In addition, the dMAX can generate interrupts to the CPU on lines INT9–13 and INT15
in response to peripheral events. To enable this functionality, the associated Event Entry within the dMAX
can be programmed so that a CPU interrupt is generated when the peripheral event is received.
Table 2-3. CPU Interrupt Assignments
CPU INTERRUPT
INTERRUPT SOURCE
INT0
RESET
INT1
NMI (From dMAX or EMIF Interrupt)
INT2
Reserved
INT3
Reserved
INT4
RTI Interrupt 0
INT5
RTI Interrupts 1, 2, 3, and RTI Overflow Interrupts 0 and 1.
INT6
UHPI CPU Interrupt (from External Host MCU)
INT7
FIFO status notification from dMAX
INT8
Transfer completion notification from dMAX
INT9
dMAX event (0x2 specified in the dMAX interrupt event entry)
INT10
dMAX event (0x3 specified in the dMAX interrupt event entry)
INT11
dMAX event (0x4 specified in the dMAX interrupt event entry)
INT12
dMAX event (0x5 specified in the dMAX interrupt event entry)
INT13
dMAX event (0x6 specified in the dMAX interrupt event entry)
INT14
I2C0, I2C1, SPI0, SPI1 Interrupts
INT15
dMAX event (0x7 specified in the dMAX interrupt event entry)
Submit Documentation Feedback
Device Overview
9


Similar Part No. - TMP320C6727BZDH225

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TMP320C6701GFN100 TI-TMP320C6701GFN100 Datasheet
1Mb / 70P
[Old version datasheet]   FIXED-POINT DIGITAL SIGNAL PROCESSOR
TMP320C6701GFNA100 TI-TMP320C6701GFNA100 Datasheet
1Mb / 70P
[Old version datasheet]   FIXED-POINT DIGITAL SIGNAL PROCESSOR
TMP320C6701GGP100 TI-TMP320C6701GGP100 Datasheet
1Mb / 70P
[Old version datasheet]   FIXED-POINT DIGITAL SIGNAL PROCESSOR
TMP320C6701GGPA100 TI-TMP320C6701GGPA100 Datasheet
1Mb / 70P
[Old version datasheet]   FIXED-POINT DIGITAL SIGNAL PROCESSOR
TMP320C6701GHK100 TI-TMP320C6701GHK100 Datasheet
1Mb / 70P
[Old version datasheet]   FIXED-POINT DIGITAL SIGNAL PROCESSOR
More results

Similar Description - TMP320C6727BZDH225

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TMS320C6712 TI1-TMS320C6712_08 Datasheet
1Mb / 116P
[Old version datasheet]   FLOATING-POINT DIGITAL SIGNAL PROCESSORS
TMS320C6727B TI1-TMS320C6727B_17 Datasheet
1Mb / 119P
[Old version datasheet]   Floating-Point Digital Signal Processors
TMS320C6727 TI-TMS320C6727 Datasheet
1Mb / 115P
[Old version datasheet]   Floating-Point Digital Signal Processors
TMS320C6711B TI-TMS320C6711B Datasheet
1Mb / 132P
[Old version datasheet]   FLOATING-POINT DIGITAL SIGNAL PROCESSORS
TMS320C6713 TI-TMS320C6713 Datasheet
2Mb / 150P
[Old version datasheet]   FLOATING-POINT DIGITAL SIGNAL PROCESSORS
TMS320C6727B TI-TMS320C6727B_08 Datasheet
1Mb / 116P
[Old version datasheet]   Floating-Point Digital Signal Processors
TMS320C6727B TI-TMS320C6727B_07 Datasheet
1Mb / 116P
[Old version datasheet]   Floating-Point Digital Signal Processors
TMS320C6711 TI-TMS320C6711 Datasheet
1Mb / 129P
[Old version datasheet]   FLOATING-POINT DIGITAL SIGNAL PROCESSORS
TMS320C6727B TI-TMS320C6727B Datasheet
1Mb / 114P
[Old version datasheet]   Floating-Point Digital Signal Processors
SM320C6713-EP TI1-SM320C6713-EP_15 Datasheet
1Mb / 133P
[Old version datasheet]   FLOATING-POINT DIGITAL SIGNAL PROCESSORS
TMS320C6727 TI-TMS320C6727_08 Datasheet
1Mb / 114P
[Old version datasheet]   Floating-Point Digital Signal Processors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com