Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PA15FL Datasheet(PDF) 4 Page - Cirrus Logic

Part # PA15FL
Description  High Voltage Power Operational Amplifiers
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

PA15FL Datasheet(HTML) 4 Page - Cirrus Logic

  PA15FL_10 Datasheet HTML 1Page - Cirrus Logic PA15FL_10 Datasheet HTML 2Page - Cirrus Logic PA15FL_10 Datasheet HTML 3Page - Cirrus Logic PA15FL_10 Datasheet HTML 4Page - Cirrus Logic PA15FL_10 Datasheet HTML 5Page - Cirrus Logic  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
PA15FL • PA15FLA
4
PA15FLU
P r o d u c t I n n o v a t i o n F r o m
®
GENERAL
Please read Application Note 1 "General Operating Con-
siderations" which covers stability, supplies, heat sinking,
mounting, current limit, SOA interpretation, and specification
interpretation. Visit www.Cirrus.com for design tools that help
automate tasks such as calculations for stability, internal power
dissipation, current limit; heat sink selection; Apex Precision
Power’s completeApplication Notes library;Technical Seminar
Workbook; and Evaluation Kits.
CURRENT LIMIT
For proper operation, the current limit resistor (R
CL) must be
connected as shown in the external connection diagram. The
minimum value is 2 ohm, however for optimum reliability the
resistor value should be set as high as possible. The value
is calculated as follows; with the maximum practical value of
150 ohms.
.6
R
CL =
I
LIM
SAFE OPERATING AREA (SOA)
The MOSFET output stage of this power operational ampli-
fier has two distinct limitations:
1. The current handling capability of the MOSFET geometry
and the wire bonds.
2. The junction temperature of the output MOSFETs.
INPUT PROTECTION
Although the PA15FL can withstand differential input voltages
up to ±25V, additional external protection is recommended. In
most applications 1N4148 or 1N914 signal diodes are sufficient
(D1-D4 in Figure 2a). In more demanding applications where
low leakage or low capacitance are of concern 2N4416 or
2N5457-2N5459 JFETs connected as diodes will be required
(Q1-Q4 in Figure 2b).In either case the input differential voltage
will be clamped to ±1.4V.This is sufficient overdrive to produce
maximum power bandwidth.
POWER SUPPLY PROTECTION
Unidirectional zener diode transient suppressors are recom-
mended as protection on the supply pins. The zeners clamp
transients to voltages within the power supply rating and also
clamp power supply reversals to ground. Whether the zeners
are used or not, the system power supply should be evaluated
for transient performance including power-on overshoot and
power-off polarity reversals as well as line regulation.
Conditions which can cause open circuits or polarity reversals
on either power supply rail should be avoided or protected
against. Reversals or opens on the negative supply rail are
known to induce input stage failure. Unidirectional transzorbs
prevent this, and it is desirable that they be both electrically
and physically as close to the amplifier as possible.
STABILITY
The PA15FL has sufficient phase margin to be stable with
most capacitive loads at a gain of 10 or more, using the recom-
mended phase compensation.
The PA15FL is externally compensated and performance can
be tailored to the application. Use the graphs of small signal
response and power response as a guide. The compensation
capacitor C
C must be rated at 500V working voltage. An NPO
capacitor is recommended. The compensation network C
CRC
must be mounted closely to the amplifier pins 8 and 9 to avoid
spurious oscillation.
FIGURE 2. OVERVOLTAGE PROTECTION
PA15FL
+VS
–IN
+IN
Z1
Z2
D4
D3
6
5
1
2
+VS
Z1
Z2
6
5
PA15FL
a.
b.
–VS
–VS
D2
D1
–IN
+IN
1
2
Q1
Q2
Q3
Q4
SOA
SUPPLY TO OUTPUT DIFFERENTIAL, V
S –VO (V)
25
50
75
100
250
500
10
20
30
50
100
200
300
500
DC,
T
C
= 125°C
DC,
T
C
= 85°C
200mS
PULSE CURVES @ 10% DUTY CYCLE MAX
DC,
T
C
= 25°C
100mS
125


Similar Part No. - PA15FL_10

ManufacturerPart #DatasheetDescription
logo
Cirrus Logic
PA15FLA APEX-PA15FLA Datasheet
275Kb / 4P
   HIGH VOLTAGE POWER OPERATIONAL AMPLIFIERS
PA15FLA CIRRUS-PA15FLA Datasheet
197Kb / 5P
   High Voltage Power Operational Amplifiers
More results

Similar Description - PA15FL_10

ManufacturerPart #DatasheetDescription
logo
Cirrus Logic
PA81J APEX-PA81J Datasheet
260Kb / 4P
   HIGH VOLTAGE POWER OPERATIONAL AMPLIFIERS
logo
List of Unclassifed Man...
PA92 ETC2-PA92_17 Datasheet
554Kb / 1P
   High Voltage Power Operational Amplifiers
PA95 ETC2-PA95_17 Datasheet
621Kb / 6P
   High Voltage Power Operational Amplifiers
logo
Cirrus Logic
PA93 CIRRUS-PA93 Datasheet
482Kb / 6P
   High Voltage Power Operational Amplifiers
PA15FL CIRRUS-PA15FL Datasheet
197Kb / 5P
   High Voltage Power Operational Amplifiers
PA60 CIRRUS-PA60 Datasheet
159Kb / 4P
   High Voltage Power Operational Amplifiers
PA94 APEX-PA94 Datasheet
224Kb / 4P
   HIGH VOLTAGE POWER OPERATIONAL AMPLIFIERS
PA94 CIRRUS-PA94_09 Datasheet
208Kb / 6P
   High Voltage Power Operational Amplifiers
PA83 CIRRUS-PA83 Datasheet
205Kb / 5P
   High Voltage Power Operational Amplifiers
PA91 CIRRUS-PA91_10 Datasheet
677Kb / 6P
   High Voltage Power Operational Amplifiers
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com