Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EP7311-CV Datasheet(PDF) 40 Page - Cirrus Logic

Part # EP7311-CV
Description  High-performance, Low-power, System-on-chip with SDRAM & Enhanced Digital Audio Interface
Download  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

EP7311-CV Datasheet(HTML) 40 Page - Cirrus Logic

Back Button EP7311-CV Datasheet HTML 36Page - Cirrus Logic EP7311-CV Datasheet HTML 37Page - Cirrus Logic EP7311-CV Datasheet HTML 38Page - Cirrus Logic EP7311-CV Datasheet HTML 39Page - Cirrus Logic EP7311-CV Datasheet HTML 40Page - Cirrus Logic EP7311-CV Datasheet HTML 41Page - Cirrus Logic EP7311-CV Datasheet HTML 42Page - Cirrus Logic EP7311-CV Datasheet HTML 43Page - Cirrus Logic EP7311-CV Datasheet HTML 44Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 58 page
background image
40
©Copyright Cirrus Logic, Inc. 2005
(All Rights Reserved)
DS506F1
EP7311
High-Performance, Low-Power System on Chip
H19
D[12]
1
Low
I/O
Data I/O
H20
A[12]
1
Low
O
System byte address
J1
PA[4]
1
Input
I/O
GPIO port A
J2
PA[5]
1
Input
I/O
GPIO port A
J3
PA[6]
1
Input
I/O
GPIO port A
J18
A[11]
1
Low
O
System byte address
J19
D[13]
1
Low
I/O
Data I/O
J20
A[13]/DRA[14]
1
Low
O
System byte address
/ SDRAM address
K1
PA[1]
1
Input
I/O
GPIO port A
K2
PA[2]
1
Input
I/O
GPIO port A
K3
VDDIO
Pad power
Digital I/O power,
3.3V
K18
D[14]
1
Low
I/O
Data I/O
K19
A[14]/DRA[13]
1
Low
O
System byte address
/ SDRAM address
K20
D[15]
1
Low
I/O
Data I/O
L1
TXD[1]
1
High
O
UART 1 transmit
data out
L2
LEDDRV
1
Low
O
IR LED drive
L3
PA[3]
1
Input
I/O
GPIO port A
L18
VDDIO
Pad power
Digital I/O power,
3.3V
L19
D[16]
1
Low
I/O
Data I/O
L20
A[16]/DRA[11]
1
Low
O
System byte address
/ SDRAM address
M1
RXD[1]
I
UART 1 receive data
input
M2
CTS
I
UART 1 clear to
send input
M3
PA[0]
1
Input
I/O
GPIO port A
M18
A[15]/DRA[12]
1
Low
O
System byte address
/ SDRAM address
M19
A[17]/DRA[10]
1
Low
O
System byte address
/ SDRAM address
M20
nTRST
I
JTAG async reset
input
N1
DSR
I
UART 1 data set
ready input
N2
nTEST[1]
With p/u*
I
Test mode select
input
N3
PHDIN
I
Photodiode input
Table 21. 204-Ball TFBGA Ball Listing (Continued)
Ball Location
Name
Strength
Reset
State
Type
Description


Similar Part No. - EP7311-CV

ManufacturerPart #DatasheetDescription
logo
Cirrus Logic
EP7311-CV-C CIRRUS-EP7311-CV-C Datasheet
1Mb / 54P
   HIGH-PERFORMANCE, LOW-POWER SYSTEM-ON-CHIP WITH SDRAM AND ENHANCED DIGITAL AUDIO INTERFACE
More results

Similar Description - EP7311-CV

ManufacturerPart #DatasheetDescription
logo
Cirrus Logic
EP7312 CIRRUS-EP7312 Datasheet
1Mb / 64P
   HIGH-PERFORMANCE, LOW-POWER SYSTEM ON CHIP WITH SDRAM AND ENHANCED DIGITAL AUDIO INTERFACE
EP7311 CIRRUS-EP7311 Datasheet
1Mb / 54P
   HIGH-PERFORMANCE, LOW-POWER SYSTEM-ON-CHIP WITH SDRAM AND ENHANCED DIGITAL AUDIO INTERFACE
EP7309 CIRRUS-EP7309_05 Datasheet
1Mb / 51P
   High-performance, Low-power, System-on-chip with Enhanced Digital Audio Interface
EP7309 CIRRUS-EP7309 Datasheet
1Mb / 46P
   HIGH PERFORMANCE LOW POWER SYSTEM ON CHIP ENHANCED DIGITAL AUDIO INTERFACE
EP7312 CIRRUS-EP7312_05 Datasheet
1Mb / 64P
   High-performance, Low-power, System-on-chip with SDRAM & Enhanced with SDRAM & Enhanced
EP7212 CIRRUS-EP7212 Datasheet
2Mb / 136P
   HIGH-PERFORMANCE, LOW-POWER SYSTEM-ON-CHIP WITH LCD CONTROLLER AND DIGITAL AUDIO INTERFACE(DAI)
EP7211 CIRRUS-EP7211 Datasheet
2Mb / 166P
   HIGH-PERFORMANCE ULTRA-LOW-POWER SYSTEM-ON-CHIP WITH LCD CONTROLLER
CS89712 CIRRUS-CS89712 Datasheet
2Mb / 170P
   HIGH-PERFORMANCE, LOW-POWER SYSTEM-ON-CHIP WITH 10BASE-T ETHERNET CONTROLLER
EP7209 CIRRUS-EP7209 Datasheet
1Mb / 128P
   Ultra-Low-Power Audio Decoder System-on-Chip
logo
ams AG
AS3518 AMSCO-AS3518 Datasheet
417Kb / 3P
   Stereo Audio Codec with enhanced System Power Management
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com