Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EP7312 Datasheet(PDF) 55 Page - Cirrus Logic

Part # EP7312
Description  High-performance, Low-power, System-on-chip with SDRAM & Enhanced with SDRAM & Enhanced
Download  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

EP7312 Datasheet(HTML) 55 Page - Cirrus Logic

Back Button EP7312_05 Datasheet HTML 51Page - Cirrus Logic EP7312_05 Datasheet HTML 52Page - Cirrus Logic EP7312_05 Datasheet HTML 53Page - Cirrus Logic EP7312_05 Datasheet HTML 54Page - Cirrus Logic EP7312_05 Datasheet HTML 55Page - Cirrus Logic EP7312_05 Datasheet HTML 56Page - Cirrus Logic EP7312_05 Datasheet HTML 57Page - Cirrus Logic EP7312_05 Datasheet HTML 58Page - Cirrus Logic EP7312_05 Datasheet HTML 59Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 55 / 64 page
background image
DS508F1
©Copyright Cirrus Logic, Inc. 2005
(All Rights Reserved)
55
EP7312
High-Performance, Low-Power System on Chip
8
C2
D2
EXPRDY
I
13
9E2
F4
TXD2
O
14
10
D2
E1
RXD2
I
16
13
F3
E2
PB[7]
I/O
17
14
D1
G5
PB[6]
I/O
20
15
F2
F1
PB[5]
I/O
23
16
E1
G4
PB[4]
I/O
26
17
F1
F2
PB[3]
I/O
29
18
G2
H7
PB[2]
I/O
32
19
G1
G1
PB[1]
I/O
35
20
H3
H6
PB[0]
I/O
38
23
H1
H1
PA[7]
I/O
41
24
J3
H5
PA[6]
I/O
44
25
J2
H2
PA[5]
I/O
47
26
J1
H4
PA[4]
I/O
50
27
L3
J1
PA[3]
I/O
53
28
K2
J4
PA[2]
I/O
56
29
K1
J2
PA[1]
I/O
59
30
M3
J5
PA[0]
I/O
62
31
L2
K1
LEDDRV
O
65
32
L1
J6
TXD1
O
67
34
N3
K2
PHDIN
I
69
35
M2
J7
CTS
I
70
36
M1
L1
RXD1
I
71
37
P3
K4
DCD
I
72
38
N1
L2
DSR
I
73
39
N2
K5
nTEST1
I
74
40
R3
M1
nTEST0
I
75
41
P1
K6
EINT3
I
76
42
P2
M2
nEINT2
I
77
43
T3
L4
nEINT1
I
78
44
R1
N1
nEXTFIQ
I
79
45
R2
L5
PE[2]/CLKSEL
I/O
80
46
T1
N2
PE[1]/
BOOTSEL[1]
I/O
83
47
T2
M4
PE[0]/BOOTSEL0
I/O
86
53
V4
T2
PD[7]/SDQM[1]
I/O
89
54
W4
T3
PD[6/SDQM[0]]
I/O
92
55
Y4
N5
PD[5]
I/O
95
Table 23. JTAG Boundary Scan Signal Ordering (Continued)
LQFP
Pin No.
TFBGA
Ball
PBGA
Ball
Signal
Type
Position


Similar Part No. - EP7312_05

ManufacturerPart #DatasheetDescription
logo
Cirrus Logic
EP7312-90 APEX-EP7312-90 Datasheet
549Kb / 4P
   Allows Faster than Real-Time Recording
EP7312-CB-90 CIRRUS-EP7312-CB-90 Datasheet
1Mb / 64P
   HIGH-PERFORMANCE, LOW-POWER SYSTEM ON CHIP WITH SDRAM AND ENHANCED DIGITAL AUDIO INTERFACE
EP7312-CB-C CIRRUS-EP7312-CB-C Datasheet
1Mb / 54P
   HIGH-PERFORMANCE, LOW-POWER SYSTEM-ON-CHIP WITH SDRAM AND ENHANCED DIGITAL AUDIO INTERFACE
EP7312-CR-90 CIRRUS-EP7312-CR-90 Datasheet
1Mb / 64P
   HIGH-PERFORMANCE, LOW-POWER SYSTEM ON CHIP WITH SDRAM AND ENHANCED DIGITAL AUDIO INTERFACE
EP7312-CR-C CIRRUS-EP7312-CR-C Datasheet
1Mb / 54P
   HIGH-PERFORMANCE, LOW-POWER SYSTEM-ON-CHIP WITH SDRAM AND ENHANCED DIGITAL AUDIO INTERFACE
More results

Similar Description - EP7312_05

ManufacturerPart #DatasheetDescription
logo
Cirrus Logic
EP7311 CIRRUS-EP7311_05 Datasheet
1Mb / 58P
   High-performance, Low-power, System-on-chip with SDRAM & Enhanced Digital Audio Interface
EP7311 CIRRUS-EP7311 Datasheet
1Mb / 54P
   HIGH-PERFORMANCE, LOW-POWER SYSTEM-ON-CHIP WITH SDRAM AND ENHANCED DIGITAL AUDIO INTERFACE
EP7312 CIRRUS-EP7312 Datasheet
1Mb / 64P
   HIGH-PERFORMANCE, LOW-POWER SYSTEM ON CHIP WITH SDRAM AND ENHANCED DIGITAL AUDIO INTERFACE
EP7309 CIRRUS-EP7309_05 Datasheet
1Mb / 51P
   High-performance, Low-power, System-on-chip with Enhanced Digital Audio Interface
EP7309 CIRRUS-EP7309 Datasheet
1Mb / 46P
   HIGH PERFORMANCE LOW POWER SYSTEM ON CHIP ENHANCED DIGITAL AUDIO INTERFACE
logo
Freescale Semiconductor...
33742 FREESCALE-33742_08 Datasheet
1Mb / 70P
   System Basis Chip with Enhanced High Speed CAN Transceiver
logo
Cirrus Logic
EP9315 CIRRUS-EP9315 Datasheet
1Mb / 64P
   Enhanced Universal Platform System-on-Chip Processor
EP7211 CIRRUS-EP7211 Datasheet
2Mb / 166P
   HIGH-PERFORMANCE ULTRA-LOW-POWER SYSTEM-ON-CHIP WITH LCD CONTROLLER
logo
Luminus, Inc
MP-3030-12ZH LUMINUS-MP-3030-12ZH Datasheet
1Mb / 14P
   Ultra High-Performance with Enhanced ESD Protection
logo
Freescale Semiconductor...
33742 FREESCALE-33742 Datasheet
2Mb / 65P
   System Basis Chip (SBC) with Enhanced High-Speed CAN Transceiver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com