Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BAP1321LX Datasheet(PDF) 5 Page - NXP Semiconductors

Part # BAP1321LX
Description  Silicon PIN diode
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

BAP1321LX Datasheet(HTML) 5 Page - NXP Semiconductors

  BAP1321LX Datasheet HTML 1Page - NXP Semiconductors BAP1321LX Datasheet HTML 2Page - NXP Semiconductors BAP1321LX Datasheet HTML 3Page - NXP Semiconductors BAP1321LX Datasheet HTML 4Page - NXP Semiconductors BAP1321LX Datasheet HTML 5Page - NXP Semiconductors BAP1321LX Datasheet HTML 6Page - NXP Semiconductors BAP1321LX Datasheet HTML 7Page - NXP Semiconductors BAP1321LX Datasheet HTML 8Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
BAP1321LX_1
© NXP B.V. 2007. All rights reserved.
Product data sheet
Rev. 01 — 30 July 2007
5 of 8
NXP Semiconductors
BAP1321LX
Silicon PIN diode
8.
Package outline
Fig 5.
Package outline SOD882T
REFERENCES
OUTLINE
VERSION
EUROPEAN
PROJECTION
ISSUE DATE
IEC
JEDEC
JEITA
SOD882T
SOD882T
04-12-14
06-04-12
Note
1. The marking bar indicates the cathode
UNIT
A
mm
0.40
0.36
0.55
0.45
0.65
0.55
1.05
0.95
0.30
0.22
A1
max
DIMENSIONS (mm are the original dimensions)
Leadless ultra small plastic package; 2 terminals; body 1 x 0.6 x 0.4 mm
A
B
y
e1
wB
M
L1 (2×)
A1
A
b (2
×)
(2
×)
(2
×)
D
E
(1)
0
0.5
1 mm
scale
0.04
b
D
E
e1
0.65
L1
w
0.1
y
0.03
2
1
wA
M


Similar Part No. - BAP1321LX

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BAP1321LX NXP-BAP1321LX Datasheet
9Mb / 130P
   RF Manual 16th edition
June 2012
More results

Similar Description - BAP1321LX

ManufacturerPart #DatasheetDescription
logo
Leshan Radio Company
MMBV3700LT1 LRC-MMBV3700LT1 Datasheet
57Kb / 2P
   Silicon Pin Diode
logo
NXP Semiconductors
BAP70-02 PHILIPS-BAP70-02 Datasheet
53Kb / 8P
   Silicon PIN diode
2002 Aug 06
BAP1321-01 PHILIPS-BAP1321-01 Datasheet
75Kb / 7P
   Silicon PIN diode
2001 Nov 01
logo
Siemens Semiconductor G...
BA886 SIEMENS-BA886 Datasheet
26Kb / 2P
   Silicon PIN Diode
logo
NXP Semiconductors
BAP1321-03 PHILIPS-BAP1321-03 Datasheet
66Kb / 7P
   Silicon PIN diode
2004 Feb 17
logo
Vishay Siliconix
S391D VISHAY-S391D Datasheet
45Kb / 3P
   Silicon PIN Diode
Rev. 2, 09-Apr-99
S392D VISHAY-S392D Datasheet
46Kb / 3P
   Silicon PIN Diode
Rev. 2, 09-Apr-99
logo
Leshan Radio Company
BAP65-02 LRC-BAP65-02 Datasheet
108Kb / 2P
   Silicon PIN diode
logo
NXP Semiconductors
BAP64-02 PHILIPS-BAP64-02 Datasheet
53Kb / 8P
   Silicon PIN diode
1999 Sep 21
logo
Quanzhou Jinmei Electro...
BAP70-05_2015 JMNIC-BAP70-05_2015 Datasheet
55Kb / 7P
   Silicon PIN diode
BAP1321-02_2015 JMNIC-BAP1321-02_2015 Datasheet
73Kb / 8P
   Silicon PIN diode
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com