Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ADC1412D080 Datasheet(PDF) 8 Page - NXP Semiconductors

Part # ADC1412D080
Description  Dual 14-bit ADC 65, 80, 105 or 125 Msps CMOS or LVDS DDR digital outputs
Download  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

ADC1412D080 Datasheet(HTML) 8 Page - NXP Semiconductors

Back Button ADC1412D080 Datasheet HTML 4Page - NXP Semiconductors ADC1412D080 Datasheet HTML 5Page - NXP Semiconductors ADC1412D080 Datasheet HTML 6Page - NXP Semiconductors ADC1412D080 Datasheet HTML 7Page - NXP Semiconductors ADC1412D080 Datasheet HTML 8Page - NXP Semiconductors ADC1412D080 Datasheet HTML 9Page - NXP Semiconductors ADC1412D080 Datasheet HTML 10Page - NXP Semiconductors ADC1412D080 Datasheet HTML 11Page - NXP Semiconductors ADC1412D080 Datasheet HTML 12Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 37 page
background image
ADC1412D065_080_105_125_2
© NXP B.V. 2009. All rights reserved.
Objective data sheet
Rev. 02 — 4 June 2009
8 of 37
NXP Semiconductors
ADC1412D065/080/105/125
Dual 14-bit ADC 65, 80, 105 or 125 Msps
7.
Limiting values
8.
Thermal characteristics
[1]
In compliance with JEDEC test board, in free air.
9.
Static characteristics
Table 4.
Limiting values
In accordance with the Absolute Maximum Rating System (IEC 60134).
Symbol
Parameter
Conditions
Min
Max
Unit
VDDA
analog supply voltage
<tbd>
<tbd>
V
VDDO
output supply voltage
<tbd>
<tbd>
V
∆VCC
supply voltage difference
VDDA − VDDO
<tbd>
<tbd>
V
Tstg
storage temperature
−55
+125
°C
Tamb
ambient temperature
−40
+85
°C
Tj
junction temperature
-
<tbd>
°C
Table 5.
Thermal characteristics
Symbol
Parameter
Conditions
Typ
Unit
Rth(j-a)
thermal resistance from junction to ambient
[1] <tbd>
K/W
Rth(j-c)
thermal resistance from junction to case
[1] <tbd>
K/W
Table 6.
Static characteristics
Typical values measured at VDDA =3V, VDDO = 1.8 V, Tamb =25 °C and CL = 5 pF; min and max values are across the full
temperature range Tamb = −40 °C to +85 °CatVDDA =3V, VDDO = 1.8 V; VINAP − VINAM = −1 dBFS; VINBP − VINBM = −1 dBFS;
internal reference mode; applied to CMOS and LVDS interface; unless otherwise specified.
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
Supplies
VDDA
analog supply voltage
2.85
3.0
3.4
V
VDDO
output supply voltage
CMOS mode
1.65
1.8
3.6
V
LVDS DDR mode
2.85
3.0
3.6
V
IDDA
analog supply current
fclk = 125 Msps; fi =70 MHz
-
370
-
mA
IDDO
output supply current
CMOS mode;
fclk = 125 Msps; fi =70 MHz
-40
-
mA
LVDS DDR mode:
fclk = 125 Msps; fi =70 MHz
-90
-
mA
P
power dissipation
ADC1412D125
-
1100
-
mW
ADC1412D105
-
975
-
mW
ADC1412D080
-
775
-
mW
ADC1412D065
-
670
-
mW
Power-down mode
-
<tbd>
-
mW
Sleep mode
-
<tbd>
-
mW


Similar Part No. - ADC1412D080

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
ADC1412D080HN-C1 IDT-ADC1412D080HN-C1 Datasheet
605Kb / 41P
   Dual 14-bit ADC; 65 Msps, 80 Msps, 105 Msps or 125 Msps; CMOS or LVDS DDR digital outputs
logo
NXP Semiconductors
ADC1412D080HN/C1 NXP-ADC1412D080HN/C1 Datasheet
1Mb / 40P
   Dual 14-bit ADC; 65 Msps, 80 Msps, 105 Msps or 125 Msps; CMOS or LVDS DDR digital outputs
Rev. 03-6 August 2010
More results

Similar Description - ADC1412D080

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
ADC1412D IDT-ADC1412D Datasheet
605Kb / 41P
   Dual 14-bit ADC; 65 Msps, 80 Msps, 105 Msps or 125 Msps; CMOS or LVDS DDR digital outputs
logo
Renesas Technology Corp
ADC1412D RENESAS-ADC1412D Datasheet
609Kb / 41P
   Dual 14-bit ADC; 65 Msps, 80 Msps, 105 Msps or 125 Msps; CMOS or LVDS DDR digital outputs
2 July 2012
logo
NXP Semiconductors
ADC1412D NXP-ADC1412D Datasheet
1Mb / 40P
   Dual 14-bit ADC; 65 Msps, 80 Msps, 105 Msps or 125 Msps; CMOS or LVDS DDR digital outputs
Rev. 03-6 August 2010
ADC1410S065 NXP-ADC1410S065 Datasheet
287Kb / 35P
   Single 14-bit ADC 65, 80, 105 or 125 Msps CMOS or LVDS DDR digital outputs
Rev. 02-4 June 2009
ADC1410S NXP-ADC1410S Datasheet
290Kb / 37P
   Single 14-bit ADC; 65 Msps, 80 Msps, 105 Msps or 125 Msps; CMOS or LVDS DDR digital outputs
Rev. 03-12 April 2010
logo
Integrated Device Techn...
ADC1410S IDT-ADC1410S Datasheet
539Kb / 38P
   Single 14-bit ADC; 65 Msps, 80 Msps, 105 Msps or 125 Msps; CMOS or LVDS DDR digital outputs
logo
Renesas Technology Corp
ADC1410S RENESAS-ADC1410S Datasheet
543Kb / 38P
   Single 14-bit ADC; 65 Msps, 80 Msps, 105 Msps or 125 Msps; CMOS or LVDS DDR digital outputs
2 July 2012
logo
NXP Semiconductors
ADC1212D PHILIPS-ADC1212D Datasheet
1Mb / 42P
   Dual 12-bit ADC; 65 Msps, 80 Msps, 105 Msps or 125 Msps; CMOS or LVDS DDR digital outputs
Rev. 2-4 March 2011
logo
Renesas Technology Corp
ADC1212D RENESAS-ADC1212D Datasheet
672Kb / 40P
   Dual 12-bit ADC; 65 Msps, 80 Msps, 105 Msps or 125 Msps; CMOS or LVDS DDR digital outputs
2 July 2012
logo
Integrated Device Techn...
ADC1212D IDT-ADC1212D Datasheet
668Kb / 40P
   Dual 12-bit ADC; 65 Msps, 80 Msps, 105 Msps or 125 Msps; CMOS or LVDS DDR digital outputs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com