Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ADC1412D065 Datasheet(PDF) 22 Page - NXP Semiconductors

Part # ADC1412D065
Description  Dual 14-bit ADC 65, 80, 105 or 125 Msps CMOS or LVDS DDR digital outputs
Download  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

ADC1412D065 Datasheet(HTML) 22 Page - NXP Semiconductors

Back Button ADC1412D065 Datasheet HTML 18Page - NXP Semiconductors ADC1412D065 Datasheet HTML 19Page - NXP Semiconductors ADC1412D065 Datasheet HTML 20Page - NXP Semiconductors ADC1412D065 Datasheet HTML 21Page - NXP Semiconductors ADC1412D065 Datasheet HTML 22Page - NXP Semiconductors ADC1412D065 Datasheet HTML 23Page - NXP Semiconductors ADC1412D065 Datasheet HTML 24Page - NXP Semiconductors ADC1412D065 Datasheet HTML 25Page - NXP Semiconductors ADC1412D065 Datasheet HTML 26Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 37 page
background image
ADC1412D065_080_105_125_2
© NXP B.V. 2009. All rights reserved.
Objective data sheet
Rev. 02 — 4 June 2009
22 of 37
NXP Semiconductors
ADC1412D065/080/105/125
Dual 14-bit ADC 65, 80, 105 or 125 Msps
If single-ended is implemented without setting SE_SEL to the appropriate value, the
unused pin should be connected to ground via a capacitor.
11.4.3 Duty cycle stabilizer
The duty cycle stabilizer can improve the overall performances of the ADC by
compensating the duty cycle of the input clock signal. When the duty cycle stabilizer is
active (bit DCS_EN = 1; see Table 20), the circuit can handle signals with duty cycles of
between 30 % and 70 % (typical). When the duty cycle stabilizer is disabled (DCS_EN =
0), the input clock signal should have a duty cycle of between 45 % and 55 %.
11.4.4 Clock input divider
The ADC1412D contains an input clock divider that divides the incoming clock by a factor
of 2 (when bit CLKDIV = 1; see Table 20). This feature allows the user to deliver a higher
clock frequency with better jitter performance, leading to a better SNR result once
acquisition has been performed.
11.5 Digital outputs
11.5.1 Digital output buffers: CMOS mode
The digital output buffers can be configured as CMOS by setting bit LVDS/CMOS to 0 (see
Table 22).
Each digital output has a dedicated output buffer. The equivalent circuit of the CMOS
digital output buffer is shown in Figure 23. The buffer is powered by a separate
OGND/VDDO to ensure 1.8 V to 3.4 V compatibility and is isolated from the ADC core.
Each buffer can be loaded by a maximum of 10 pF.
The output resistance is 50
Ω and is the combination of the an internal resistor and the
equivalent output resistance of the buffer. There is no need for an external damping
resistor. The drive strength of both data and DAV buffers can be programmed via the SPI
in order to adjust the rise and fall times of the output digital signals (see Table 29):
Fig 23. CMOS digital output buffer
VDDO
ESD
PACKAGE
PARASITICS
OGND
Dx
005aaa057
50
LOGIC
DRIVER


Similar Part No. - ADC1412D065

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
ADC1412D065HN-C1 IDT-ADC1412D065HN-C1 Datasheet
605Kb / 41P
   Dual 14-bit ADC; 65 Msps, 80 Msps, 105 Msps or 125 Msps; CMOS or LVDS DDR digital outputs
logo
NXP Semiconductors
ADC1412D065HN/C1 NXP-ADC1412D065HN/C1 Datasheet
1Mb / 40P
   Dual 14-bit ADC; 65 Msps, 80 Msps, 105 Msps or 125 Msps; CMOS or LVDS DDR digital outputs
Rev. 03-6 August 2010
More results

Similar Description - ADC1412D065

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
ADC1412D IDT-ADC1412D Datasheet
605Kb / 41P
   Dual 14-bit ADC; 65 Msps, 80 Msps, 105 Msps or 125 Msps; CMOS or LVDS DDR digital outputs
logo
Renesas Technology Corp
ADC1412D RENESAS-ADC1412D Datasheet
609Kb / 41P
   Dual 14-bit ADC; 65 Msps, 80 Msps, 105 Msps or 125 Msps; CMOS or LVDS DDR digital outputs
2 July 2012
logo
NXP Semiconductors
ADC1412D NXP-ADC1412D Datasheet
1Mb / 40P
   Dual 14-bit ADC; 65 Msps, 80 Msps, 105 Msps or 125 Msps; CMOS or LVDS DDR digital outputs
Rev. 03-6 August 2010
ADC1410S065 NXP-ADC1410S065 Datasheet
287Kb / 35P
   Single 14-bit ADC 65, 80, 105 or 125 Msps CMOS or LVDS DDR digital outputs
Rev. 02-4 June 2009
ADC1410S NXP-ADC1410S Datasheet
290Kb / 37P
   Single 14-bit ADC; 65 Msps, 80 Msps, 105 Msps or 125 Msps; CMOS or LVDS DDR digital outputs
Rev. 03-12 April 2010
logo
Integrated Device Techn...
ADC1410S IDT-ADC1410S Datasheet
539Kb / 38P
   Single 14-bit ADC; 65 Msps, 80 Msps, 105 Msps or 125 Msps; CMOS or LVDS DDR digital outputs
logo
Renesas Technology Corp
ADC1410S RENESAS-ADC1410S Datasheet
543Kb / 38P
   Single 14-bit ADC; 65 Msps, 80 Msps, 105 Msps or 125 Msps; CMOS or LVDS DDR digital outputs
2 July 2012
logo
NXP Semiconductors
ADC1212D PHILIPS-ADC1212D Datasheet
1Mb / 42P
   Dual 12-bit ADC; 65 Msps, 80 Msps, 105 Msps or 125 Msps; CMOS or LVDS DDR digital outputs
Rev. 2-4 March 2011
logo
Renesas Technology Corp
ADC1212D RENESAS-ADC1212D Datasheet
672Kb / 40P
   Dual 12-bit ADC; 65 Msps, 80 Msps, 105 Msps or 125 Msps; CMOS or LVDS DDR digital outputs
2 July 2012
logo
Integrated Device Techn...
ADC1212D IDT-ADC1212D Datasheet
668Kb / 40P
   Dual 12-bit ADC; 65 Msps, 80 Msps, 105 Msps or 125 Msps; CMOS or LVDS DDR digital outputs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com