Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF HTML

ADC1215S Datasheet(PDF) 15 Page - NXP Semiconductors

Part No. ADC1215S
Description  Single 12-bit ADC; 65 Msps, 80 Msps, 105 Msps or 125 Msps with input buffer; CMOS or LVDS DDR digital outputs
Download  39 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  NXP [NXP Semiconductors]
Homepage  http://www.nxp.com
Logo 

ADC1215S Datasheet(HTML) 15 Page - NXP Semiconductors

Zoom Inzoom in Zoom Outzoom out
 15 / 39 page
background image
ADC1215S_SER_1
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2010. All rights reserved.
Preliminary data sheet
Rev. 01 — 12 April 2010
15 of 39
NXP Semiconductors
ADC1215S series
ADC1215S series; input buffer; CMOS or LVDS DDR digital output
10.3 SPI timings
[1]
Typical values measured at VDDA(3V) =3V, VDDO = 1.8 V, VDDA(5V) =5V; Tamb =25 °C and CL =5pF;
minimum and maximum values are across the full temperature range Tamb = −40 °C to +85 °C at
VDDA(3V) =3 V, VDDO = 1.8 V, VDDA(5V) =5V, VINP − VINM = −1 dBFS; internal reference mode; applied to
CMOS and LVDS interface; unless otherwise specified
Table 9.
Characteristics
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
SPI timings
tw(SCLK)
SCLK pulse width
40
-
-
ns
tw(SCLKH)
SCLK pulse width HIGH
16
-
-
ns
tw(SCLKL)
SCLK pulse width LOW
16
-
-
ns
tsu
set-up time
data to SCLKH
5
-
-
ns
CS to SCLKH
5
-
-
ns
th
hold time
data to SCLKH
2
-
-
ns
CS to SCLKH
2
-
-
ns
fclk(max)
maximum clock frequency
-
-
25
MHz
Fig 6.
SPI timing
tsu
SDIO
SCLK
R/W
W1
W0
A12
A11
D2
D1
D0
tsu
th
th
tw(SCLK)
005aaa065
CS
tw(SCLKL)
tw(SCLKH)


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn