Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

ADC1215S Datasheet(PDF) 13 Page - NXP Semiconductors

Part No. ADC1215S
Description  Single 12-bit ADC; 65 Msps, 80 Msps, 105 Msps or 125 Msps with input buffer; CMOS or LVDS DDR digital outputs
Download  39 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  NXP [NXP Semiconductors]
Homepage  http://www.nxp.com
Logo 

ADC1215S Datasheet(HTML) 13 Page - NXP Semiconductors

Zoom Inzoom in Zoom Outzoom out
 13 / 39 page
background image
xxxxxxxxxxxxxxxxxxxxx xxxxxxxxxxxxxxxxxxxxxxxxxx xxxxxxx x x x xxxxxxxxxxxxxxxxxxxxxxxxxxxxxx xxxxxxxxxxxxxxxxxxx xx xx xxxxx
xxxxxxxxxxxxxxxxxxxxxxxxxxx xxxxxxxxxxxxxxxxxxx xxxxxx xxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxx xxxxxxxxxxxx x x
xxxxxxxxxxxxxxxxxxxxx xxxxxxxxxxxxxxxxxxxxxxxxxxxxxx xxxxx xxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxx xxxxxxxx
xxxxxxxxxxxxxxxxxxxxxxxxx xxxxxxxxxxxxxxxxxxxx xxx
[1]
Typical values measured at VDDA(3V) =3 V, VDDO = 1.8 V, VDDA(5V) =5V; Tamb =25 °C and CL = 5 pF; minimum and maximum values are across the full temperature range
Tamb = −40 °C to +85 °C at VDDA(3V) =3 V, VDDO =1.8 V, VDDA(5V) =5V, VINP − VINM = −1 dBFS; internal reference mode; applied to CMOS and LVDS interface; unless otherwise
specified.
[2]
Measured between 20 % to 80 % of VDDO.
[3]
Rise time measured from
−50 mV to +50 mV; fall time measured from +50 mV to −50 mV.
LVDS DDR mode timing output: pins D11P to D0P, D11M to D0M, DAVP and DAVM
tPD
propagation
delay
DATA
-3.9
--
3.9
--3.9
--3.9
-ns
DAV
-
4.2
-
-
4.2
--4.2
--4.2
-ns
tsu
set-up time
-5.1
--
3.5
--2.1
--1.4
-ns
th
hold time
-2.0
--
2.0
--2.0
--2.0
-ns
tr
rise time[3]
DATA
50
100
200
50
100
200
50
100
200
50
100
200
ps
DAV
50
100
200
50
100
200
50
100
200
50
100
200
ps
tf
fall time[3]
DATA
50
100
200
50
100
200
50
100
200
50
100
200
ps
DAV
50
100
200
50
100
200
50
100
200
50
100
200
ps
Table 8.
Clock and digital output timing characteristics[1] …continued
Symbol
Parameter
Conditions
ADC1215S065
ADC1215S080
ADC1215S105
ADC1215S125
Unit
Min
Typ
Max
Min
Typ
Max
Min
Typ
Max
Min
Typ
Max


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn