Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

ADC1215S Datasheet(PDF) 10 Page - NXP Semiconductors

Part No. ADC1215S
Description  Single 12-bit ADC; 65 Msps, 80 Msps, 105 Msps or 125 Msps with input buffer; CMOS or LVDS DDR digital outputs
Download  39 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  NXP [NXP Semiconductors]
Homepage  http://www.nxp.com
Logo 

ADC1215S Datasheet(HTML) 10 Page - NXP Semiconductors

Zoom Inzoom in Zoom Outzoom out
 10 / 39 page
background image
xxxxxxxxxxxxxxxxxxxxx xxxxxxxxxxxxxxxxxxxxxxxxxx xxxxxxx x x x xxxxxxxxxxxxxxxxxxxxxxxxxxxxxx xxxxxxxxxxxxxxxxxxx xx xx xxxxx
xxxxxxxxxxxxxxxxxxxxxxxxxxx xxxxxxxxxxxxxxxxxxx xxxxxx xxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxx xxxxxxxxxxxx x x
xxxxxxxxxxxxxxxxxxxxx xxxxxxxxxxxxxxxxxxxxxxxxxxxxxx xxxxx xxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxx xxxxxxxx
xxxxxxxxxxxxxxxxxxxxxxxxx xxxxxxxxxxxxxxxxxxxx xxx
10. Dynamic characteristics
10.1 Dynamic characteristics
Table 7.
Dynamic characteristics[1]
Symbol
Parameter
Conditions
ADC1215S065
ADC1215S080
ADC1215S105
ADC1215S125
Unit
Min
Typ
Max
Min
Typ
Max
Min
Typ
Max
Min
Typ
Max
Analog signal processing
α
2H
second
harmonic level
fi = 3 MHz
-
87
--87
--86
-
-
88
-
dBc
fi = 30 MHz
-86
--86
--86
-
-
87
-
dBc
fi = 70 MHz
-85
--85
--84
-
-
85
-
dBc
fi = 170 MHz
-
82
--82
--81
-
-
83
-
dBc
α
3H
third harmonic
level
fi = 3 MHz
-
86
--86
--85
-
-
87
-
dBc
fi = 30 MHz
-85
--85
--85
-
-
86
-
dBc
fi = 70 MHz
-84
--84
--83
-
-
84
-
dBc
fi = 170 MHz
-
81
--81
--80
-
-
82
-
dBc
THD
total harmonic
distortion
fi = 3 MHz
-
85
--85
--84
-
-
86
-
dBc
fi = 30 MHz
-84
--84
--84
-
-
85
-
dBc
fi = 70 MHz
-83
--83
--82
-
-
83
-
dBc
fi = 170 MHz
-
80
--80
--79
-
-
81
-
dBc
ENOB
effective
number of bits
fi = 3 MHz
-
11.3
-
-
11.3
-
-
11.3
-
-
11.3
-
bits
fi = 30 MHz
-
11.3
-
-
11.3
-
-
11.3
-
-
11.2
-
bits
fi = 70 MHz
-
11.2
-
-
11.2
-
-
11.2
-
-
11.2
-
bits
fi = 170 MHz
-
11.1
-
-
11.1
-
-
11.1
-
-
11.1
-
bits
SNR
signal-to-
noise ratio
fi = 3 MHz
-
70.0
-
-
69.9
-
-
69.8
-
-
69.6
-
dBFS
fi = 30 MHz
-
69.5
-
-
69.5
-
-
69.5
-
-
69.4
-
dBFS
fi = 70 MHz
-
69.2
-
-
69.2
-
-
69.1
-
-
69.0
-
dBFS
fi = 170 MHz
-
68.8
-
-
68.8
-
-
68.7
-
-
68.6
-
dBFS
SFDR
spurious-
free dynamic
range
fi = 3 MHz
-
86
--86
--85
-
-
87
-
dBc
fi = 30 MHz
-85
--85
--85
-
-
86
-
dBc
fi = 70 MHz
-84
--84
--83
-
-
84
-
dBc
fi = 170 MHz
-
81
--81
--80
-
-
82
-
dBc


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn