Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

ADC1215S Datasheet(PDF) 8 Page - NXP Semiconductors

Part No. ADC1215S
Description  Single 12-bit ADC; 65 Msps, 80 Msps, 105 Msps or 125 Msps with input buffer; CMOS or LVDS DDR digital outputs
Download  39 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  NXP [NXP Semiconductors]
Homepage  http://www.nxp.com
Logo 

ADC1215S Datasheet(HTML) 8 Page - NXP Semiconductors

Zoom Inzoom in Zoom Outzoom out
 8 / 39 page
background image
ADC1215S_SER_1
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2010. All rights reserved.
Preliminary data sheet
Rev. 01 — 12 April 2010
8 of 39
NXP Semiconductors
ADC1215S series
ADC1215S series; input buffer; CMOS or LVDS DDR digital output
Serial peripheral interface: pins CS, SDIO/ODS, SCLK/DFS
VIL
LOW-level input voltage
0
-
0.3VDDA(3V)
V
VIH
HIGH-level input voltage
0.7VDDA(3V)
-VDDA(3V)
V
IIL
LOW-level input current
−10
-
+10
μA
IIH
HIGH-level input current
−50
-
+50
μA
CI
input capacitance
-
4
-
pF
Digital outputs, CMOS mode: pins D11 to D0, OTR, DAV
Output levels, VDDO =3V
VOL
LOW-level output voltage
IOL = <tbd>
OGND
-
0.2VDDO
V
VOH
HIGH-level output voltage
IOH = <tbd>
0.8VDDO
-VDDO
V
IOL
LOW-level output current
3-state;
output level = 0 V
-<tbd>
-
μA
IOH
HIGH-level output current
3-state;
output level = VDDA(3V)
-<tbd>
-
μA
CO
output capacitance
high impedance;
OE =HIGH
-3
-
pF
Output levels, VDDO =1.8 V
VOL
LOW-level output voltage
IOL = <tbd>
OGND
-
0.2VDDO
V
VOH
HIGH-level output voltage
IOH = <tbd>
0.8VDDO
-VDDO
V
Digital outputs, LVDS mode: pins D11P to D0P, D11M to D0M, DAVP and DAVM
Output levels, VDDO = 3 V only, Rload =100 Ω
VO(offset)
output offset voltage
output buffer current
set to 3.5 mA
-1.2
-
V
VO(dif)
differential output voltage
output buffer current
set to 3.5 mA
-350
-
mV
CO
output capacitance
-
<tbd>
-
pF
Analog inputs: pins INP and INM
II
input current
−5-
+5
μA
RI
input resistance
-
550
-
Ω
CI
input capacitance
-
1.3
-
pF
VI(cm)
common-mode input voltage
VINP =VINM
0.9
1.5
2
V
Bi
input bandwidth
-
600
-
MHz
VI(dif)
differential input voltage
peak-to-peak
1
2
V
Common mode output voltage: pin VCM
VO(cm)
common-mode output voltage
-
0.5VDDA(3V)
-V
IO(cm)
common-mode output current
-
<tbd>
-
μA
I/O reference voltage: pin VREF
VVREF
voltage on pin VREF
output
-
0.5 to 1
-
V
input
0.5
-
1
V
Table 6.
Static characteristics[1] …continued
Symbol
Parameter
Conditions
Min
Typ
Max
Unit


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn