Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

ADC1215S Datasheet(PDF) 35 Page - NXP Semiconductors

Part No. ADC1215S
Description  Single 12-bit ADC; 65 Msps, 80 Msps, 105 Msps or 125 Msps with input buffer; CMOS or LVDS DDR digital outputs
Download  39 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  NXP [NXP Semiconductors]
Homepage  http://www.nxp.com
Logo 

ADC1215S Datasheet(HTML) 35 Page - NXP Semiconductors

 
Zoom Inzoom in Zoom Outzoom out
 35 / 39 page
background image
ADC1215S_SER_1
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2010. All rights reserved.
Preliminary data sheet
Rev. 01 — 12 April 2010
35 of 39
NXP Semiconductors
ADC1215S series
ADC1215S series; input buffer; CMOS or LVDS DDR digital output
12. Package outline
Fig 25. Package outline SOT618-6 (HVQFN40)
References
Outline
version
European
projection
Issue date
IEC
JEDEC
JEITA
SOT618-6
- - -
MO-220
sot618-6_po
Unit
mm
max
nom
min
1.00
0.85
0.80
0.05
0.02
0.00
0.30
0.21
0.18
0.2
6.1
6.0
5.9
6.1
6.0
5.9
0.5
0.1
0.05
A(1)
Dimensions
Note
1. Plastic or metal protrusions of 0.075 mm maximum per side are not included.
HVQFN40: plastic thermal enhanced very thin quad flat package; no leads;
40 terminals; body 6 x 6 x 0.85 mm
SOT618-6
A1
bc
D(1)
0.1
y1
Dh
4.55
4.40
4.25
E(1)
Eh
4.55
4.40
4.25
ee1
4.5
e2
4.5
L
0.5
0.4
0.3
vw
0.05
y
0
2.5
5 mm
scale
terminal 1
index area
terminal 1
index area
B
D
A
E
b
e1
e
A
C
B
v
C
w
11
20
e2
e
21
30
Dh
31
40
Eh
L
1
10
C
y
C
y1
X
c
detail X
A1
A
1/2 e
1/2 e
09-02-23
09-03-04


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn