Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

ADC1215S Datasheet(PDF) 33 Page - NXP Semiconductors

Part No. ADC1215S
Description  Single 12-bit ADC; 65 Msps, 80 Msps, 105 Msps or 125 Msps with input buffer; CMOS or LVDS DDR digital outputs
Download  39 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  NXP [NXP Semiconductors]
Homepage  http://www.nxp.com
Logo 

ADC1215S Datasheet(HTML) 33 Page - NXP Semiconductors

Zoom Inzoom in Zoom Outzoom out
 33 / 39 page
background image
ADC1215S_SER_1
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2010. All rights reserved.
Preliminary data sheet
Rev. 01 — 12 April 2010
33 of 39
NXP Semiconductors
ADC1215S series
ADC1215S series; input buffer; CMOS or LVDS DDR digital output
Table 28.
Test pattern register 3 (address 0016h) bit description
Bit
Symbol
Access
Value
Description
7 to 4
TESTPAT_USER[3:0]
R/W
0000
custom digital test pattern (bits 3 to 0)
3 to 0
-
0000
not used
Table 29.
Fast OTR register (address 0017h) bit description
Bit
Symbol
Access
Value
Description
7 to 4
-
0000
not used
3
FASTOTR
R/W
fast Out-of-Range (OTR) detection
0
disabled
1
enabled
2 to 0
FASTOTR_DET[2:0]
R/W
set fast OTR detect level
000
−20.56 dB
001
−16.12 dB
010
−11.02 dB
011
−7.82 dB
100
−5.49 dB
101
−3.66 dB
110
−2.14 dB
111
−0.86 dB
Table 30.
CMOS output register (address 0020h) bit description
Bit
Symbol
Access
Value
Description
7 to 4
-
0000
not used
3 to 2
DAV_DRV[1:0]
R/W
drive strength for DAV CMOS output buffer
00
low
01
medium
10
high
11
very high
1 to 0
DATA_DRV[1:0]
R/W
drive strength for DATA CMOS output buffer
00
low
01
medium
10
high
11
very high


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn