Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF HTML

ADC1215S Datasheet(PDF) 32 Page - NXP Semiconductors

Part No. ADC1215S
Description  Single 12-bit ADC; 65 Msps, 80 Msps, 105 Msps or 125 Msps with input buffer; CMOS or LVDS DDR digital outputs
Download  39 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  NXP [NXP Semiconductors]
Homepage  http://www.nxp.com
Logo 

ADC1215S Datasheet(HTML) 32 Page - NXP Semiconductors

Zoom Inzoom in Zoom Outzoom out
 32 / 39 page
background image
ADC1215S_SER_1
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2010. All rights reserved.
Preliminary data sheet
Rev. 01 — 12 April 2010
32 of 39
NXP Semiconductors
ADC1215S series
ADC1215S series; input buffer; CMOS or LVDS DDR digital output
Table 24.
Output clock register (address 0012h) bit description
Bit
Symbol
Access
Value
Description
7 to 4
-
0000
not used
3
DAVINV
R/W
output clock data valid (DAV) polarity
0normal
1
inverted
2 to 0
DAVPHASE[2:0]
R/W
DAV phase select
000
output clock shifted (ahead) by 3 ns
001
output clock shifted (ahead) by 2.5 ns
010
output clock shifted (ahead) by 2 ns
011
output clock shifted (ahead) by 1.5 ns
100
output clock shifted (ahead) by 1 ns
101
output clock shifted (ahead) by 0.5 ns
110
default value as defined in timing section
111
output clock shifted (delayed) by 0.5 ns
Table 25.
Offset register (address 0013h) bit description
Bit
Symbol
Access
Value
Description
7 to 6
-
00
not used
5 to 0
DIG_OFFSET[5:0]
R/W
digital offset adjustment
011111
+31 LSB
...
...
000000
0
...
...
100000
−32 LSB
Table 26.
Test pattern register 1 (address 0014h) bit description
Bit
Symbol
Access
Value
Description
7 to 3
-
00000
not used
2 to 0
TESTPAT_SEL[2:0]
R/W
digital test pattern select
000
off
001
mid scale
010
−FS
011
+FS
100
toggle ‘1111..1111’/’0000..0000’
101
custom test pattern
110
‘1010..1010.’
111
‘010..1010’
Table 27.
Test pattern register 2 (address 0015h) bit description
Bit
Symbol
Access
Value
Description
7 to 0
TESTPAT_USER[11:4]
R/W
00000000
custom digital test pattern (bits 11 to 4)


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn