Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ADC1115S125 Datasheet(PDF) 26 Page - NXP Semiconductors

Part # ADC1115S125
Description  Single 11-bit ADC; 125 Msps with input buffer; CMOS or LVDS DDR digital outputs
Download  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

ADC1115S125 Datasheet(HTML) 26 Page - NXP Semiconductors

Back Button ADC1115S125 Datasheet HTML 22Page - NXP Semiconductors ADC1115S125 Datasheet HTML 23Page - NXP Semiconductors ADC1115S125 Datasheet HTML 24Page - NXP Semiconductors ADC1115S125 Datasheet HTML 25Page - NXP Semiconductors ADC1115S125 Datasheet HTML 26Page - NXP Semiconductors ADC1115S125 Datasheet HTML 27Page - NXP Semiconductors ADC1115S125 Datasheet HTML 28Page - NXP Semiconductors ADC1115S125 Datasheet HTML 29Page - NXP Semiconductors ADC1115S125 Datasheet HTML 30Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 35 page
background image
ADC1115S125_1
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2010. All rights reserved.
Preliminary data sheet
Rev. 01 — 12 April 2010
26 of 35
NXP Semiconductors
ADC1115S125
11-bit, 125 Msps ADC; input buffer; CMOS or LVDS DDR digital outputs
Table 19.
Reset and operating mode control register (address 0005h) bit description
Bit
Symbol
Access
Value
Description
7
SW_RST
R/W
reset digital section
0
no reset
1
performs a reset on SPI registers
6 to 4
RESERVED[2:0]
000
reserved
3 to 2
-
00
not used
1 to 0
OP_MODE[1:0]
R/W
operating mode
00
normal (Power-up)
01
Power-down
10
Sleep
11
normal (Power-up)
Table 20.
Clock control register (address 0006h) bit description
Bit
Symbol
Access
Value
Description
7 to 5
-
000
not used
4
SE_SEL
R/W
single-ended clock input pin select
0
CLKM
1CLKP
3
DIFF_SE
R/W
differential/single ended clock input select
0
fully differential
1
single-ended
2
-
0
not used
1
CLKDIV
R/W
clock input divide by 2
0
disabled
1
enabled
0
DCS_EN
R/W
duty cycle stabilizer
0
disabled
1
enabled


Similar Part No. - ADC1115S125

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
ADC1115S125 IDT-ADC1115S125 Datasheet
373Kb / 36P
   Single 11-bit ADC; 125 Msps with input buffer; CMOS or LVDS DDR digital outputs
logo
Renesas Technology Corp
ADC1115S125 RENESAS-ADC1115S125 Datasheet
376Kb / 36P
   Single 11-bit ADC; 125 Msps with input buffer; CMOS or LVDS DDR digital outputs
2 July 2012
logo
Integrated Device Techn...
ADC1115S125HN-C1 IDT-ADC1115S125HN-C1 Datasheet
373Kb / 36P
   Single 11-bit ADC; 125 Msps with input buffer; CMOS or LVDS DDR digital outputs
logo
Renesas Technology Corp
ADC1115S125HN-C1 RENESAS-ADC1115S125HN-C1 Datasheet
376Kb / 36P
   Single 11-bit ADC; 125 Msps with input buffer; CMOS or LVDS DDR digital outputs
2 July 2012
More results

Similar Description - ADC1115S125

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
ADC1115S125 IDT-ADC1115S125 Datasheet
373Kb / 36P
   Single 11-bit ADC; 125 Msps with input buffer; CMOS or LVDS DDR digital outputs
logo
Renesas Technology Corp
ADC1115S125 RENESAS-ADC1115S125 Datasheet
376Kb / 36P
   Single 11-bit ADC; 125 Msps with input buffer; CMOS or LVDS DDR digital outputs
2 July 2012
logo
NXP Semiconductors
ADC1610S125 NXP-ADC1610S125 Datasheet
182Kb / 33P
   Single 16-bit ADC 125 Msps CMOS or LVDS DDR digital outputs
Rev. 01-28 May 2009
ADC1415S NXP-ADC1415S Datasheet
288Kb / 39P
   Single 14-bit ADC; 65 Msps, 80 Msps, 105 Msps or 125 Msps with input buffer; CMOS or LVDS DDR digital outputs
Rev. 03-12 April 2010
logo
Integrated Device Techn...
ADC1015S IDT-ADC1015S Datasheet
382Kb / 40P
   Single 10-bit ADC; 65 Msps, 80 Msps, 105 Msps or 125 Msps with input buffer; CMOS or LVDS DDR digital outputs
ADC1415S IDT-ADC1415S Datasheet
383Kb / 40P
   Single 14-bit ADC; 65 Msps, 80 Msps, 105 Msps or 125 Msps with input buffer; CMOS or LVDS DDR digital outputs
logo
NXP Semiconductors
ADC1215S NXP-ADC1215S Datasheet
287Kb / 39P
   Single 12-bit ADC; 65 Msps, 80 Msps, 105 Msps or 125 Msps with input buffer; CMOS or LVDS DDR digital outputs
Rev. 01-12 April 2010
logo
Integrated Device Techn...
ADC1215S IDT-ADC1215S Datasheet
383Kb / 40P
   Single 12-bit ADC; 65 Msps, 80 Msps, 105 Msps or 125 Msps with input buffer; CMOS or LVDS DDR digital outputs
logo
Renesas Technology Corp
ADC1215S RENESAS-ADC1215S Datasheet
386Kb / 40P
   Single 12-bit ADC; 65 Msps, 80 Msps, 105 Msps or 125 Msps with input buffer; CMOS or LVDS DDR digital outputs
2 July 2012
ADC1015S RENESAS-ADC1015S Datasheet
386Kb / 40P
   Single 10-bit ADC; 65 Msps, 80 Msps, 105 Msps or 125 Msps with input buffer; CMOS or LVDS DDR digital outputs
2 July 2012
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com