Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ADC1004S030TS Datasheet(PDF) 10 Page - NXP Semiconductors

Part # ADC1004S030TS
Description  Single 10 bits ADC, up to 30 MHz, 40 MHz or 50 MHz
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

ADC1004S030TS Datasheet(HTML) 10 Page - NXP Semiconductors

Back Button ADC1004S030TS Datasheet HTML 6Page - NXP Semiconductors ADC1004S030TS Datasheet HTML 7Page - NXP Semiconductors ADC1004S030TS Datasheet HTML 8Page - NXP Semiconductors ADC1004S030TS Datasheet HTML 9Page - NXP Semiconductors ADC1004S030TS Datasheet HTML 10Page - NXP Semiconductors ADC1004S030TS Datasheet HTML 11Page - NXP Semiconductors ADC1004S030TS Datasheet HTML 12Page - NXP Semiconductors ADC1004S030TS Datasheet HTML 13Page - NXP Semiconductors ADC1004S030TS Datasheet HTML 14Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 19 page
background image
ADC1004S030_040_050_3
© NXP B.V. 2008. All rights reserved.
Product data sheet
Rev. 03 — 7 August 2008
10 of 19
NXP Semiconductors
ADC1004S030/040/050
Single 10 bits ADC, up to 30 MHz, 40 MHz or 50 MHz
[7]
Effective bits are obtained via a Fast Fourier Transform (FFT) treatment taking 8000 acquisition points per equivalent fundamental
period. The calculation takes into account all harmonics and noise up to half of the clock frequency (Nyquist frequency). Conversion to
signal-to-noise ratio: SINAD = ENOB
× 6.02 + 1.76 dB.
[8]
Intermodulation measured relative to either tone with analog input frequencies of 4.43 MHz and 4.53 MHz. The two input signals have
the same amplitude and the total amplitude of both signals provides full-scale to the converter.
[9]
Measurement carried out using video analyzer VM700A, where the video analog signal is reconstructed through a digital-to-analog
converter.
[10] Output data acquisition: the output data is available after the maximum delay time of td(max). For 50 MHz version NXP Semicocnductors
recommends the lowest possible output load.
11. Additional information relating to Table 6
Fig 3.
Explanation of Table 6, Table note 3
014aaa325
RT
RB
RM
Rlad
ROT
RL
RL
RL
RL
IL
ROB
code 1023
code 0
Table 7.
Output coding and input voltage (typical values; referenced to AGND, VRB = 1.3 V,
VRT = 3.67 V)
Code
Vi(a)(p-p)
(V)
IR
Binary outputs D9 to D0
Two’s complement
outputs D9 to D0
Underflow
< 1.475
0
00 0000 0000
10 0000 0000
0
1.475
1
00 0000 0000
10 0000 0000
1
-
1
00 0000 0001
10 0000 0001
-
↓↓
1022
-
1
11 1111 1110
01 1111 1110
1023
3.495
1
11 1111 1111
01 1111 1111
Overflow
> 3.495
0
11 1111 1111
01 1111 1111


Similar Part No. - ADC1004S030TS

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
ADC1004S030TS IDT-ADC1004S030TS Datasheet
473Kb / 18P
   Single 10 bits ADC, up to 30 MHz, 40 MHz or 50 MHz
More results

Similar Description - ADC1004S030TS

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
ADC1004S030 IDT-ADC1004S030 Datasheet
473Kb / 18P
   Single 10 bits ADC, up to 30 MHz, 40 MHz or 50 MHz
logo
Renesas Technology Corp
ADC1004S030 RENESAS-ADC1004S030 Datasheet
477Kb / 18P
   Single 10 bits ADC, up to 30 MHz, 40 MHz or 50 MHz
2 July 2012
logo
NXP Semiconductors
ADC0804S030 NXP-ADC0804S030 Datasheet
140Kb / 19P
   Single 8 bits ADC, up to 30 MHz, 40 MHz or 50 MHz
Rev. 02-14 August 2008
logo
Renesas Technology Corp
ADC0804S030 RENESAS-ADC0804S030 Datasheet
487Kb / 18P
   Single 8 bits ADC, up to 30 MHz, 40 MHz or 50 MHz
July 2012
logo
Integrated Device Techn...
ADC0804S030 IDT-ADC0804S030 Datasheet
484Kb / 18P
   Single 8 bits ADC, up to 30 MHz, 40 MHz or 50 MHz
logo
NXP Semiconductors
ADC1003S030 NXP-ADC1003S030 Datasheet
143Kb / 20P
   Single 10 bits ADC, up to 30 MHz, 40 MHz or 50 MHz, with voltage regulator
Rev. 02-7 August 2008
logo
Integrated Device Techn...
ADC1003S030 IDT-ADC1003S030 Datasheet
481Kb / 19P
   Single 10 bits ADC, up to 30 MHz, 40 MHz or 50 MHz, with voltage regulator
logo
Renesas Technology Corp
ADC1003S030 RENESAS-ADC1003S030 Datasheet
485Kb / 19P
   Single 10 bits ADC, up to 30 MHz, 40 MHz or 50 MHz, with voltage regulator
2 July 2012
logo
NXP Semiconductors
ADC1206S040 NXP-ADC1206S040 Datasheet
521Kb / 32P
   Single 12 bits ADC, up to 40 MHz, 55 MHz or 70 MHz
Rev. 02-12 August 2008
logo
Renesas Technology Corp
ADC1206S040 RENESAS-ADC1206S040 Datasheet
1Mb / 31P
   Single 12 bits ADC, up to 40 MHz, 55 MHz or 70 MHz
2 July 2012
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com