Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ADC1005S060 Datasheet(PDF) 14 Page - NXP Semiconductors

Part # ADC1005S060
Description  Single 10 bits ADC, up to 60 MHz
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

ADC1005S060 Datasheet(HTML) 14 Page - NXP Semiconductors

Back Button ADC1005S060 Datasheet HTML 10Page - NXP Semiconductors ADC1005S060 Datasheet HTML 11Page - NXP Semiconductors ADC1005S060 Datasheet HTML 12Page - NXP Semiconductors ADC1005S060 Datasheet HTML 13Page - NXP Semiconductors ADC1005S060 Datasheet HTML 14Page - NXP Semiconductors ADC1005S060 Datasheet HTML 15Page - NXP Semiconductors ADC1005S060 Datasheet HTML 16Page - NXP Semiconductors ADC1005S060 Datasheet HTML 17Page - NXP Semiconductors ADC1005S060 Datasheet HTML 18Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 19 page
background image
ADC1005S060_2
© NXP B.V. 2008. All rights reserved.
Product data sheet
Rev. 02 — 13 August 2008
14 of 19
NXP Semiconductors
ADC1005S060
Single 10 bits ADC, up to 60 MHz
12. Application information
12.1 Application diagrams
12.2 Alternative parts
The following alternative parts are also available:
The analog and digital supplies should be separated and decoupled.
A user manual is available that describes the demonstration board that uses the version
ADC1004S030/040/050 family with an application environment.
(1) RB, RM and RT are decoupled to AGND
(2) Decoupling capacitor for supplies must be placed close to the device.
(3) This resistor is mandatory (33
Ω is its minimum value) and must be near the clock source.
Fig 12. Application diagram
(3)
33
ADC1005S
060TS
CLK
n.c.
TC
n.c.
VCCA
IR
AGND
D9
n.c.
D8
RB
D7
RM
D6
VI
D5
RT
D4
OE
D3
VCCD
D2
DGND
D1
VCCO
D0
OGND
GRAY
014aaa530
1
2
3
4
5
6
7
8
9
10
11
12
13
14
16
15
18
17
20
19
22
21
24
23
26
25
28
27
100 nF
100 nF
100 nF
100 nF
100 nF
100 nF
(2)
(2)
(2)
AGND
AGND
AGND
Table 11.
Alternative parts
Type number
Description
Sampling frequency
ADC0804S030
Single 8 bits ADC
[1]
30 MHz
ADC0804S040
Single 8 bits ADC
[1]
40 MHz
ADC0804S050
Single 8 bits ADC
[1]
50 MHz
ADC1003S030
Single 10 bits ADC, with
internal reference
regulator
[1]
30 MHz
ADC1003S040
Single 10 bits ADC, with
internal reference
regulator
[1]
40 MHz
ADC1003S050
Single 10 bits ADC, with
internal reference
regulator
[1]
50 MHz


Similar Part No. - ADC1005S060

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
ADC1005S060 IDT-ADC1005S060 Datasheet
436Kb / 18P
   Single 10 bits ADC, up to 60 MHz
logo
Renesas Technology Corp
ADC1005S060 RENESAS-ADC1005S060 Datasheet
440Kb / 18P
   Single 10 bits ADC, up to 60 MHz
2 July 2012
logo
Integrated Device Techn...
ADC1005S060TS IDT-ADC1005S060TS Datasheet
436Kb / 18P
   Single 10 bits ADC, up to 60 MHz
More results

Similar Description - ADC1005S060

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ADC1005S060 RENESAS-ADC1005S060 Datasheet
440Kb / 18P
   Single 10 bits ADC, up to 60 MHz
2 July 2012
logo
Integrated Device Techn...
ADC1005S060 IDT-ADC1005S060 Datasheet
436Kb / 18P
   Single 10 bits ADC, up to 60 MHz
logo
Renesas Technology Corp
ADC1002S020 RENESAS-ADC1002S020 Datasheet
429Kb / 18P
   Single 10 bits ADC, up to 20 MHz
2 July 2012
logo
NXP Semiconductors
ADC1002S020 NXP-ADC1002S020 Datasheet
127Kb / 19P
   Single 10 bits ADC, up to 20 MHz
Rev. 02-13 August 2008
logo
Integrated Device Techn...
ADC1002S020 IDT-ADC1002S020 Datasheet
426Kb / 18P
   Single 10 bits ADC, up to 20 MHz
logo
NXP Semiconductors
ADC1006S055 NXP-ADC1006S055 Datasheet
393Kb / 31P
   Single 10 bits ADC, up to 55 MHz or 70 MHz
Rev. 02-12 August 2008
logo
Integrated Device Techn...
ADC1006S055 IDT-ADC1006S055 Datasheet
817Kb / 30P
   Single 10 bits ADC, up to 55 MHz or 70 MHz
logo
Renesas Technology Corp
ADC1006S055 RENESAS-ADC1006S055 Datasheet
820Kb / 30P
   Single 10 bits ADC, up to 55 MHz or 70 MHz
2 July 2012
logo
NXP Semiconductors
ADC1004S030 NXP-ADC1004S030 Datasheet
140Kb / 19P
   Single 10 bits ADC, up to 30 MHz, 40 MHz or 50 MHz
Rev. 03-7 August 2008
logo
Integrated Device Techn...
ADC1004S030 IDT-ADC1004S030 Datasheet
473Kb / 18P
   Single 10 bits ADC, up to 30 MHz, 40 MHz or 50 MHz
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com