Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

ADC1005S060 Datasheet(PDF) 13 Page - NXP Semiconductors

Part No. ADC1005S060
Description  Single 10 bits ADC, up to 60 MHz
Download  19 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  NXP [NXP Semiconductors]
Homepage  http://www.nxp.com
Logo 

ADC1005S060 Datasheet(HTML) 13 Page - NXP Semiconductors

Zoom Inzoom in Zoom Outzoom out
 13 / 19 page
background image
ADC1005S060_2
© NXP B.V. 2008. All rights reserved.
Product data sheet
Rev. 02 — 13 August 2008
13 of 19
NXP Semiconductors
ADC1005S060
Single 10 bits ADC, up to 60 MHz
Fig 7.
D9 to D0 and IR outputs
Fig 8.
VI analog input
014aaa525
VCCO
D9 to D0
IR
OGND
VCCA
VI
AGND
014aaa526
Fig 9.
OE GRAY and TC inputs
Fig 10. RB, RM and RT inputs
014aaa527
VCCO
OGND
OE
TC
GRAY
VCCA
RT
RM
RB
AGND
014aaa528
RL
RL
RL
RL
Fig 11. CLK input
VCCD
CLK
1.5 V
DGND
014aaa529


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn