Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

ADC1005S060 Datasheet(PDF) 12 Page - NXP Semiconductors

Part No. ADC1005S060
Description  Single 10 bits ADC, up to 60 MHz
Download  19 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  NXP [NXP Semiconductors]
Homepage  http://www.nxp.com
Logo 

ADC1005S060 Datasheet(HTML) 12 Page - NXP Semiconductors

Zoom Inzoom in Zoom Outzoom out
 12 / 19 page
background image
ADC1005S060_2
© NXP B.V. 2008. All rights reserved.
Product data sheet
Rev. 02 — 13 August 2008
12 of 19
NXP Semiconductors
ADC1005S060
Single 10 bits ADC, up to 60 MHz
frequency on pin OE = 100 kHz.
Fig 5.
Timing diagram and test conditions of 3-state output delay time
Fig 6.
Analog input settling time diagram
ADC1005S060
OE
10 pF
3.3 k
S1
TEST
VCCD
tdLZ
VCCD
tdZL
DGND
tdZH
tdHZ
DGND
014aaa523
VCCD
S1
50 %
50 %
50 %
10 %
90 %
LOW
LOW
HIGH
HIGH
OE
tdZH
tdZL
tdHZ
VCCD
output
data LOW
output
data HIGH
tdLZ
014aaa524
code 1023
code 0
50 %
50 %
CLK
VI
ts(LH)
ts(HL)
50 %
50 %
2 ns
2 ns
0.5 ns
0.5 ns


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn