Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

ADC1005S060 Datasheet(PDF) 10 Page - NXP Semiconductors

Part No. ADC1005S060
Description  Single 10 bits ADC, up to 60 MHz
Download  19 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  NXP [NXP Semiconductors]
Homepage  http://www.nxp.com
Logo 

ADC1005S060 Datasheet(HTML) 10 Page - NXP Semiconductors

Zoom Inzoom in Zoom Outzoom out
 10 / 19 page
background image
ADC1005S060_2
© NXP B.V. 2008. All rights reserved.
Product data sheet
Rev. 02 — 13 August 2008
10 of 19
NXP Semiconductors
ADC1005S060
Single 10 bits ADC, up to 60 MHz
11. Additional information relating to Table 6
Fig 3.
Converter reference resistor ladder
Table 7.
Output coding and input voltage (typical values; referenced to AGND, VRB = 1.3 V,
VRT = 3.7 V; binary/gray codes)
Code
Vi(a)(p-p) (V) IR
Binary outputs D9 to D0
Gray outputs D9 to D0
Underflow
< 1.5
0
00 0000 0000
00 0000 0000
0
1.5
1
00 0000 0000
00 0000 0000
1
-
1
00 0000 0001
00 0000 0001
-
↓↓
1022
-
1
11 1111 1110
10 0000 0001
1023
3.51
1
11 1111 1111
10 0000 0000
Overflow
> 3.51
0
11 1111 1111
10 0000 0000
Table 8.
Output coding and input voltage
(typical values; referenced to AGND; binary/twos complement codes)
Code
Vi(a)(p-p) (V) IR
Binary outputs D9 to D0
twos complement
outputs D9 to D0
Underflow
< 1.5
0
00 0000 0000
10 0000 0000
0
1.5
1
00 0000 0000
10 0000 0000
1
-
1
00 0000 0001
10 0000 0001
-
↓↓
1022
-
1
11 1111 1110
01 1111 1110
1023
3.51
1
11 1111 1111
01 1111 1111
Overflow
> 3.51
0
11 1111 1111
01 1111 1111
014aaa521
RT
RB
RM
Rlad
ROT
RL
RL
RL
RL
IL
ROB
code 1023
code 0


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn