Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

ADC1005S060 Datasheet(PDF) 6 Page - NXP Semiconductors

Part No. ADC1005S060
Description  Single 10 bits ADC, up to 60 MHz
Download  19 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  NXP [NXP Semiconductors]
Homepage  http://www.nxp.com
Logo 

ADC1005S060 Datasheet(HTML) 6 Page - NXP Semiconductors

Zoom Inzoom in Zoom Outzoom out
 6 / 19 page
background image
ADC1005S060_2
© NXP B.V. 2008. All rights reserved.
Product data sheet
Rev. 02 — 13 August 2008
6 of 19
NXP Semiconductors
ADC1005S060
Single 10 bits ADC, up to 60 MHz
10. Characteristics
Table 6.
Characteristics
VCCA = 4.75 V to 5.25 V; VCCD = 4.75 V to 5.25 V; AGND and DGND shorted together; Tamb =0 °Cto70 °C; typical values
measured at VCCA = VCCD = 5 V; VCCO = 3.3 V; VRB = 1.3 V; VRT = 3.7 V; CL = 10 pF and Tamb =25 °C unless otherwise
specified.
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
Supplies
VCCA
analog supply
voltage
4.75
5.0
5.25
V
VCCD
digital supply
voltage
4.75
5.0
5.25
V
VCCO
output supply
voltage
2.7
3.3
3.6
V
∆VCC
supply voltage
difference
VCCA − VCCD
−0.2
-
+0.2
V
VCCA − VCCO; VCCD − VCCO
−0.2
+2.55
V
ICCA
analog supply
current
-
2937mA
ICCD
digital supply
current
-
3340mA
ICCO
output supply
current
fclk = 60 MHz; ramp input
-
0.5
2.0
mA
Ptot
total power
dissipation
fclk = 60 MHz; ramp input
-
312
411
mW
Inputs
Clock input CLK (Referenced to DGND)[1]
VIL
LOW-level input
voltage
0
-
0.8
V
VIH
HIGH-level input
voltage
2-
VCCD
V
IIL
LOW-level input
current
Vclk = 0.8 V
−10
+1
µA
IIH
HIGH-level input
current
Vclk = 2 V
-
2
10
µA
Ci
input capacitance
-
2
-
pF
Inputs OE TC and GRAY (Referenced to DGND); see Table 3 and 4
VIL
LOW-level input
voltage
0
-
0.8
V
VIH
HIGH-level input
voltage
2-
VCCD
V
IIL
LOW-level input
current
VIL = 0.8 V
−1-
-
µA
IIH
HIGH-level input
current
VIH = 2.0 V
-
-
1
µA
Analog input VI (Referenced to AGND)
IIL
LOW-level input
current
VI = VRB = 1.3 V
-
0
-
µA


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn