Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

ADC1005S060 Datasheet(PDF) 5 Page - NXP Semiconductors

Part No. ADC1005S060
Description  Single 10 bits ADC, up to 60 MHz
Download  19 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  NXP [NXP Semiconductors]
Homepage  http://www.nxp.com
Logo 

ADC1005S060 Datasheet(HTML) 5 Page - NXP Semiconductors

 
Zoom Inzoom in Zoom Outzoom out
 5 / 19 page
background image
ADC1005S060_2
© NXP B.V. 2008. All rights reserved.
Product data sheet
Rev. 02 — 13 August 2008
5 of 19
NXP Semiconductors
ADC1005S060
Single 10 bits ADC, up to 60 MHz
8.
Limiting values
[1]
The supply voltages VCCA, VCCD and VCCO may have any value between −0.3 V and +7.0 V provided that
the supply voltage differences
∆V
CC are respected.
9.
Thermal characteristics
D4
20
data output; bit 4
D5
21
data output; bit 5
D6
22
data output; bit 6
D7
23
data output; bit 7
D8
24
data output; bit 8
D9
25
data output; bit 9 (Most Significant Bit (MSB))
IR
26
in-range data output
n.c.
27
not connected
n.c.
28
not connected
Table 3.
Pin description …continued
Symbol
Pin
Description
Table 4.
Limiting values
In accordance with the Absolute Maximum Rating System (IEC 60134).
Symbol
Parameter
Conditions
Min
Max
Unit
VCCA
analog supply voltage
[1]
−0.3
+7.0
V
VCCD
digital supply voltage
[1]
−0.3
+7.0
V
VCCO
output supply voltage
[1]
−0.3
+7.0
V
∆VCC
supply voltage difference
VCCA − VCCD
−0.1
+1.0
V
VCCD − VCCO;
VCCA − VCCO
−0.1
+4.0
V
VI
input voltage
referenced to
AGND
−0.3
+7.0
V
Vi(clk)(p-p)
peak-to-peak clock input voltage for switching;
referenced to
DGND
-VCCD
V
IO
output current
-
10
mA
Tstg
storage temperature
−55
+150
°C
Tamb
ambient temperature
−40
+85
°C
Tj
junction temperature
-
150
°C
Table 5.
Thermal characteristics
Symbol
Parameter
Condition
Value
Unit
Rth(j-a)
thermal resistance from junction to ambient
in free air
110
K/W


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn