Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

ADC1005S060 Datasheet(PDF) 4 Page - NXP Semiconductors

Part No. ADC1005S060
Description  Single 10 bits ADC, up to 60 MHz
Download  19 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  NXP [NXP Semiconductors]
Homepage  http://www.nxp.com
Logo 

ADC1005S060 Datasheet(HTML) 4 Page - NXP Semiconductors

 
Zoom Inzoom in Zoom Outzoom out
 4 / 19 page
background image
ADC1005S060_2
© NXP B.V. 2008. All rights reserved.
Product data sheet
Rev. 02 — 13 August 2008
4 of 19
NXP Semiconductors
ADC1005S060
Single 10 bits ADC, up to 60 MHz
7.
Pinning information
7.1 Pinning
7.2 Pin description
Fig 2.
Pin configuration
ADC1005S
060TS
CLK
n.c.
TC
n.c.
VCCA
IR
AGND
D9
n.c.
D8
RB
D7
RM
D6
VI
D5
RT
D4
OE
D3
VCCD
D2
DGND
D1
VCCO
D0
OGND
GRAY
014aaa520
1
2
3
4
5
6
7
8
9
10
11
12
13
14
16
15
18
17
20
19
22
21
24
23
26
25
28
27
Table 3.
Pin description
Symbol
Pin
Description
CLK
1
clock input
TC
2
twos complement input (active LOW)
VCCA
3
analog supply voltage (5 V)
AGND
4
analog ground
n.c.
5
not connected
RB
6
reference voltage BOTTOM input
RM
7
reference voltage MIDDLE input
VI
8
analog voltage input
RT
9
reference voltage TOP input
OE
10
output enable input (active LOW)
VCCD
11
digital supply voltage (2.7 V to 3.6 V)
DGND
12
digital ground
VCCO
13
supply voltage for output stages (2.7 V to 3.6 V)
OGND
14
output ground
GRAY
15
gray code input (active HIGH)
D0
16
data output; bit 0 (Least Significant Bit (LSB))
D1
17
data output; bit 1
D2
18
data output; bit 2
D3
19
data output; bit 3


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn