Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

ADC1005S060 Datasheet(PDF) 2 Page - NXP Semiconductors

Part No. ADC1005S060
Description  Single 10 bits ADC, up to 60 MHz
Download  19 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  NXP [NXP Semiconductors]
Homepage  http://www.nxp.com
Logo 

ADC1005S060 Datasheet(HTML) 2 Page - NXP Semiconductors

 
Zoom Inzoom in Zoom Outzoom out
 2 / 19 page
background image
ADC1005S060_2
© NXP B.V. 2008. All rights reserved.
Product data sheet
Rev. 02 — 13 August 2008
2 of 19
NXP Semiconductors
ADC1005S060
Single 10 bits ADC, up to 60 MHz
4.
Quick reference data
5.
Ordering information
Table 1.
Quick reference data
VCCA = 4.75 V to 5.25 V; VCCD = 4.75 V to 5.25 V; AGND and DGND shorted together;
Tamb =0 °Cto70 °C; typical values measured at VCCA = VCCD = 5 V; VCCO = 3.3 V; VRB = 1.3 V;
VRT = 3.7 V; CL = 10 pF and Tamb =25 °C unless otherwise specified.
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
VCCA
analog supply voltage
4.75
5.0
5.25
V
VCCD
digital supply voltage
4.75
5.0
5.25
V
VCCO
output supply voltage
2.7
3.3
3.6
V
ICCA
analog supply current
-
29
37
mA
ICCD
digital supply current
-
33
40
mA
ICCO
output supply current
fclk = 60 MHz;
ramp input
-
0.5
2.0
mA
INL
integral non-linearity
-
±0.8
±2.0
LSB
DNL
differential non-linearity
-
±0.35
±0.9
LSB
fclk(max)
maximum clock frequency
60
-
-
MHz
Ptot
total power dissipation
fclk =60 MHz;
ramp input
-
312
411
mW
Table 2.
Ordering information
Type number
Package
Name
Description
Version
ADC1005S060TS
SSOP28
plastic shrink small outline package; 28 leads; body width 5.3 mm
SOT341-1


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn