Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ADC0801S040 Datasheet(PDF) 7 Page - NXP Semiconductors

Part # ADC0801S040
Description  Single 8 bits ADC, up to 40 MHz
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

ADC0801S040 Datasheet(HTML) 7 Page - NXP Semiconductors

Back Button ADC0801S040 Datasheet HTML 3Page - NXP Semiconductors ADC0801S040 Datasheet HTML 4Page - NXP Semiconductors ADC0801S040 Datasheet HTML 5Page - NXP Semiconductors ADC0801S040 Datasheet HTML 6Page - NXP Semiconductors ADC0801S040 Datasheet HTML 7Page - NXP Semiconductors ADC0801S040 Datasheet HTML 8Page - NXP Semiconductors ADC0801S040 Datasheet HTML 9Page - NXP Semiconductors ADC0801S040 Datasheet HTML 10Page - NXP Semiconductors ADC0801S040 Datasheet HTML 11Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 19 page
background image
ADC0801S040_2
© NXP B.V. 2008. All rights reserved.
Product data sheet
Rev. 02 — 18 August 2008
7 of 19
NXP Semiconductors
ADC0801S040
Single 8 bits ADC, up to 40 MHz
Digital outputs D7 to D0 and IR (Referenced to VSSD)
VOL
LOW-level output
voltage
IO = 1 mA
0
-
0.5
V
VOH
HIGH-level output
voltage
IO = −1 mA
VDDO − 0.5
-
VDDO
V
IOZ
OFF-state output current 0.4 V < VO <VDDO
−20
-
+20
µA
Clock input CLK; see Figure 4[1]
fclk(max)
maximum clock
frequency
40
-
-
MHz
tw(clk)H
HIGH clock pulse width
9
-
-
ns
tw(clk)L
LOW clock pulse width
9
-
-
ns
Analog signal processing (fclk = 40 MHz)
Linearity
INL
integral non-linearity
ramp input; see Figure 6
-
±0.5
±0.75
LSB
DNL
differential non-linearity
ramp input; see Figure 7
-
±0.25
±0.5
LSB
Bandwidth
B
bandwidth
full-scale sine wave
[4] -
10
MHz
75 % full-scale sine wave
-
13
MHz
50 % full-scale sine wave
-
20
MHz
small signal at mid scale;
Vi = ±10 LSB at code 128
-
350
MHz
Input set response; see Figure 8[5]
ts(LH)
LOW to HIGH settling
time
full-scale square wave
-
3
5
ns
ts(HL)
HIGH to LOW settling
time
full-scale square wave
-
3
5
ns
Harmonics; see Figure 9[6]
THD
total harmonic distortion
fi = 4.43 MHz
-
−50
-
dB
Signal-to-Noise ratio; see Figure 9[6]
S/N
signal-to-noise ratio
without harmonics;
fi= 4.43 MHz
-47
-
dB
Effective bits; see Figure 9[6]
ENOB
effective number of bits
fi = 300 MHz
-
7.8
-
bits
fi = 4.43 MHz
-
7.3
-
bits
Differential gain[7]
Gdif
differential gain
PAL modulated ramp
-
1.5
-
%
Table 6.
Characteristics …continued
VDDA =V5toV6=3.3 V; VDDD =V3toV4=3.3 V; VDDO = V20 to V11 = 3.3 V; VSSA,VSSD and VSSO shorted together; Vi(a)(p-p)
= 1.84 V; CL = 20 pF; Tamb = 0 °C to 70 °C; typical values measured at Tamb = 25 °C unless otherwise specified.
Symbol
Parameter
Conditions
Min
Typ
Max
Unit


Similar Part No. - ADC0801S040

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
ADC0801S040 IDT-ADC0801S040 Datasheet
420Kb / 18P
   Single 8 bits ADC, up to 40 MHz
logo
Renesas Technology Corp
ADC0801S040 RENESAS-ADC0801S040 Datasheet
423Kb / 18P
   Single 8 bits ADC, up to 40 MHz
2 July 2012
ADC0801S040 RENESAS-ADC0801S040 Datasheet
514Kb / 22P
   Single 8-bit ADC, up to 125 MHz or 250 MHz
2 July 2012
logo
Integrated Device Techn...
ADC0801S040TS IDT-ADC0801S040TS Datasheet
420Kb / 18P
   Single 8 bits ADC, up to 40 MHz
More results

Similar Description - ADC0801S040

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ADC0801S040 RENESAS-ADC0801S040 Datasheet
423Kb / 18P
   Single 8 bits ADC, up to 40 MHz
2 July 2012
logo
Integrated Device Techn...
ADC0801S040 IDT-ADC0801S040 Datasheet
420Kb / 18P
   Single 8 bits ADC, up to 40 MHz
logo
NXP Semiconductors
ADC0804S030 NXP-ADC0804S030 Datasheet
140Kb / 19P
   Single 8 bits ADC, up to 30 MHz, 40 MHz or 50 MHz
Rev. 02-14 August 2008
logo
Renesas Technology Corp
ADC0804S030 RENESAS-ADC0804S030 Datasheet
487Kb / 18P
   Single 8 bits ADC, up to 30 MHz, 40 MHz or 50 MHz
July 2012
logo
Integrated Device Techn...
ADC0804S030 IDT-ADC0804S030 Datasheet
484Kb / 18P
   Single 8 bits ADC, up to 30 MHz, 40 MHz or 50 MHz
logo
NXP Semiconductors
ADC1004S030 NXP-ADC1004S030 Datasheet
140Kb / 19P
   Single 10 bits ADC, up to 30 MHz, 40 MHz or 50 MHz
Rev. 03-7 August 2008
ADC1206S040 NXP-ADC1206S040 Datasheet
521Kb / 32P
   Single 12 bits ADC, up to 40 MHz, 55 MHz or 70 MHz
Rev. 02-12 August 2008
logo
Integrated Device Techn...
ADC1004S030 IDT-ADC1004S030 Datasheet
473Kb / 18P
   Single 10 bits ADC, up to 30 MHz, 40 MHz or 50 MHz
logo
Renesas Technology Corp
ADC1004S030 RENESAS-ADC1004S030 Datasheet
477Kb / 18P
   Single 10 bits ADC, up to 30 MHz, 40 MHz or 50 MHz
2 July 2012
ADC1206S040 RENESAS-ADC1206S040 Datasheet
1Mb / 31P
   Single 12 bits ADC, up to 40 MHz, 55 MHz or 70 MHz
2 July 2012
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com