Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

UJA1061TW Datasheet(PDF) 2 Page - NXP Semiconductors

Part # UJA1061TW
Description  Fault-tolerant CAN/LIN fail-safe system basis chip
Download  77 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

UJA1061TW Datasheet(HTML) 2 Page - NXP Semiconductors

  UJA1061TW Datasheet HTML 1Page - NXP Semiconductors UJA1061TW Datasheet HTML 2Page - NXP Semiconductors UJA1061TW Datasheet HTML 3Page - NXP Semiconductors UJA1061TW Datasheet HTML 4Page - NXP Semiconductors UJA1061TW Datasheet HTML 5Page - NXP Semiconductors UJA1061TW Datasheet HTML 6Page - NXP Semiconductors UJA1061TW Datasheet HTML 7Page - NXP Semiconductors UJA1061TW Datasheet HTML 8Page - NXP Semiconductors UJA1061TW Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 77 page
background image
UJA1061_6
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2010. All rights reserved.
Product data sheet
Rev. 06 — 9 March 2010
2 of 77
NXP Semiconductors
UJA1061
Fault-tolerant CAN/LIN fail-safe system basis chip
2.
Features and benefits
2.1 General
Contains a full set of CAN and LIN ECU functions:
CAN transceiver and LIN transceiver
Voltage regulator for the microcontroller (3.3 V or 5.0 V)
Separate voltage regulator for the CAN transceiver (5 V)
Enhanced window watchdog with on-chip oscillator
Serial Peripheral Interface (SPI) for the microcontroller
ECU power management system
Fully integrated autonomous fail-safe system
Designed for automotive applications:
Supports 14 V, 24 V and 42 V architectures
Excellent ElectroMagnetic Compatibility (EMC) performance
±8 kV ElectroStatic Discharge (ESD) protection Human Body Model (HBM) for
off-board pins
±6 kV ElectroStatic Discharge (ESD) protection IEC 61000-4-2 for off-board pins
±60 V short-circuit proof CAN/LIN-bus pins
Battery and CAN/LIN-bus pins are protected against transients in accordance with
ISO 7637
Very low sleep current
Supports remote flash programming via the CAN-bus
Small 6.1 mm
× 11 mm HTSSOP32 package with low thermal resistance
2.2 CAN transceiver
ISO 11898-3 compliant fault-tolerant CAN transceiver
Enhanced error signalling and reporting
Dedicated low dropout voltage regulator for the CAN-bus:
Independent from microcontroller supply
Guarded by CAN-bus failure management
Significantly improves EMC performance
Partial networking option with global wake-up feature, allows selective CAN-bus
communication without waking up sleeping nodes
Bus connections are truly floating when power is off
Ground shift detection
2.3 LIN transceiver
LIN 2.0 compliant LIN transceiver
Enhanced error signalling and reporting
Downward compatible with LIN 1.3 and the TJA1020


Similar Part No. - UJA1061TW

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
UJA1061TW PHILIPS-UJA1061TW Datasheet
323Kb / 81P
   Low speed CAN/LIN system basis chip
2004 Mar 22
UJA1061TW NXP-UJA1061TW Datasheet
340Kb / 74P
   Fault-tolerant CAN/LIN fail-safe system basis chip
Rev. 05-22 November 2007
More results

Similar Description - UJA1061TW

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
UJA1061 NXP-UJA1061 Datasheet
340Kb / 74P
   Fault-tolerant CAN/LIN fail-safe system basis chip
Rev. 05-22 November 2007
UJA1069 NXP-UJA1069_09 Datasheet
304Kb / 64P
   LIN fail-safe system basis chip
Rev. 04-28 October 2009
UJA1069 PHILIPS-UJA1069 Datasheet
299Kb / 64P
   LIN fail-safe system basis chip
Rev. 02-5 March 2007
UJA1069 NXP-UJA1069 Datasheet
310Kb / 64P
   LIN fail-safe system basis chip
Rev. 03-10 September 2007
UJA1065 PHILIPS-UJA1065 Datasheet
285Kb / 67P
   High-speed CAN/LIN fail-safe system basis chip
Rev. 01-10 August 2005
UJA1065 NXP-UJA1065 Datasheet
470Kb / 76P
   High-speed CAN/LIN fail-safe system basis chip
Rev. 07-25 February 2010
UJA1066 NXP-UJA1066 Datasheet
473Kb / 70P
   High-speed CAN fail-safe system basis chip
Rev. 03-17 March 2010
logo
Motorola, Inc
MC33389 MOTOROLA-MC33389 Datasheet
592Kb / 35P
   System Basis Chip with Low Speed Fault Tolerant CAN
logo
Freescale Semiconductor...
33389 FREESCALE-33389 Datasheet
1Mb / 49P
   System Basis Chip with Low Speed Fault Tolerant CAN
33889 FREESCALE-33889 Datasheet
2Mb / 60P
   System Basis Chip with Low Speed Fault Tolerant CAN Interface
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com