Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

UBA2024AP Datasheet(PDF) 1 Page - NXP Semiconductors

Part # UBA2024AP
Description  Half-bridge power IC for CFL lamps
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

UBA2024AP Datasheet(HTML) 1 Page - NXP Semiconductors

  UBA2024AP Datasheet HTML 1Page - NXP Semiconductors UBA2024AP Datasheet HTML 2Page - NXP Semiconductors UBA2024AP Datasheet HTML 3Page - NXP Semiconductors UBA2024AP Datasheet HTML 4Page - NXP Semiconductors UBA2024AP Datasheet HTML 5Page - NXP Semiconductors UBA2024AP Datasheet HTML 6Page - NXP Semiconductors UBA2024AP Datasheet HTML 7Page - NXP Semiconductors UBA2024AP Datasheet HTML 8Page - NXP Semiconductors UBA2024AP Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
1.
General description
The UBA2024 is a high-voltage monolithic Integrated Circuit (IC). The IC is designed for
driving Compact Fluorescent Lamps (CFL) in a half-bridge configuration.
The IC features a soft start function, an adjustable internal oscillator and an internal drive
function with a high-voltage level shifter for driving the half-bridge.
To guarantee an accurate 50 % duty cycle, the oscillator signal is passed through a divider
before being fed to the output drivers.
2.
Features
I Integrated half-bridge power transistors
N UBA2024P: 9 Ω
N UBA2024AP: 6 Ω
N UBA2024T: 9 Ω
N UBA2024AT: 6.4 Ω
I Integrated bootstrap diode
I Integrated low-voltage supply
I Adjustable oscillator frequency
I 550 V maximum voltage
I Minimum glow time control
I Soft start
3.
Applications
I Driver for any kind of half-bridge configured load up to 23 W, provided that the
maximum junction temperature is not exceeded.
I Designed for electronically self-ballasted CFL lamps
UBA2024
Half-bridge power IC for CFL lamps
Rev. 04 — 17 September 2009
Product data sheet


Similar Part No. - UBA2024AP

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
UBA2024AP PHILIPS-UBA2024AP Datasheet
448Kb / 17P
   Half-bridge power IC for CFL lamps
Rev. 6.2-1 November 2010
More results

Similar Description - UBA2024AP

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
UBA2024 PHILIPS-UBA2024_10 Datasheet
448Kb / 17P
   Half-bridge power IC for CFL lamps
Rev. 6.2-1 November 2010
logo
Shenzhen Winsemi Microe...
WS21351 WINSEMI-WS21351 Datasheet
363Kb / 7P
   Half-bridge power IC for CFL lamps
logo
NXP Semiconductors
UBA2024 PHILIPS-UBA2024 Datasheet
78Kb / 11P
   Half-bridge power IC for CFL lamps
2004 Feb 03
UBA2024 NXP-UBA2024 Datasheet
69Kb / 12P
   Half-bridge power IC for CFL lamps
Rev. 03-16 October 2008
UBA2211 NXP-UBA2211 Datasheet
175Kb / 19P
   Half-bridge power IC family for CFL lamps
Rev. 2-3 January 2011
UBA2211_1108 PHILIPS-UBA2211_1108 Datasheet
191Kb / 20P
   Half-bridge power IC family for CFL lamps
Rev. 3-26 August 2011
UBA2025 NXP-UBA2025 Datasheet
352Kb / 17P
   CFL power IC
Rev. 01-16 October 2009
UBA2021 PHILIPS-UBA2021 Datasheet
102Kb / 20P
   630 V driver IC for CFL and TL lamps
2001 Jan 30
UBA2021 PHILIPS-UBA2021_08 Datasheet
107Kb / 16P
   630 V driver IC for CFL and TL lamps
Rev. 04-25 July 2008
UBA2021 NXP-UBA2021 Datasheet
107Kb / 16P
   630 V driver IC for CFL and TL lamps
Rev. 04-25 July 2008
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com