Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

UBA2024P Datasheet(PDF) 2 Page - NXP Semiconductors

Part # UBA2024P
Description  Half-bridge power IC for CFL lamps
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

UBA2024P Datasheet(HTML) 2 Page - NXP Semiconductors

  UBA2024P Datasheet HTML 1Page - NXP Semiconductors UBA2024P Datasheet HTML 2Page - NXP Semiconductors UBA2024P Datasheet HTML 3Page - NXP Semiconductors UBA2024P Datasheet HTML 4Page - NXP Semiconductors UBA2024P Datasheet HTML 5Page - NXP Semiconductors UBA2024P Datasheet HTML 6Page - NXP Semiconductors UBA2024P Datasheet HTML 7Page - NXP Semiconductors UBA2024P Datasheet HTML 8Page - NXP Semiconductors UBA2024P Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 14 page
background image
UBA2024_4
© NXP B.V. 2009. All rights reserved.
Product data sheet
Rev. 04 — 17 September 2009
2 of 14
NXP Semiconductors
UBA2024
Half-bridge power IC for CFL lamps
4.
Ordering information
5.
Block diagram
6.
Pinning information
6.1 Pinning
Table 1.
Ordering information
Type number
Package
Name
Description
Version
UBA2024P
DIP8
plastic dual in-line package; 8 leads (300 mil)
SOT97-1
UBA2024AP
DIP8
plastic dual in-line package; 8 leads (300 mil)
SOT97-1
UBA2024T
SO14
plastic small outline package; 14 leads; body width 3.9 mm
SOT108-1
UBA2024AT
SO14
plastic small outline package; 14 leads; body width 3.9 mm
SOT108-1
Fig 1.
Block diagram
mdb029
SWEEP AND
GLOW TIME CONTROL
HIGH VOLTAGE
LEVEL SHIFTER
VDD CONTROL
HIGH SIDE
DRIVER
LOW SIDE
DRIVER
OSCILLATOR
DIVIDE-BY-2
DEAD TIME
UBA2024T
(UBA2024P)
1,2,3,5,9,10,13 (2)
7 (8)
VDD
VDD(stop)
SW
RC
SGND
8 (1)
6 (7)
(6) 4
HV
FS
HS
LS
OUT
PGND
(3) 11
(5) 14
(4) 12
Fig 2.
Pinning diagram SOT97-1
Fig 3.
Pinning diagram SOT108-1
UBA2024P
UBA2024AP
SW
RC
SGND
VDD
FS
HV
PGND
OUT
014aaa657
1
2
3
4
6
5
8
7
UBA2024T
UBA2024AT
SGND
OUT
SGND
SGND
SGND
PGND
HV
FS
SGND
SGND
VDD
SGND
RC
SW
014aaa804
1
2
3
4
5
6
7
8
10
9
12
11
14
13


Similar Part No. - UBA2024P

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
UBA2024P NXP-UBA2024P Datasheet
69Kb / 12P
   Half-bridge power IC for CFL lamps
Rev. 03-16 October 2008
UBA2024P PHILIPS-UBA2024P Datasheet
448Kb / 17P
   Half-bridge power IC for CFL lamps
Rev. 6.2-1 November 2010
More results

Similar Description - UBA2024P

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
UBA2024 PHILIPS-UBA2024_10 Datasheet
448Kb / 17P
   Half-bridge power IC for CFL lamps
Rev. 6.2-1 November 2010
logo
Shenzhen Winsemi Microe...
WS21351 WINSEMI-WS21351 Datasheet
363Kb / 7P
   Half-bridge power IC for CFL lamps
logo
NXP Semiconductors
UBA2024 PHILIPS-UBA2024 Datasheet
78Kb / 11P
   Half-bridge power IC for CFL lamps
2004 Feb 03
UBA2024 NXP-UBA2024 Datasheet
69Kb / 12P
   Half-bridge power IC for CFL lamps
Rev. 03-16 October 2008
UBA2211 NXP-UBA2211 Datasheet
175Kb / 19P
   Half-bridge power IC family for CFL lamps
Rev. 2-3 January 2011
UBA2211_1108 PHILIPS-UBA2211_1108 Datasheet
191Kb / 20P
   Half-bridge power IC family for CFL lamps
Rev. 3-26 August 2011
UBA2025 NXP-UBA2025 Datasheet
352Kb / 17P
   CFL power IC
Rev. 01-16 October 2009
UBA2021 PHILIPS-UBA2021 Datasheet
102Kb / 20P
   630 V driver IC for CFL and TL lamps
2001 Jan 30
UBA2021 PHILIPS-UBA2021_08 Datasheet
107Kb / 16P
   630 V driver IC for CFL and TL lamps
Rev. 04-25 July 2008
UBA2021 NXP-UBA2021 Datasheet
107Kb / 16P
   630 V driver IC for CFL and TL lamps
Rev. 04-25 July 2008
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com