Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SIG61 Datasheet(PDF) 3 Page - Yamar Electronics Ltd.

Part # SIG61
Description  Smart Slave for DC-BUS Powerline Network
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  YAMAR [Yamar Electronics Ltd.]
Direct Link  http://www.yamar.com
Logo YAMAR - Yamar Electronics Ltd.

SIG61 Datasheet(HTML) 3 Page - Yamar Electronics Ltd.

  SIG61 Datasheet HTML 1Page - Yamar Electronics Ltd. SIG61 Datasheet HTML 2Page - Yamar Electronics Ltd. SIG61 Datasheet HTML 3Page - Yamar Electronics Ltd. SIG61 Datasheet HTML 4Page - Yamar Electronics Ltd. SIG61 Datasheet HTML 5Page - Yamar Electronics Ltd. SIG61 Datasheet HTML 6Page - Yamar Electronics Ltd. SIG61 Datasheet HTML 7Page - Yamar Electronics Ltd. SIG61 Datasheet HTML 8Page - Yamar Electronics Ltd. SIG61 Datasheet HTML 9Page - Yamar Electronics Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 15 page
background image
Preliminary and proprietary Information of YAMAR Electronics Ltd. Subject to change without notice.
© 2010 Yamar Electronics Ltd.
3
DS-SIG61 R0.932
3 SIG61 SIGNALS
Device signals are described in table 3.1.
SIG61
DTxO
45
In2_HDI
42
HDO
35
In3_HDC
41
F1nF0
38
InterHope
3
Test
15
Gnd
46
TxO
8
Gnd
6
BitRate0
1
RxIn
10
Vdd
4
RxN
9
In0
47
In1
44
In6
37
In4
40
In5
39
In7
36
Id0
16
Id1
14
Id2
13
Id3
12
Vdd
34
Gnd
33
Mode2_LBD
48
Vdd
43
NC
5
BitRate1
2
Gnd
7
Vdd
11
EXP
EXP
Pin name
Pin# Pin type
Description
Control Signals
HDO
35
Output
8mA
Digital data output signal. Output the received data from the
powerline to the host.
INH
32
Output
8mA
Inhibit output for enabling the host or an external voltage regulator
powering the host. This signal is HIGH in the normal and standby
modes and LOW in sleep mode.
nSleep
31
Input
Sleep control input. Pulling this signal to LOW puts the SIG61 in
sleep mode. Should be pulled to Vdd.
Wake
26
Input
Local wakeup input. Negative or positive edge triggered. This pin can
be connected to an external switch in the application. When the pin is
triggered the device will wake up and send a wake up message to all
the devices on the network. When not in use, this pin should be
pulled Up or Down.
nReset
29
Input, PU Reset Input
InterfHop
3
Input, PD Allows automatic frequency hoping whenever an interference signal
is detected on the DC line. When HIGH, detection of interference
switches the operating frequency between F0 and F1. If at the new
frequency, no reception occurred for 2 sec, the operating frequency is
switched back. For designs with a single channel this pin should be
tied to ground.
Test
15
Input, PD Should be connected to Gnd
MF1nF0
23
Output
12mA
Output indicating the operating frequency. F1 when HIGH and F0
when LOW.
Line Interface signals
OscO
52
Analog
Output
Crystal Output
Figure 3.1 - SIG61 Pin-out


Similar Part No. - SIG61

ManufacturerPart #DatasheetDescription
logo
Yamar Electronics Ltd.
SIG61 YAMAR-SIG61_17 Datasheet
476Kb / 16P
   Smart Slave for Multiplex Powerline Network
More results

Similar Description - SIG61

ManufacturerPart #DatasheetDescription
logo
Yamar Electronics Ltd.
SIG61 YAMAR-SIG61_17 Datasheet
476Kb / 16P
   Smart Slave for Multiplex Powerline Network
SIG60 YAMAR-SIG60 Datasheet
555Kb / 14P
   UART over Powerline for AC/DC-BUS Network
logo
Schneider Electric
SR3MBU01BD SCHNEIDER-SR3MBU01BD_V01 Datasheet
158Kb / 4P
   Modbus slave communication module, Zelio Logic, network for SR3 24 V DC smart relay
Mar 23, 2022
SR3MBU01BD SCHNEIDER-SR3MBU01BD Datasheet
109Kb / 4P
   Modbus slave communication module, Zelio Logic, network for SR3 24 V DC smart relay
logo
Yamar Electronics Ltd.
SIG102 YAMAR-SIG102 Datasheet
3Mb / 38P
   Multi I/O Control over DC Powerline Network
R 0.88
logo
Texas Instruments
TSS521 TI1-TSS521 Datasheet
807Kb / 17P
[Old version datasheet]   Meter-Bus Transceiver (for Slave) Meets
logo
Recom International Pow...
RP40-2433SG RECOM-RP40-2433SG Datasheet
110Kb / 3P
   POWERLINE - DC/DC - CONVERTER
RP03-240SH RECOM-RP03-240SH Datasheet
93Kb / 2P
   POWERLINE - DC/DC - CONVERTER
RP100-483305DS RECOM-RP100-483305DS Datasheet
136Kb / 2P
   POWERLINE - DC/DC - CONVERTER
RP30-2418SE RECOM-RP30-2418SE Datasheet
113Kb / 2P
   POWERLINE - DC/DC - CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com