Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TMCM-310 Datasheet(PDF) 1 Page - TRINAMIC Motion Control GmbH & Co. KG.

Part # TMCM-310
Description  3-Axis Stepper Motor Motion Control Module
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRINAMIC [TRINAMIC Motion Control GmbH & Co. KG.]
Direct Link  http://www.trinamic.com
Logo TRINAMIC - TRINAMIC Motion Control GmbH & Co. KG.

TMCM-310 Datasheet(HTML) 1 Page - TRINAMIC Motion Control GmbH & Co. KG.

  TMCM-310_07 Datasheet HTML 1Page - TRINAMIC Motion Control GmbH & Co. KG. TMCM-310_07 Datasheet HTML 2Page - TRINAMIC Motion Control GmbH & Co. KG.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
TMCM-310
3-Axis Stepper Motor Motion Control Module
The TMCM-310 is a triple axis 2-phase stepper motor controller and driver module. It
provides a complete single board motion control solution at low cost. Using the
integrated additional I/Os it even can do complete system control applications. The
motors and switches can be connected easily with screw terminals. The connection of the multi purpose I/Os can
be done via a dual-in-line pin connector. The TMCM-310 comes with the PC based software developer environment
TMCL-IDE for the TRINAMIC Motion Control Language (TMCL). Using predefined TMCL high level commands like
“move to position” or “constant rotation” rapid and fast development of motion control applications guaranteed.
The TMCM-310 can be controlled via the RS-232 or the CAN interface. Communication traffic is very low since all
time critical operations, e.g. ramp calculation are performed on board. A user TMCL program can be stored in the
onboard EEPROM for stand-alone operation. The firmware of the module can be updated via the serial interface.
With the optional StallGuard feature it is possible to detect overload and stall of the motor.
Power,
interface, motor, stop switch and
I/O connectors:
Power supply, motors and stop switches are accessible by screw
connectors. The RS232 interface has a DSUB, the optional CAN interface a
2x5 pin and the I/O connector a 2x10 pin industry standard connector.
Do not connect or disconnect a motor while the board is powered, as
this could damage the driver chips!
+V
s=
12..28V DC
Reset button
Motor 0
Motor 1
Motor 2
Additional Inputs and
Outputs (X300)
TMC236
or
TMC246
TMC236
or
TMC246
TMC236
or
TMC246
TMC428
ATmega
32
Pin 1
Blank1
(J400)
Blank2
(J401)
Pin 1
SPI jumpers (J200)
(always closed,
rev. 1.0 only)
J101
J100
Programmer / SPI
Pin 1
CAN bus
(optional)
CAN Termination
(J500)
+V
s
GND
for Hardware
rev. 2.0:
X102
J100, J101: rev 1.0 only
X102: rev 2.0 only
+V
S
GND
STOP 0
STOP 1
STOP 2
M
M
M
4 3 2 1
3 2 1
4
4 3 2 1
3 2 1
4
4 3 2 1
3 2 1
4
B1 B0 A1 A0
L R
B1 B0 A1 A0
L
R
B1 B0 A1 A0
L
R
I/O connector (X300)
Pin
Signal
Pin
Signal
Pin
Signal
Pin
Signal
1
Output 0
2
Output 1
11
Input 0
12
Input 1
3
Output 2
4
Output 3
13
Input 2
14
Input 3
5
Output 4
6
Output 5
15
Input 4
16
Input 5
7
Output 6
8
Output 7
17
Input 6
18
Input 7
9
rev. 2.0: Alarm Input
rev 1.1: +5V (Output)
10
GND
19
+5V (Output)
20
GND
Screw Socket Function
VS
Pin
+7..34V DC
GND
Ring
Ground
Pin
RS232
CAN (optional)
2
RxD
CAN_L
3
TxD
GND
5
GND
6
GND (optional)
7
CAN_H
Pin
Function
1
Motor coil A0
2
Motor coil A1
3
Motor coil B0
Motor
X
4
Motor coil B1
1
Right limit switch
2
Left limit switch
3
Ground
STOP X
4
+5V power supply
Features:
Connectors:


Similar Part No. - TMCM-310_07

ManufacturerPart #DatasheetDescription
logo
TRINAMIC Motion Control...
TMCM-310 TRINAMIC-TMCM-310 Datasheet
571Kb / 1P
   3-Axis Controller/Driver 1.1A/34V
More results

Similar Description - TMCM-310_07

ManufacturerPart #DatasheetDescription
logo
TRINAMIC Motion Control...
TMC429 TRINAMIC-TMC429 Datasheet
339Kb / 1P
   Three Axis universal motion controller for stepper motor drivers
logo
List of Unclassifed Man...
PCI-8504 ETC2-PCI-8504 Datasheet
762Kb / 2P
   4-Axis Motion Control Board
logo
Adlink Technology Inc.
PCI-8102 ADLINK-PCI-8102 Datasheet
448Kb / 1P
   Advanced 2-axis Servo & Stepper Motion Controller
logo
Advantech Co., Ltd.
PCL-839 ADVANTECH-PCL-839 Datasheet
75Kb / 1P
   3-axis Stepping Motor Control Card
logo
Adlink Technology Inc.
PCIE-8158 ADLINK-PCIE-8158 Datasheet
171Kb / 2P
   Advanced 8/4-axis Servo & Stepper Motion Controllers
PCI-8134A ADLINK-PCI-8134A Datasheet
613Kb / 1P
   Entry-level 4-axis Servo & Stepper Motion Controller
logo
TRINAMIC Motion Control...
PD-109 TRINAMIC-PD-109_06 Datasheet
186Kb / 2P
   High power stepper motor motion system
PD-013 TRINAMIC-PD-013_1 Datasheet
193Kb / 2P
   Start into stepper motor motion systems
logo
List of Unclassifed Man...
EDE12400 ETC1-EDE12400 Datasheet
591Kb / 8P
   BI-POLAR CHOPPER STEPPER MOTOR CONTROL MODULE
logo
Texas Instruments
MDL-STEPPER TI-MDL-STEPPER Datasheet
203Kb / 4P
[Old version datasheet]   Stepper Motor Control Board
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com