Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SOM-5787 Datasheet(PDF) 1 Page - Advantech Co., Ltd.

Part # SOM-5787
Description  Intel짰 Core?? Duo Processor GS45 COM-Express Basic Module
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADVANTECH [Advantech Co., Ltd.]
Direct Link  http://www.advantech.com
Logo ADVANTECH - Advantech Co., Ltd.

SOM-5787 Datasheet(HTML) 1 Page - Advantech Co., Ltd.

  SOM-5787 Datasheet HTML 1Page - Advantech Co., Ltd. SOM-5787 Datasheet HTML 2Page - Advantech Co., Ltd. SOM-5787 Datasheet HTML 3Page - Advantech Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
All product specifications are subject to change without notice
Last updated : 22-April-2010
Computer On Modules
Features
Specifications
Form Factor
COM-Express Basic Module, Type II Pin-out
Processor System
CPU
Intel Core 2 Duo SP9300, LV Core 2 Duo SL9400, ULV Core 2 Duo SU9300 / Intel ULV Celeron M 722, ULV Celeron
M 723
Front Side Bus
800/1066 MHz
System Chipset
Intel GS45/ICH9M SFF
Intel AMT 4.0
Yes
BIOS
AMI 32 Mbit
Memory
Technology
DDR3 800/1066 MHz
Max. Capacity
up to 8 GB
Socket
2 x 204-pin SODIMM sockets
Display
Chipset
Intel GS45
VRAM
DVMT 5.0 supports up to 1024 MB
Graphics Engine
Mobile Intel GMA X4500 3D/2D engine, HDMI, Displayport, SDVO shared with PCIe x16 (PEG)
LCD
Single and dual channel 24/48-bit LVDS
TV-out
Yes
VGA
up to QXGA (2048 x 1536)
SDVO
2 SDVO Ports
Dual Display
Dual Display of VGA, LVDS, TV-out, HDMI, Displayport, SDVO (Note: SDVO function is supported by customized
BIOS)
Ethernet
Chipset
Intel 82567 Gigabit Ethernet
Speed
10/100/1000 Mbps
WatchDog Timer
256 timer intervals, from 0 to 255 sec or min setup by software, jumperless selection, generates system reset
Expansion
LPC, PCIe x16, 5 PCIe x1, 4 PCI master
I/O
SATA
3 x SATAII (1 SATA port used for 2G onboard flash)
SSD
2 GB SSD Flash on board
USB
8 x USB 2.0 ports
Audio
High definition audio interface
GPIO
8-bit GPIO
Power
Power Type
ATX, AT
Power Supply Voltage
+12 V and +5 VSB for ATX, +12V for AT
Power Consumption
(Typical)
(1 GB DDR3 1066) SP9300: +12V @ 0.66A
Power Consumption
(Max. test in HTC)
(1 GB DDR3 1066) SP9300: +12V @ 2.1A
Environment
Operating Temperature
0 ~ 60° C (32 ~ 140° F)
Operating Humidity
0% ~ 90% relative humidity, non-condensing
Mechanical
Dimensions
125 x 95 mm (4.92" x 3.74")
Embedded Intel® Core™2Duo/Celeron® M processor
Intel GMA X4500 Gen 5 DX10, HW support for H.264, VC-1 and MPEG2
Supports 2 DDR3 SODIMM up to 8 GB
Supports PCIe x16, 5 PCIe x1, 4 PCI, LPC, 3 SATAII, 8 USB2.0
Supports embedded software APIs and Utilities
Intel® Core™2 Duo Processor
GS45 COM-Express Basic Module
SOM-5787
NEW
Monitoring
BIOS flash
Embedded
Security ID
Flash Lock
Backlight On/Off
Watchdog
GPIO
H/W Monitor
I2C
SMBus
Software APIs:
Utilities:


Similar Part No. - SOM-5787

ManufacturerPart #DatasheetDescription
logo
Advantech Co., Ltd.
SOM-5787FG-S1A1E ADVANTECH-SOM-5787FG-S1A1E Datasheet
1Mb / 3P
   Intel짰 Core?? Duo Processor GS45 COM-Express Basic Module
SOM-5787FG-S2A1E ADVANTECH-SOM-5787FG-S2A1E Datasheet
1Mb / 3P
   Intel짰 Core?? Duo Processor GS45 COM-Express Basic Module
SOM-5787FG-S3A1E ADVANTECH-SOM-5787FG-S3A1E Datasheet
1Mb / 3P
   Intel짰 Core?? Duo Processor GS45 COM-Express Basic Module
SOM-5787FG-S9A1E ADVANTECH-SOM-5787FG-S9A1E Datasheet
1Mb / 3P
   Intel짰 Core?? Duo Processor GS45 COM-Express Basic Module
SOM-5787FG-U3A1E ADVANTECH-SOM-5787FG-U3A1E Datasheet
1Mb / 3P
   Intel짰 Core?? Duo Processor GS45 COM-Express Basic Module
More results

Similar Description - SOM-5787

ManufacturerPart #DatasheetDescription
logo
Advantech Co., Ltd.
SOM-5787 ADVANTECH-SOM-5787_11 Datasheet
1Mb / 3P
   Intel짰 Core?? Duo Processor GS45 COM-Express Basic Module
SOM-6787 ADVANTECH-SOM-6787 Datasheet
1Mb / 3P
   Intel짰 Core?? Duo Processor GS45 COM-Express Compact Module
SOM-5786 ADVANTECH-SOM-5786_11 Datasheet
1Mb / 3P
   Intel짰 Core?? Duo Processor GME965 COM-Express Basic Module
SOM-5788 ADVANTECH-SOM-5788_12 Datasheet
1Mb / 2P
   Intel짰 Core??i7/i5/i3 Processor COM-Express Basic Module
SOM-5790 ADVANTECH-SOM-5790_13 Datasheet
651Kb / 2P
   Intel짰 Core??i7/i5/i3 Processor COM-Express Basic Module
SOM-5790 ADVANTECH-SOM-5790 Datasheet
1Mb / 2P
   Intel짰 Core??i7/i5/i3 Processor COM-Express Basic Module
SOM-5788 ADVANTECH-SOM-5788_15 Datasheet
655Kb / 2P
   Intel짰 Core??Processor COM Express짰 Basic Module
SOM-5788Z-U0A1E ADVANTECH-SOM-5788Z-U0A1E Datasheet
655Kb / 2P
   Intel짰 Core??Processor COM Express짰 Basic Module
SOM-5788Z-S1A1E ADVANTECH-SOM-5788Z-S1A1E Datasheet
655Kb / 2P
   Intel짰 Core??Processor COM Express짰 Basic Module
SOM-9890 ADVANTECH-SOM-9890 Datasheet
675Kb / 2P
   Intel짰 Core??i7/i5/i3/Celeron짰 Processor COM-Express Basic Module
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com