Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

74LVTN16245BBQ Datasheet(PDF) 6 Page - NXP Semiconductors

Part # 74LVTN16245BBQ
Description  3.3 V 16-bit transceiver; 3-state
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

74LVTN16245BBQ Datasheet(HTML) 6 Page - NXP Semiconductors

Back Button 74LVTN16245BBQ Datasheet HTML 2Page - NXP Semiconductors 74LVTN16245BBQ Datasheet HTML 3Page - NXP Semiconductors 74LVTN16245BBQ Datasheet HTML 4Page - NXP Semiconductors 74LVTN16245BBQ Datasheet HTML 5Page - NXP Semiconductors 74LVTN16245BBQ Datasheet HTML 6Page - NXP Semiconductors 74LVTN16245BBQ Datasheet HTML 7Page - NXP Semiconductors 74LVTN16245BBQ Datasheet HTML 8Page - NXP Semiconductors 74LVTN16245BBQ Datasheet HTML 9Page - NXP Semiconductors 74LVTN16245BBQ Datasheet HTML 10Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 17 page
background image
74LVTN16245B_2
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2010. All rights reserved.
Product data sheet
Rev. 02 — 23 March 2010
6 of 17
NXP Semiconductors
74LVTN16245B
3.3 V 16-bit transceiver; 3-state
5.2 Pin description
6.
Functional description
[1]
H = HIGH voltage level; L = LOW voltage level; X = don’t care; Z = high-impedance OFF-state.
7.
Limiting values
Table 2.
Pin description
Symbol
Pin
Description
SOT362-1
SOT1134-1
1DIR, 2DIR
1, 24
A30, A13
direction control input
1B0 to 1B7
2, 3, 5, 6, 8, 9, 11, 12
B20, A31, D5, D1, A2, B2, B3,
A5
data input/output
2B0 to 2B7
13, 14, 16, 17, 19, 20, 22, 23
A6, B5, B6, A9, D2, D6, A12, B8 data input/output
GND
4, 10, 15, 21, 28, 34, 39, 45
A32, A3, A8, A11, A16, A19,
A24, A27
ground (0 V)
VCC
7, 18, 31, 42
A1, A10, A17, A26
supply voltage
1OE, 2OE
48, 25
A29, A14
output enable input (active LOW)
2A0 to 2A7
36, 35, 33, 32, 30, 29, 27, 26
A21, B13, B12, A18, D3, D7,
A15, B10
data input/output
1A0, to 1A7
47, 46, 44, 43, 41, 40, 38, 37
B18, A28, D8, D4, A25, B16,
B15, A22
data input/output
n.c.
-
A4, A7, A20, A23, B1, B4, B7,
B9, B11, B14, B17, B19
not connected
Table 3.
Function table [1]
Control
Input/output
nOE
nDIR
nAn
nBn
L
L
output nAn = nBn
input
L
H
input
output nBx = nAx
HX
Z
Z
Table 4.
Limiting values
In accordance with the Absolute Maximum Rating System (IEC 60134). Voltages are referenced to GND (ground = 0 V).
Symbol
Parameter
Conditions
Min
Max
Unit
VCC
supply voltage
−0.5
+4.6
V
VI
input voltage
[1]
−0.5
+7.0
V
VO
output voltage
output in OFF-state or
HIGH-state
[1]
−0.5
+7.0
V
IIK
input clamping current
VI < 0 V
−50
-
mA
IOK
output clamping current
VO < 0 V
−50
-
mA
IO
output current
output in LOW-state
-
128
mA
output in HIGH-state
−64
-
mA
Tstg
storage temperature
−65
+150
°C
Tj
junction temperature
[2] -
150
°C


Similar Part No. - 74LVTN16245BBQ

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74LVTN16245BBQ NXP-74LVTN16245BBQ Datasheet
101Kb / 16P
   3.3 V 16-bit transceiver; 3-state
Rev. 01-29 July 2009
More results

Similar Description - 74LVTN16245BBQ

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74LVTN16245B PHILIPS-74LVTN16245B_15 Datasheet
221Kb / 17P
   3.3 V 16-bit transceiver; 3-state
Rev. 5-5 April 2012
74LVT_LVTH16245B PHILIPS-74LVT_LVTH16245B_15 Datasheet
261Kb / 19P
   3.3 V 16-bit transceiver; 3-state
Rev. 10-1 March 2012
74LVTN16245B NXP-74LVTN16245B Datasheet
101Kb / 16P
   3.3 V 16-bit transceiver; 3-state
Rev. 01-29 July 2009
logo
Nexperia B.V. All right...
74LVTN16245B NEXPERIA-74LVTN16245B Datasheet
212Kb / 13P
   3.3 V 16-bit transceiver; 3-state
Rev. 6 - 30 October 2018
74LVTH16245B NEXPERIA-74LVTH16245B Datasheet
227Kb / 12P
   3.3 V 16-bit transceiver; 3-state
Rev. 12 - 12 August 2021
logo
NXP Semiconductors
74LVT16245B NXP-74LVT16245B Datasheet
182Kb / 19P
   3.3 V 16-bit transceiver; 3-state
Rev. 07-29 March 2010
logo
Nexperia B.V. All right...
74LVT16543A NEXPERIA-74LVT16543A Datasheet
243Kb / 15P
   3.3 V 16-bit registered transceiver; 3-state
Rev. 4 - 1 April 2021
logo
NXP Semiconductors
74LVT16646A PHILIPS-74LVT16646A_15 Datasheet
122Kb / 21P
   3.3 V 16-bit bus transceiver; 3-state
Rev. 03-12 January 2005
logo
Nexperia B.V. All right...
74LVT16646A NEXPERIA-74LVT16646A Datasheet
231Kb / 22P
   3.3 V 16-bit bus transceiver; 3-state
Rev. 03 - 12 January 2005
logo
NXP Semiconductors
74LVT16652A PHILIPS-74LVT16652A_15 Datasheet
122Kb / 21P
   3.3 V 16-bit bus transceiver/register; 3-state
Rev. 03-12 January 2005
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com