Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

74LVTH16374ABQ Datasheet(PDF) 9 Page - NXP Semiconductors

Part # 74LVTH16374ABQ
Description  3.3 V 16-bit edge-triggered D-type flip-flop; 3-state
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

74LVTH16374ABQ Datasheet(HTML) 9 Page - NXP Semiconductors

Back Button 74LVTH16374ABQ Datasheet HTML 5Page - NXP Semiconductors 74LVTH16374ABQ Datasheet HTML 6Page - NXP Semiconductors 74LVTH16374ABQ Datasheet HTML 7Page - NXP Semiconductors 74LVTH16374ABQ Datasheet HTML 8Page - NXP Semiconductors 74LVTH16374ABQ Datasheet HTML 9Page - NXP Semiconductors 74LVTH16374ABQ Datasheet HTML 10Page - NXP Semiconductors 74LVTH16374ABQ Datasheet HTML 11Page - NXP Semiconductors 74LVTH16374ABQ Datasheet HTML 12Page - NXP Semiconductors 74LVTH16374ABQ Datasheet HTML 13Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 19 page
background image
74LVT_LVTH16374A_7
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2010. All rights reserved.
Product data sheet
Rev. 07 — 22 March 2010
9 of 19
NXP Semiconductors
74LVT16374A; 74LVTH16374A
3.3 V 16-bit edge-triggered D-type flip-flop; 3-state
[1]
All typical values are at VCC = 3.3 V and Tamb = 25 °C.
[2]
tsu is the same as tsu(H) and tsu(L).
[3]
th is the same as th(H) and th(L).
[4]
tW is the same as tW(H) and tW(L).
11. Waveforms
tsu
set-up time
nDn to nCP; HIGH or LOW; see Figure 9
[2]
VCC = 3.3 V ± 0.3 V
2.0
0.7
-
ns
VCC = 2.7 V
2.0
-
-
ns
th
hold time
nDn to nCP; HIGH or LOW; see Figure 9
[3]
VCC = 3.3 V ± 0.3 V
0.8
0
-
ns
VCC = 2.7 V
0.1
-
-
ns
tW
pulse width
nCP HIGH; see Figure 7
[4]
VCC = 3.3 V ± 0.3 V
1.5
0.6
-
ns
VCC = 2.7 V
1.5
-
-
ns
nCP LOW; see Figure 7
VCC = 3.3 V ± 0.3 V
3.0
1.6
-
ns
VCC = 2.7 V
3.0
-
-
ns
Table 7.
Dynamic characteristics …continued
Voltages are referenced to GND (ground = 0 V); for test circuit see Figure 10.
Symbol
Parameter
Conditions
Min
Typ[1]
Max
Unit
Measurement points are given in Table 8.
VOL and VOH are typical voltage output levels that occur with the output load.
Fig 7.
Propagation delay clock input to output, clock pulse width and maximum clock frequency
001aaa256
nCP input
nQn output
tPHL
tPLH
tW
VOH
VI
GND
VOL
VM
VM
VM
1/fmax
Table 8.
Measurement points
Input
Output
VM
VM
VX
VY
1.5 V
1.5 V
VOL + 0.3 V
VOH − 0.3 V


Similar Part No. - 74LVTH16374ABQ

ManufacturerPart #DatasheetDescription
logo
Nexperia B.V. All right...
74LVTH16374A NEXPERIA-74LVTH16374A Datasheet
233Kb / 13P
   3.3 V 16-bit edge-triggered D-type flip-flop; 3-state
Rev. 12 - 6 August 2021
74LVTH16374ADGG NEXPERIA-74LVTH16374ADGG Datasheet
233Kb / 13P
   3.3 V 16-bit edge-triggered D-type flip-flop; 3-state
Rev. 12 - 6 August 2021
More results

Similar Description - 74LVTH16374ABQ

ManufacturerPart #DatasheetDescription
logo
Nexperia B.V. All right...
74LVT-LVTH16374A NEXPERIA-74LVT-LVTH16374A Datasheet
233Kb / 13P
   3.3 V 16-bit edge-triggered D-type flip-flop; 3-state
Rev. 12 - 6 August 2021
74ALVCH16374 NEXPERIA-74ALVCH16374 Datasheet
232Kb / 13P
   2.5 V/3.3 V 16-bit edge-triggered D-type flip-flop; 3-state
Rev. 7 - 23 November 2021
logo
NXP Semiconductors
74ALVCH16374 NXP-74ALVCH16374 Datasheet
158Kb / 17P
   2.5 V/3.3 V 16-bit edge-triggered D-type flip-flop; 3-state
Rev. 03-27 April 2010
logo
Texas Instruments
SN74LVTH16374-EP TI1-SN74LVTH16374-EP Datasheet
301Kb / 10P
[Old version datasheet]   3.3-V ABT 16-BIT EDGE-TRIGGERED D-TYPE FLIP-FLOP WITH 3-STATE OUTPUTS
logo
NXP Semiconductors
74AVC16374 PHILIPS-74AVC16374 Datasheet
84Kb / 16P
   16-bit edge triggered D-type flip-flop; 3.6 V tolerant; 3-state
2000 Mar 09
logo
Nexperia B.V. All right...
74LVC16374A-Q100 NEXPERIA-74LVC16374A-Q100 Datasheet
230Kb / 14P
   16-bit edge-triggered D-type flip-flop; 5 V tolerant; 3-state
74AVC16374 NEXPERIA-74AVC16374 Datasheet
1Mb / 16P
   16-bit edge triggered D-type flip-flop; 3.6 V tolerant; 3-state
Rev. 3 - 16 August 2013
74AVC16374-Q100 NEXPERIA-74AVC16374-Q100 Datasheet
772Kb / 16P
   16-bit edge triggered D-type flip-flop 3.6 V tolerant; 3-state
74LVC16374A NEXPERIA-74LVC16374A Datasheet
242Kb / 13P
   16-bit edge-triggered D-type flip-flop; 5 V tolerant; 3-state
Rev. 13 - 27 September 2021
logo
NXP Semiconductors
74LVT16374A PHILIPS-74LVT16374A Datasheet
86Kb / 10P
   3.3V LVT 16-bit edge-triggered D-type flip-flop 3-State
1999 Oct 18
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com